Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5907SNX-2.8 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP5907SNX-2.8
Description  ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907SNX-2.8 Datasheet(HTML) 2 Page - Texas Instruments

  LP5907SNX-2.8 Datasheet HTML 1Page - Texas Instruments LP5907SNX-2.8 Datasheet HTML 2Page - Texas Instruments LP5907SNX-2.8 Datasheet HTML 3Page - Texas Instruments LP5907SNX-2.8 Datasheet HTML 4Page - Texas Instruments LP5907SNX-2.8 Datasheet HTML 5Page - Texas Instruments LP5907SNX-2.8 Datasheet HTML 6Page - Texas Instruments LP5907SNX-2.8 Datasheet HTML 7Page - Texas Instruments LP5907SNX-2.8 Datasheet HTML 8Page - Texas Instruments LP5907SNX-2.8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
N/C
1
2
3
5
4
EN
GND
VIN
VOUT
SVA-30180519
W
B2
B1
A2
A1
VOUT
GND
VIN
VEN
B2
B1
A2
A1
VOUT
GND
VIN
VEN
TOP VIEW
BOTTOM VIEW
TOP MARKING
SVA-30180502
LP5907
SNVS798D – APRIL 2012 – REVISED NOVEMBER 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
CONNECTION DIAGRAMS
4-Bump Ultra-Thin micro SMD Package
Note: The actual physical placement of the package marking will vary from part to part.
5-Pin SOT23 Package
(Top View)
PIN DESCRIPTIONS
MICRO
SOT23
NAME
SMD
DESCRIPTION
PIN NO.
PIN NO.
VIN
A1
1
Input voltage supply. A 1-µF capacitor should be connected at this input.
Output voltage. A 1-µF Low ESR capacitor should be connected to this pin. Connect this output to
VOUT
A2
5
the load circuit. An internal 280-
Ω discharge resistor prevents a charge remaining on VOUT when
VEN is low.
VEN
B1
N/A
Enable input; disables the regulator when
≤0.4 V. Enables the regulator when ≥1.2 V. An internal
1-M
Ω pulldown resistor connects this input to ground.
EN
N/A
3
GND
B2
2
Common ground
N/C
N/A
4
No connect pin
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LP5907


Similar Part No. - LP5907SNX-2.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5907SNX-2.8/NOPB TI1-LP5907SNX-2.8/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow-Noise, 250-mA Linear Regulator
LP5907SNX-2.8/NOPB TI1-LP5907SNX-2.8/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   250-mA Ultra-Low-Noise, Low-IQ LDO
LP5907SNX-2.8/NOPB TI1-LP5907SNX-2.8/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   250-mA Ultra-Low-Noise, Low-IQ LDO
LP5907SNX-2.8/NOPB TI1-LP5907SNX-2.8/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907SNX-2.8/NOPB TI1-LP5907SNX-2.8/NOPB Datasheet
2Mb / 48P
[Old version datasheet]   250-mA, Ultra-Low-Noise, Low-IQ LDO
More results

Similar Description - LP5907SNX-2.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5907 TI1-LP5907 Datasheet
774Kb / 13P
[Old version datasheet]   Ultra Low-Noise, 250 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5907_15 TI-LP5907_15_15 Datasheet
1Mb / 36P
[Old version datasheet]   LP5907 Ultra Low-Noise, 250-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
logo
ON Semiconductor
NCP160 ONSEMI-NCP160 Datasheet
800Kb / 20P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
May, 2015 ??Rev. 6
logo
Texas Instruments
LP8900 TI-LP8900_15 Datasheet
1Mb / 23P
[Old version datasheet]   LP8900 Ultra-Low-Noise, Dual 200-mA Linear Regulator For RF and Analog Circuits
LP5907-Q1 TI-LP5907-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   LP5907-Q1 Ultra Low-Noise, 250-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
logo
National Semiconductor ...
LP8900 NSC-LP8900 Datasheet
351Kb / 14P
   Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits
LP5900 NSC-LP5900 Datasheet
645Kb / 10P
   Ultra Low Noise, 100 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
logo
Texas Instruments
LP5904 TI-LP5904_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5910 TI-LP5910_15 Datasheet
994Kb / 27P
[Old version datasheet]   LP5910 Ultra-Low-Noise, 300-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
LP5904 TI1-LP5904 Datasheet
4Mb / 17P
[Old version datasheet]   Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com