Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP7M9104 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TQP7M9104
Description  2W High Linearity Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP7M9104 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TQP7M9104 Datasheet HTML 1Page - TriQuint Semiconductor TQP7M9104 Datasheet HTML 2Page - TriQuint Semiconductor TQP7M9104 Datasheet HTML 3Page - TriQuint Semiconductor TQP7M9104 Datasheet HTML 4Page - TriQuint Semiconductor TQP7M9104 Datasheet HTML 5Page - TriQuint Semiconductor TQP7M9104 Datasheet HTML 6Page - TriQuint Semiconductor TQP7M9104 Datasheet HTML 7Page - TriQuint Semiconductor TQP7M9104 Datasheet HTML 8Page - TriQuint Semiconductor TQP7M9104 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TQP7M9104
2W High Linearity Amplifier
Data Sheet: Rev H 09/24/12
- 5 of 13-
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Application Circuit 920-960 MHz (TQP7M9104-PCB900)
C11
C10
R2
C9
C1
C7
C15
C3
U1
C17
C13
C14
1
2
3
4
5
6
GND/NC
18
17
16
15
14
13
RFout
RFout
RFout
GND/NC
Iref
Vbias
GND/NC
GND/NC
RFin
RFin
GND/NC
U1
C10
22 pF
R2
51
J2
RF
Input
C9
2.7 pF
C8
6.8 pF
J3
RF
Output
C2
8.2 pF
C3
4.7 pF
C7
10 uF
6032
C15
100 pF
L1
18 nH
0805
B1
0
C1
100 pF
C17
1000 pF
L3
0
R1
33 nH
0603
C13
0.1 uF
R7
110
C14
100 pF
L4
0
R3
0
R6
220
C11
100 pF
L5
6.8 nH
Vcc
+5V
D3
SM05T1G
Bill of Material
Ref Des
Value
Description
Manuf.
Part Number
n/a
n/a
Printed Circuit Board
TriQuint
1078282
n/a
n/a
Printed Circuit Board
TriQuint
1078282
D3
n/a
Zener, dual, SOT-23
various
C9
2.7 pF
Capacitor, Chip, 0603, ±0.05pF, 50 V, Accu-P
AVX
06035J2R7ABSTR
B1, L3, L4, R3
0 Ω
Resistor, Chip, 0603, 5%, 1/16W
various
L5
6.8 nH
Inductor, 0603, 5%
Toko
LL1608-FSL6N8
C3
4.7 pF
Capacitor, Chip, 0603, ±0.05pF, 50 V, Accu-P
AVX
06035J4R7ABSTR
C2, C8
8.2 pF
Capacitor, Chip, 0603, ±0.05pF, 50 V, Accu-P
AVX
06035J8R2ABSTR
C10
22 pF
Capacitor, Chip, 0603, 5%, 50 V, NPO/COG
various
C1, C11, C14, C15
100 pF
Capacitor, Chip, 0603, 5%, 50V, NPO/COG
various
L1
18 nH
Inductor, 1008, 5%, Coilcraft CS Series
Coilcraft
1008HQ-18NXJL
C17
1000 pF
Capacitor, Chip, 0603, 10%, 50V, NPO/COG
various
C13
0.1 uF
Capacitor, Chip, 0603, 50V, X5R, 10%
various
C7
10 uF
Capacitor , Tantalum, 6032, 35V, 10%
various
R2
51
Ω
Resistor, Chip, 0603, 5%, 1/16W
various
R6
220
Ω
Resistor, Chip, 0603, 1%, 1/16W
various
R7
110
Ω
Resistor, Chip, 0603, 1%, 1/16W
various
R1
33 nH
Inductor, 0603, 5%
Toko
LL1608-FSL33N
R8, R4, C12, C4,D3
n/a
Do Not Place
Notes:
1. See PC Board Layout under Application Information section for more information.
2. Components shown on the silkscreen but not on the schematic are not used.
3.
0 Ω resistors may be replaced with copper trace in the target application layout.
4. Iref can be used as device power down current by placing R7 at location R8.
5. The recommended component values are dependent upon the frequency of operation.
6. All components are of 0603 size unless stated on the schematic.
7. R1 is critical for device linearity performance.
8. Critical component placement locations:
Distance between center of C8 and U1 device package is 190 mil (9.2° at 940MHz)
Distance between center of L5 and U1 device package is 452 mil (21.8° at 940MHz)
Distance between center of C2 and U1 device package is 305 mil (14.7° at 940MHz)
Distance between center of C9 and U1 device package is 275 mil (13.3° at 940MHz)


Similar Part No. - TQP7M9104

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP7M9104 TRIQUINT-TQP7M9104 Datasheet
730Kb / 13P
   2W High Linearity Amplifier
logo
Qorvo, Inc
TQP7M9104 QORVO-TQP7M9104 Datasheet
808Kb / 17P
   2W High-Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9104-PCB2140 TRIQUINT-TQP7M9104-PCB2140 Datasheet
730Kb / 13P
   2W High Linearity Amplifier
logo
Qorvo, Inc
TQP7M9104-PCB2140 QORVO-TQP7M9104-PCB2140 Datasheet
808Kb / 17P
   2W High-Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9104-PCB900 TRIQUINT-TQP7M9104-PCB900 Datasheet
730Kb / 13P
   2W High Linearity Amplifier
More results

Similar Description - TQP7M9104

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP7M9104 QORVO-TQP7M9104 Datasheet
808Kb / 17P
   2W High-Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9104 TRIQUINT-TQP7M9104_15 Datasheet
730Kb / 13P
   2W High Linearity Amplifier
AH322 TRIQUINT-AH322 Datasheet
447Kb / 8P
   2W High Linearity InGaP HBT Amplifier
AH323-G TRIQUINT-AH323-G_15 Datasheet
1Mb / 17P
   2W High Linearity 5V 2-Stage Amplifier
logo
BeRex Corporation
BMT332 BEREX-BMT332_18 Datasheet
2Mb / 25P
   700-2400 MHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT333 BEREX-BMT333_18 Datasheet
1Mb / 20P
   1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT333 BEREX-BMT333 Datasheet
1Mb / 20P
   1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT332 BEREX-BMT332 Datasheet
2Mb / 25P
   700-2400 MHz 2W High Linearity 5V 2-Stage Power Amplifier
logo
NXP Semiconductors
MMG15241H NXP-MMG15241H Datasheet
666Kb / 18P
   High Linearity Amplifier
Rev. 2, 9/2014
MMG20271H9 NXP-MMG20271H9 Datasheet
784Kb / 18P
   High Linearity Amplifier
Rev. 1, 9/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com