Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP369181-PCB Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TQP369181-PCB
Description  DC-6 GHz Gain Block
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP369181-PCB Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TQP369181-PCB Datasheet HTML 1Page - TriQuint Semiconductor TQP369181-PCB Datasheet HTML 2Page - TriQuint Semiconductor TQP369181-PCB Datasheet HTML 3Page - TriQuint Semiconductor TQP369181-PCB Datasheet HTML 4Page - TriQuint Semiconductor TQP369181-PCB Datasheet HTML 5Page - TriQuint Semiconductor TQP369181-PCB Datasheet HTML 6Page - TriQuint Semiconductor TQP369181-PCB Datasheet HTML 7Page - TriQuint Semiconductor TQP369181-PCB Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TQP369181
DC-6 GHz Gain Block
Data Sheet: Rev C 12/09/11
-
2 of 8 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Specifications
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
-55 to 150 oC
RF Input Power,CW,50 Ω,T=25ºC
+27 dBm
Device Voltage, Vdevice
5.2 V
Operation of this device outside the parameter ranges given
above may cause permanent damage.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Tcase
-40
+85
oC
Tj (for>106 hours MTTF)
+160
oC
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Electrical Specifications
Test conditions unless otherwise noted: ICC = 45 mA, TCASE = +25ºC, 50 Ω system.
Parameter
Conditions
Min
Typical
Max
Units
Operational Frequency Range
DC
6000
MHz
Test Frequency
1900
MHz
Gain
13.8
15.3
16.8
dB
Input Return Loss
-30
dB
Output Return Loss
-24
dB
Output P1dB
+14.6
dBm
Output IP3
See Note 1.
+26.0
+29.0
dBm
Noise Figure
3.6
dB
Device Voltage, Vdevice
3.9
4.5
V
Current, Icc
45
mA
Thermal Resistance (jnc to case) θjc
226
oC/W
Notes:
1. OIP3 is measured with two tones at an output power of 0 dBm / tone separated by 1 MHz. The suppression on the largest IM3 product
is used to calculate the OIP3 using 2:1 rule. 2:1 rule gives relative value with respect to fundamental tone.


Similar Part No. - TQP369181-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP369181-PCB TRIQUINT-TQP369181-PCB Datasheet
907Kb / 8P
   DC-6 GHz Gain Block
More results

Similar Description - TQP369181-PCB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP369184 QORVO-TQP369184 Datasheet
785Kb / 10P
   DC ??6 GHz Gain Block
June 25, 2020
logo
TriQuint Semiconductor
TQP369180 TRIQUINT-TQP369180 Datasheet
695Kb / 8P
   DC-6 GHz Gain Block
TQP369182 TRIQUINT-TQP369182_15 Datasheet
387Kb / 8P
   DC-6 GHz Gain Block
TQP369184 TRIQUINT-TQP369184_15 Datasheet
717Kb / 8P
   DC-6 GHz Gain Block
logo
Qorvo, Inc
TQP369185 QORVO-TQP369185 Datasheet
659Kb / 10P
   DC ??6 GHz Gain Block
May 14, 2021
logo
TriQuint Semiconductor
TQP369181 TRIQUINT-TQP369181_15 Datasheet
907Kb / 8P
   DC-6 GHz Gain Block
TQP369185 TRIQUINT-TQP369185_15 Datasheet
554Kb / 8P
   DC-6 GHz Gain Block
logo
Qorvo, Inc
TQP369182 QORVO-TQP369182 Datasheet
751Kb / 10P
   DC ??6 GHz Gain Block
January 28, 2022
logo
TriQuint Semiconductor
TQP369182 TRIQUINT-TQP369182 Datasheet
691Kb / 8P
   DC-6 GHz Gain Block
TQP369184 TRIQUINT-TQP369184 Datasheet
858Kb / 8P
   DC-6 GHz Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com