Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP369184-PCB Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQP369184-PCB
Description  DC-6 GHz Gain Block
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP369184-PCB Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQP369184-PCB Datasheet HTML 1Page - TriQuint Semiconductor TQP369184-PCB Datasheet HTML 2Page - TriQuint Semiconductor TQP369184-PCB Datasheet HTML 3Page - TriQuint Semiconductor TQP369184-PCB Datasheet HTML 4Page - TriQuint Semiconductor TQP369184-PCB Datasheet HTML 5Page - TriQuint Semiconductor TQP369184-PCB Datasheet HTML 6Page - TriQuint Semiconductor TQP369184-PCB Datasheet HTML 7Page - TriQuint Semiconductor TQP369184-PCB Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TQP369184
DC-6 GHz Gain Block
Data Sheet: Rev C 12/09/11
-
1 of 8 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Applications
SOT-363 Package
Wireless Infrastructure
CATV / SATV / MoCA
Point to Point
Defense & Aerospace
Test & Measurement Equipment
General Purpose Wireless
Product Features
Functional Block Diagram
DC-6000 MHz
Flat, broadband frequency response
20.3 dB Gain @ 1.9 GHz
3.9 dB Noise Figure @ 1.9 GHz
+28.5 dBm Output IP3 @ 1.9 GHz
+15.5 dBm P1dB @ 1.9 GHz
50 Ohm Cascadable Gain Block
Single Supply, 45 mA Current
SOT-363 Package
General Description
Pin Configuration
The TQP369184 is a general-purpose buffer amplifier
that offers high dynamic range in a low-cost surface-
mount package. At 1.9 GHz, the amplifier typically
provides 20.3 dB gain, +28.5 dBm OIP3, and 3.9 dB
Noise Figure while drawing 45 mA current. The device
combines dependable performance with consistent quality
to maintain MTTF values exceeding 100 years at
mounting temperatures of +85°C. The device is housed
in a lead-free/green/RoHS-compliant industry-standard
SOT-363 package.
The TQP369181 consists of a Darlington-pair amplifier
using the high reliability InGaP/GaAs HBT process
technology. Only DC-blocking capacitors, a bias resistor,
and an inductive RF choke are required for operation.
This broadband MMIC amplifier can be directly applied
to various current and next generation wireless
technologies such as CDMA, W-CDMA, and LTE. In
addition, the TQP369184 will work for other applications
within the DC to 6 GHz frequency range.
Pin #
Symbol
3
RF IN
6
RF OUT
1, 2, 4, 5
GND
Ordering Information
Part No.
Description
TQP369184
InGaP/GaAs HBT Gain Block
TQP369184-PCB
0.5-4 GHz Evaluation Board
Standard T/R size = 3000 pieces on a 7” reel


Similar Part No. - TQP369184-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP369184-PCB TRIQUINT-TQP369184-PCB Datasheet
717Kb / 8P
   DC-6 GHz Gain Block
logo
Qorvo, Inc
TQP369184-PCB QORVO-TQP369184-PCB Datasheet
785Kb / 10P
   DC ??6 GHz Gain Block
June 25, 2020
More results

Similar Description - TQP369184-PCB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP369184 QORVO-TQP369184 Datasheet
785Kb / 10P
   DC ??6 GHz Gain Block
June 25, 2020
logo
TriQuint Semiconductor
TQP369180 TRIQUINT-TQP369180 Datasheet
695Kb / 8P
   DC-6 GHz Gain Block
TQP369182 TRIQUINT-TQP369182_15 Datasheet
387Kb / 8P
   DC-6 GHz Gain Block
TQP369184 TRIQUINT-TQP369184_15 Datasheet
717Kb / 8P
   DC-6 GHz Gain Block
logo
Qorvo, Inc
TQP369185 QORVO-TQP369185 Datasheet
659Kb / 10P
   DC ??6 GHz Gain Block
May 14, 2021
logo
TriQuint Semiconductor
TQP369181 TRIQUINT-TQP369181_15 Datasheet
907Kb / 8P
   DC-6 GHz Gain Block
TQP369185 TRIQUINT-TQP369185_15 Datasheet
554Kb / 8P
   DC-6 GHz Gain Block
logo
Qorvo, Inc
TQP369182 QORVO-TQP369182 Datasheet
751Kb / 10P
   DC ??6 GHz Gain Block
January 28, 2022
logo
TriQuint Semiconductor
TQP369181 TRIQUINT-TQP369181 Datasheet
897Kb / 8P
   DC-6 GHz Gain Block
TQP369182 TRIQUINT-TQP369182 Datasheet
691Kb / 8P
   DC-6 GHz Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com