Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX31782 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX31782
Description  System Management Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31782 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX31782_12 Datasheet HTML 1Page - Maxim Integrated Products MAX31782_12 Datasheet HTML 2Page - Maxim Integrated Products MAX31782_12 Datasheet HTML 3Page - Maxim Integrated Products MAX31782_12 Datasheet HTML 4Page - Maxim Integrated Products MAX31782_12 Datasheet HTML 5Page - Maxim Integrated Products MAX31782_12 Datasheet HTML 6Page - Maxim Integrated Products MAX31782_12 Datasheet HTML 7Page - Maxim Integrated Products MAX31782_12 Datasheet HTML 8Page - Maxim Integrated Products MAX31782_12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
System Management Microcontroller
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 5.5V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at VDD = 3.3V, TA = +25NC, unless otherwise
noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
System Clock Startup
tSU:MOSC From POR, MOSC inactive
1000
MOSC
Cycles
Output Logic-Low
VOL
IOL = 4mA (Note 1)
0.4
V
Output Logic-High (all pins
except SDA, SLL, MSDA, MSCL)
VOH
IOH = -2mA (Note 1)
VDD -
0.5
V
GPIO Mode Pullup Current
IPU
VPIN = VSS, VDD = 3.3V
38
55
107
F
A
ADC Voltage Conversion Time
tCONV_V
(Note 4)
137
150
µs
ADC Temperature Conversion
Time
tCONV_T
(Note 4)
7
ms
ADC Internal Reference
1.225
V
ADC Voltage Measurement Error
VERR
-1
+1
%
ADC Internal Reference
Temperature Drift
-0.5
+0.5
%
ADC Internal Reference Initial
Accuracy (+25NC)
-1
+1
mV
ADC External Reference Buffer
Accuracy
(Note 5)
Q
0.25
%
ADC Operating Current
IADC
This current is in addition to ICPU
2.2
mA
ADC Full-Scale Input Voltage
(Note 6)
VFS
ADGAIN = 0, factory set, internal reference
1.213
1.225
1.237
V
ADGAIN = 1, factory set, internal reference
5.445
5.5
5.555
ADC Measurement Resolution
VLSB
ADGAIN = 0
300
F
V
ADGAIN = 1
1343
ADC Bit Resolution
12
Bits
AD0P–AD5P Input Resistance
RIN
15
MI
ADC Integral Nonlinearity
INL
(Note 7)
Q
8
LSB
ADC Offset
VOFFSET
Q
2
LSB
Internal Temperature
Measurement Error
TA = -40NC to +85NC
-3
+3
N
C
Remote Temperature
Measurement Error
(MAX31782 Error Only)
TA = 0NC to +60NC,
TDIODE = +60NC to +120NC
-1.5
+1.5
N
C
TA = 0NC to +60NC,
TDIODE = -45NC to +120NC
-1.75
+1.75
TA = -40NC to +85NC,
TDIODE = +60 to +120NC
-2.75
+2.75
TA = -40NC to +85NC,
TDIODE = -45NC to +120NC
-3.0
+3.0


Similar Part No. - MAX31782_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31782 MAXIM-MAX31782_11 Datasheet
1Mb / 20P
   System Management Microcontroller
Rev 1; 11/11
More results

Similar Description - MAX31782_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31782 MAXIM-MAX31782 Datasheet
1Mb / 20P
   System Management Microcontroller
Rev 0; 6/10
MAX31782 MAXIM-MAX31782_11 Datasheet
1Mb / 20P
   System Management Microcontroller
Rev 1; 11/11
logo
Level One
CMS LVL1-CMS Datasheet
1Mb / 2P
   Central Management System
logo
Exar Corporation
XRP7725 EXAR-XRP7725 Datasheet
3Mb / 34P
   Power Management System
logo
STMicroelectronics
AN2202 STMICROELECTRONICS-AN2202 Datasheet
128Kb / 12P
   STR73x microcontroller power management
AN2100 STMICROELECTRONICS-AN2100 Datasheet
254Kb / 23P
   STR71x microcontroller power management
logo
Analog Devices
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
   GSM Power Management System
REV. 0
logo
Silicon Standard Corp.
SS8000G SSC-SS8000G Datasheet
797Kb / 14P
   GSM Power-Management System
logo
STMicroelectronics
L9961 STMICROELECTRONICS-L9961 Datasheet
2Mb / 63P
   Battery management system solution
October 2022 Rev 1
logo
Analog Devices
ADP3402 AD-ADP3402_15 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com