Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KT2520F26000ACV18TXX Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # KT2520F26000ACV18TXX
Description  Temperature Compensated Crystal Oscillators (TCXO)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KT2520F26000ACV18TXX Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  KT2520F26000ACV18TXX Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Temperature Compensated Crystal Oscillators (TCXO)
Surface Mount Type TCXO (LSI Type) KT2520 Series for GPS
2.5
×2.0mm
RoHS Compliant
Features
• Miniature SMD type
(2.5
×2.0×0.8mm)
• Freq. temp. characteristics.
:
±0.5×10-6/ -30 to +85°C
• 1.68 to 3.6V drive available
• Reflow compatible
• Temperature sensor output (Option)
• Disable Function (Option)
• Lower Operating Temp.
-40°C (Option)
Applications
• GPS Units
How to Order
KT2520F 26000 A C W 18 T xx
② ③ ④ ⑤ ⑥ ⑦ ⑧
① Series
② Output Frequency
③ Freq. Temp. Chrst.
A
±0.5×10-6
④ Lower Operating Temp.
C
-30°C
E
-20°C
G
-10°C
⑤ Upper Operating Temp.
W
+85°C
V
+80°C
U
+75°C
⑥ Supply Voltage
18 1.8V 28 2.8V
⑦ Voltage Control Range
T
TCXO
⑧ Option Code
  Packaging (Tape & Reel 3000 pcs./ reel)

Specifications
Item
Symbol
Conditions
Min.
Max.
Units
Output Frequency Range
fo
Standard Frequency: 16.368, 16.369, 19.2, 23.104, 26, 27.456, 33.6, 38.4, 52
13
52
MHz
Frequency Tolerance
f_tol
vs Temperature
-0.5
+0.5
×10-6
vs Load
-0.1
+0.1
vs Voltage
-0.2
+0.2
Frequency Aging
f_age
Per Year
-1
+1
×10-6
Storage Temperature Range
T_stg
-40
+85
°C
Operating Temperature Range
T_use
-30
+85
°C
Supply Voltage
VCC
1.68
3.6
V
Output Level
Vpp
Clipped Sine*, Load: 10k ohm / / 10pF
0.8
Vp-p
Current Consumption
ICC
2
mA
Harmonics
-5
dBc
* : A DC-cut capacitor is not embedded in this crystal oscillator. Connect a DC-cut capacitor (≥1nF) to the line-out terminal of the oscillator.
Dimensions
(Unit: mm)
Pin Configuration
#1pin GND/ E/ D function
#3pin GND
#4pin OUTPUT
#6pin Vcc
#2/5pin N.C.
2.50±0.15
0.35
0.35
0.65
0.50
0.65
#1
#2
#3
#6
#5
#4
#6
#5
#4
#1
#2
#3
Marking Area
Marking Area
Test Circuit
RL=10kΩ±10% CL=10pF±10%
CL include Probe Capacitance
Co: DC Cut Capacitance
Spectrum Analyzer &
Counter, Oscilloscope
A
V
1
3
6
4
2
5
TCXO
CL
Co
POWER
SUPPLY
Vcc
FET
PROBE
RL
E/ D
Test circuit 1
Non Enable/ Disable Function
Enable/ Disable Function
Please inquire details
Spectrum Analyzer &
Counter, Oscilloscope
A
V
1
3
6
4
2
5
TCXO
CL
Co
POWER
SUPPLY
Vcc
FET
PROBE
RL
Test circuit 2
With Enable/ Disable Function
Recommended Land Pattern (Unit: mm)
0.55
0.55
0.7
0.50
0.50
1.80
Note: A capacitor of value 0.01µF between VCC
and GND is recommended.


Similar Part No. - KT2520F26000ACV18TXX

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KT2520 KSS-KT2520 Datasheet
73Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
List of Unclassifed Man...
KT2520Y16368ACW28TMA ETC2-KT2520Y16368ACW28TMA Datasheet
6Mb / 212P
   MT6516 Design Notice V1.0
More results

Similar Description - KT2520F26000ACV18TXX

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AN-XC2XXXX-X NEL-AN-XC2XXXX-X Datasheet
162Kb / 3P
   temperature compensated crystal oscillators (TCXO/VCTCXO)
logo
Fox Electronics
FOX759 FOX-FOX759 Datasheet
423Kb / 1P
   TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
FOX729 FOX-FOX729 Datasheet
219Kb / 1P
   TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
logo
Vectron International, ...
TC400 VECTRON-TC400 Datasheet
102Kb / 2P
   Temperature Compensated Crystal Oscillators (TCXO?셲)
logo
Nel Frequency Controls,...
AN-XA32CXXX-X NEL-AN-XA32CXXX-X Datasheet
161Kb / 3P
   temperature compensated crystal oscillators (TCXO/VCTCXO)
logo
MTRONPTI
MTCO25A MTRONPTI-MTCO25A Datasheet
59Kb / 1P
   Surface Mount Temperature Compensated Crystal Oscillators (TCXO)
logo
Vectron International, ...
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
6825 VECTRON-6825 Datasheet
457Kb / 4P
   Temperature Compensated Crystal Oscillators
logo
MTRONPTI
MTCO31 MTRONPTI-MTCO31 Datasheet
59Kb / 1P
   Dual In Line Package Temperature Compensated Crystal Oscillators (TCXO)
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
   Temperature Compensated Crystal Oscillators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com