Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0280-2-17-01-06-01-02-0 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp.

Part # 0280-2-17-01-06-01-02-0
Description  WRAPOST RECEPTACLES for .022??- .032??diameter pins (#06 contact) and .022??- .034??diameter pins (#16 contact)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

0280-2-17-01-06-01-02-0 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

  0280-2-17-01-06-01-02-0 Datasheet HTML 1Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PINS
A HI
C
SIO
N
WRAPOST RECEPTACLES
for .022” - .032” diameter pins (#06 contact)
and .022” - .034” diameter pins (#16 contact)
www.mill-max.com
 516-922-6000
168
2297-X-17-XX-16-XX-02-0
Press-fit in .067 mounting hole
2297
0281-3-17-XX-06-XX-02-0
Press-fit in .080 mounting hole
0281
0280-X-17-XX-06-XX-02-0
Press-fit in .081 mounting hole
0280
SPECIFICATIONS
SHELL MATERIAL:
Brass Alloy 360, 1/2 Hard
CONTACT MATERIAL:
Beryllium Copper Alloy 172, HT
DIMENSION IN INCHES
TOLERANCES ON:
LENGTHS:
±.005
DIAMETERS: ±.002
ANGLES:
± 2°
Basic Part
Number
# of
Wraps
Length
A
2297-2
2297-3
2
3
.370
.430
Basic Part
Number
# of
Wraps
Length
A
0280-2
0280-3
2
3
.360
.510
ORDER CODE: XXXX - X - 17 - XX - XX - XX - 02 - 0
BASIC PART #
SPECIFY SHELL FINISH:
SPECIFY CONTACT FINISH:
01 200
μ” TIN/LEAD OVER NICKEL
01 200
μ” TIN/LEAD OVER NICKEL
 80 200μ” TIN OVER NICKEL (RoHS)
 80 200μ” TIN OVER NICKEL (RoHS)
 15 10μ” GOLD OVER NICKEL (RoHS)
 27 30μ” GOLD OVER NICKEL (RoHS)
SELECT CONTACT
#06 or #16 CONTACT (DATA ON PAGES 221 & 222)
RoHS
2002/95/EC


Similar Part No. - 0280-2-17-01-06-01-02-0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
02800 ETC2-02800 Datasheet
357Kb / 3P
   Wide-Vue Style Analog Panel Meters
logo
STEGO Elektrotechnik Gm...
02800.0-00 STEGO-02800.0-00 Datasheet
698Kb / 1P
   COMPACT SEMICONDUCTOR FAN HEATER
05.03.2020
02800.9-00 STEGO-02800.9-00 Datasheet
698Kb / 1P
   COMPACT SEMICONDUCTOR FAN HEATER
05.03.2020
logo
Littelfuse
02800002Z LITTELFUSE-02800002Z Datasheet
255Kb / 1P
   MICROFUSE FUSE POSTS (BACK PANEL MTG.)
02800003Z LITTELFUSE-02800003Z Datasheet
255Kb / 1P
   MICROFUSE FUSE POSTS (BACK PANEL MTG.)
More results

Similar Description - 0280-2-17-01-06-01-02-0

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
168N MILL-MAX-168N Datasheet
71Kb / 1P
   WRAPOST RECEPTACLES for .022??- .032??diameter pins (#06 contact) and .022??- .034??diameter pins (#16 contact)
0293-0-15-15-16-27-10-0 MILL-MAX-0293-0-15-15-16-27-10-0 Datasheet
157Kb / 1P
   PIN RECEPTACLES for .022??- .034??diameter pins and .025??square pins
145N MILL-MAX-145N Datasheet
94Kb / 1P
   PIN RECEPTACLES for .022??- .032??diameter pins
0298-4-15-15-06-27-10-0 MILL-MAX-0298-4-15-15-06-27-10-0 Datasheet
94Kb / 1P
   PIN RECEPTACLES for .022??- .032??diameter pins
0297-0-15-15-06-27-04-0 MILL-MAX-0297-0-15-15-06-27-04-0 Datasheet
81Kb / 1P
   PIN RECEPTACLES for .022??- .032??diameter pins
0306-0-19-15-16-27-10-0 MILL-MAX-0306-0-19-15-16-27-10-0 Datasheet
157Kb / 1P
   PIN RECEPTACLES for .022??- .034??diameter pins and .025??square pins
146N MILL-MAX-146N Datasheet
157Kb / 1P
   PIN RECEPTACLES for .022??- .034??diameter pins and .025??square pins
0496-0-15-15-23-27-10-0 MILL-MAX-0496-0-15-15-23-27-10-0 Datasheet
113Kb / 1P
   PIN RECEPTACLES for .048??- .064??diameter pins (#13 contact) and .045??- .065??diameter pins (#23 contact)
0312-0-15-01-34-01-10-0 MILL-MAX-0312-0-15-01-34-01-10-0 Datasheet
99Kb / 1P
   PIN RECEPTACLES for .032??- .046??diameter pins
0038-3-17-01-30-27-02-0 MILL-MAX-0038-3-17-01-30-27-02-0 Datasheet
97Kb / 1P
   WRAPOST RECEPTACLES for .015??- .025??diameter pins
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com