Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91550DNF-1 Datasheet(PDF) 2 Page - Winbond

Part # W91550DNF-1
Description  13-MEMORY TONE/PULSE DIALER WITH LCD AND LOCK FUNCTION
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91550DNF-1 Datasheet(HTML) 2 Page - Winbond

  W91550DNF-1 Datasheet HTML 1Page - Winbond W91550DNF-1 Datasheet HTML 2Page - Winbond W91550DNF-1 Datasheet HTML 3Page - Winbond W91550DNF-1 Datasheet HTML 4Page - Winbond W91550DNF-1 Datasheet HTML 5Page - Winbond W91550DNF-1 Datasheet HTML 6Page - Winbond W91550DNF-1 Datasheet HTML 7Page - Winbond W91550DNF-1 Datasheet HTML 8Page - Winbond W91550DNF-1 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
W91550DN SERIES
- 2 -
PIN CONFIGURATION
1
20
33
52
64
NO.
NAME
NO.
NAME
NO.
NAME
NO.
NAME
1
KMUTE
17
5C
33
10C
49
C6
2
COM3
18
6A
34
VSS
50
R1
3
1A
19
6B
35
DTMF
51
R2
4
1B
20
6C
36
B/M
52
R3
5
1C
21
7A
37
TEST
53
R4
6
2A
22
7B
38
VDD
54
XT
7
2B
23
7C
39
HPM MUTE
55
XT
8
2C
24
8A
40
T/P MUTE
56
HKS
9
3A
25
8B
41
ATS
57
HFI
10
3B
26
S/ M
42
DP
58
HFO
11
3C
27
8C
43
MODE
59
VLCD
12
4A
28
9A
44
C1
60
CP
13
4B
29
9B
45
C2
61
CN
14
4C
30
9C
46
C3
62
COM1
15
5A
31
10A
47
C4
63
COM2
16
5B
32
10B
48
C5
64
LOCK


Similar Part No. - W91550DNF-1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
W91500J BOURNS-W91500J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
Winbond
W91510 WINBOND-W91510 Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
W91510 WINBOND-W91510 Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510AN WINBOND-W91510AN Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
More results

Similar Description - W91550DNF-1

ManufacturerPart #DatasheetDescription
logo
Winbond
W91530N WINBOND-W91530N Datasheet
228Kb / 19P
   13-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK,AND HANDFREE FUNCTION
W91430N WINBOND-W91430N Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
KODENSHI_AUK CORP.
KK91350A KODENSHI-KK91350A Datasheet
636Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W9145 WINBOND-W9145 Datasheet
209Kb / 18P
   15-MEMORY TONE/PULSE DIALER WITH LOCK AND HANDFREE FUNCTION
logo
ARTSCHIP ELECTRONICS CO...
W91350N ARTSCHIP-W91350N Datasheet
3Mb / 15P
   13-MEMORY TONE/PULSE DIALER
logo
Winbond
W91820N WINBOND-W91820N Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91473 WINBOND-W91473 Datasheet
236Kb / 20P
   14-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND LOCK FUNCTION
W91330N WINBOND-W91330N Datasheet
213Kb / 17P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND KEY TONE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com