Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91561DLNF Datasheet(PDF) 4 Page - Winbond

Part # W91561DLNF
Description  3-MEMORY TONE/PULSE DIALER WITH RTC AND LCD DISPALY FUNCTIONS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91561DLNF Datasheet(HTML) 4 Page - Winbond

  W91561DLNF Datasheet HTML 1Page - Winbond W91561DLNF Datasheet HTML 2Page - Winbond W91561DLNF Datasheet HTML 3Page - Winbond W91561DLNF Datasheet HTML 4Page - Winbond W91561DLNF Datasheet HTML 5Page - Winbond W91561DLNF Datasheet HTML 6Page - Winbond W91561DLNF Datasheet HTML 7Page - Winbond W91561DLNF Datasheet HTML 8Page - Winbond W91561DLNF Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Preliminary W91560DN SERIES
- 4 -
Pin Description, continued
SYM.
PIN NO.
I/O
FUNCTION
MODE
12
I
Pulling the mode pin to VSS places the dialer in tone mode.
Pulling the mode pin to VDD places the dialer in pulse mode (10
ppS, M/B = 2:3).
Floating the mode pin places the dialer in pulse mode (10 ppS, M/B
= 1:2).
HFI
,
HFO
25, 10
I, O
Handfree control pins. A low pulse on the HFI input pin toggles
the handfree control state.
Status of the handfree control is listed in the following table:
CURRENT STATE
Input
HFO
Dialing
High
Yes
On Hook
High
Low
No
Off Hook
High
Low
Yes
On Hook
Off Hook
Low
Yes
Off Hook
Low
On Hook
Low
No
Off Hook
High
On Hook
High
Yes
Low
Hook SW.
HFO
NEXT STATE
HFI
HFI
HFI
HFI
pin is pulled to VDD by internal resistor.
Detailed timing diagrams are shown in Figure 4(a), 4(b).
DP
/ C6
11
O
This pin is a CMOS N-channel open drain output. The flash key will
cause DP to go active in either pulse mode or tone mode. In lock
mode, the DP keeps low for 300 mS during off-hook delay time.
The timing diagram is shown as Figure 1(a), 1(b), 1(c), 1(d).
DTMF
6
O
In pulse mode, this pin remains in low state at all times.
In tone mode, it will output a dual or single tone. The detailed
timing
diagram for tone mode is shown in Figure 2(a), 2(b), 2(c), 2(d).
Specified
Actual
Error %
Output Frequency
+0.28
R1
R2
R3
R4
C1
C2
C3
697
770
852
941
1209
1336
1477
699
766
848
948
1216
1332
1472
-0.52
-0.47
+0.74
+0.57
-0.30
-0.34
VLCD
29
O
Power supply pin for LCD driver.
A 0.1
µF capacitor is connected between VLCD and VSS.


Similar Part No. - W91561DLNF

ManufacturerPart #DatasheetDescription
logo
Winbond
W91561ALN WINBOND-W91561ALN Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91561LN WINBOND-W91561LN Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
More results

Similar Description - W91561DLNF

ManufacturerPart #DatasheetDescription
logo
Winbond
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
W91570DN WINBOND-W91570DN Datasheet
709Kb / 45P
   23-MEMORY TONE/PULSE DIALER WITH AUTOREDIAL REC AND LCD DISPLAY FUNCTIONS
W91560N WINBOND-W91560N Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91820N WINBOND-W91820N Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91580 WINBOND-W91580 Datasheet
216Kb / 19P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND HOLD FUNCTIONS
W91810N WINBOND-W91810N Datasheet
238Kb / 26P
   23-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91550DN WINBOND-W91550DN Datasheet
468Kb / 32P
   13-MEMORY TONE/PULSE DIALER WITH LCD AND LOCK FUNCTION
W91590 WINBOND-W91590 Datasheet
226Kb / 20P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE, HOLD AND LOCK FUNCTIONS
W91F810N WINBOND-W91F810N Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F820N WINBOND-W91F820N Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com