Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91542AN Datasheet(PDF) 8 Page - Winbond

Part # W91542AN
Description  10-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE,LOCK AND HANDFREE FUNCTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91542AN Datasheet(HTML) 8 Page - Winbond

Back Button W91542AN Datasheet HTML 4Page - Winbond W91542AN Datasheet HTML 5Page - Winbond W91542AN Datasheet HTML 6Page - Winbond W91542AN Datasheet HTML 7Page - Winbond W91542AN Datasheet HTML 8Page - Winbond W91542AN Datasheet HTML 9Page - Winbond W91542AN Datasheet HTML 10Page - Winbond W91542AN Datasheet HTML 11Page - Winbond W91542AN Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
W91540N SERIES
- 8 -
Repertory Dialing
OFF HOOK
, (or
ON HOOK
&
HFI ¡õ
),
SAVE
1. The content of save memory location will be dialed out.
OFF HOOK
, (or
ON HOOK
&
HFI ¡õ
),
A
,
Ln
2. The content of memory location Ln will be dialed out.
Access Pause
OFF HOOK
, (or
ON HOOK
&
HFI ¡õ
),
D1
,
D2
, R/P
,
D3
, ...,
Dn
1. The pause function can be stored as a digit in memory.
2. The pause function is executed in normal dialing or redialing or memory dialing.
3. The pause function timing diagram is shown in Figure 4.
Pulse-to-tone (*/T)
OFF HOOK
, (or
ON HOOK
&
HFI ¡õ
),
D1
, D2
, ...,
Dn
, */T
, D1'
, D2'
, ...,
Dn'
1. If the mode switch is set to pulse mode, then the output signal will be as follows:
All versions except W91544AN:
D1, D2, ..., Dn, Pause, D1', D2', ..., Dn'
(Pulse)
(Tone)
W91544AN:
D1, D2, ..., Dn, *, D1', D2', ..., Dn'
(Pulse)
(Tone) (Tone)
2. If the mode switch is set to tone mode, then the output signal will be as follows:
D1, D2, ..., Dn, *, D1', D2', ..., Dn'
(Tone)
(Tone)
3. The dialer remains in tone mode when the digits have been dialed out and can be reset to pulse
mode only by going on-hook.
4. The function timing diagram is shown in Figure 5(a, b).
Flash
OFF HOOK
, (or
ON HOOK
&
HFI ¡õ
),
Fn
1. Fn = F1, ..., F4.
2. If
Fn
is pressed, the dialer will execute a flash break time of 600 mS (F1), 300 mS (F2), 73
mS
(F3), or 100 mS (F4). In each case the flash pause time is 1.0 second.


Similar Part No. - W91542AN

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
W91500J BOURNS-W91500J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
Winbond
W91510 WINBOND-W91510 Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
W91510 WINBOND-W91510 Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510AN WINBOND-W91510AN Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
More results

Similar Description - W91542AN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91530N WINBOND-W91530N Datasheet
228Kb / 19P
   13-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK,AND HANDFREE FUNCTION
W91560N WINBOND-W91560N Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W9145 WINBOND-W9145 Datasheet
209Kb / 18P
   15-MEMORY TONE/PULSE DIALER WITH LOCK AND HANDFREE FUNCTION
W91440N WINBOND-W91440N Datasheet
163Kb / 14P
   10-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
logo
Silan Microelectronics ...
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
   13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
logo
Winbond
W91340N WINBOND-W91340N Datasheet
194Kb / 15P
   10-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91473 WINBOND-W91473 Datasheet
236Kb / 20P
   14-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND LOCK FUNCTION
W91330N WINBOND-W91330N Datasheet
213Kb / 17P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND KEY TONE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com