Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91542AN Datasheet(PDF) 9 Page - Winbond

Part # W91542AN
Description  10-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE,LOCK AND HANDFREE FUNCTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91542AN Datasheet(HTML) 9 Page - Winbond

Back Button W91542AN Datasheet HTML 5Page - Winbond W91542AN Datasheet HTML 6Page - Winbond W91542AN Datasheet HTML 7Page - Winbond W91542AN Datasheet HTML 8Page - Winbond W91542AN Datasheet HTML 9Page - Winbond W91542AN Datasheet HTML 10Page - Winbond W91542AN Datasheet HTML 11Page - Winbond W91542AN Datasheet HTML 12Page - Winbond W91542AN Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
W91540N SERIES
Publication Release Date: May 1997
- 9 -
Revision A2
3. Flash key cannot be stored as a digit in memory. The flash key has first priority among keyboard
functions.
4. The system will return to the initial state after the flash pause time is finished.
5. The flash function timing diagram is shown in Figure 6.
Cascaded Dialing
1.
Normal Dialing
+
Repertory Dialing
+
Normal Dialing
(1st sequence)
(2nd sequence)
2.
Repertory Dialing
+ Normal Dialing
+
Repertory Dialing
(1st sequence)
(2nd sequence)
3.
Redialing
+
Normal Dialing
+
Repertory Dialing
(1st sequence)
(2nd sequence)
4. Redialing and save dialing are valid only as the first key-in.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
DC supply voltage
VDD
VSS
-0.3 to +7.0
V
VIL
VSS -0.3
V
Input/Output Voltage
VIH
VDD +0.3
V
VOL
VSS -0.3
V
VOH
VDD +0.3
V
Power dissipation
PD
120
mW
Operating temperature
TOPR
-20 to +70
°C
Storage temperature
TSIG
-55 to +150
°C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability
of the device.


Similar Part No. - W91542AN

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
W91500J BOURNS-W91500J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
Winbond
W91510 WINBOND-W91510 Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
W91510 WINBOND-W91510 Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510AN WINBOND-W91510AN Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
More results

Similar Description - W91542AN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91530N WINBOND-W91530N Datasheet
228Kb / 19P
   13-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK,AND HANDFREE FUNCTION
W91560N WINBOND-W91560N Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W9145 WINBOND-W9145 Datasheet
209Kb / 18P
   15-MEMORY TONE/PULSE DIALER WITH LOCK AND HANDFREE FUNCTION
W91440N WINBOND-W91440N Datasheet
163Kb / 14P
   10-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
logo
Silan Microelectronics ...
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
   13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
logo
Winbond
W91340N WINBOND-W91340N Datasheet
194Kb / 15P
   10-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91473 WINBOND-W91473 Datasheet
236Kb / 20P
   14-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND LOCK FUNCTION
W91330N WINBOND-W91330N Datasheet
213Kb / 17P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND KEY TONE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com