Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91530 Datasheet(PDF) 1 Page - Winbond

Part # W91530
Description  13-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK,AND HANDFREE FUNCTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91530 Datasheet(HTML) 1 Page - Winbond

  W91530 Datasheet HTML 1Page - Winbond W91530 Datasheet HTML 2Page - Winbond W91530 Datasheet HTML 3Page - Winbond W91530 Datasheet HTML 4Page - Winbond W91530 Datasheet HTML 5Page - Winbond W91530 Datasheet HTML 6Page - Winbond W91530 Datasheet HTML 7Page - Winbond W91530 Datasheet HTML 8Page - Winbond W91530 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
W91530N SERIES
13-MEMORY TONE/PULSE DIALER WITH SAVE,
KEYTONE, LOCK, AND HANDFREE FUNCTIONS
Publication Release Date: May 1997
- 1 -
Revision A3
GENERAL DESCRIPTION
The W91530N series are tone/pulse switchable telephone dialers with 13 memories, keytone or lock,
and handfree dialing control. These chips are fabricated using Winbond's high-performance CMOS
technology and thus offer good performance in low-voltage, low-power operations.
FEATURES
DTMF/pulse switchable dialer
Two by 32 digits redial and save memory
Three by 16 digits one-touch direct repertory memory
Ten by 16 digits two-touch indirect repertory memory
Pulse-to-tone (*/T) keypad for long distance call operation
Cascaded dialing
Uses 5
× 5 keyboard
Easy operation with redial, flash, pause, and */T keypads
Pause, P
→T (pulse-to-tone) can be stored as a digit in memory
0 or 9 dialing inhibition pin for PABX system or long distance dialing lock out
Dialing rate (10 ppS or 20 ppS) selectable by bonding option
Minimum tone output duration: 93 mS (W91534AN: 87 mS)
Minimum intertone pause: 93 mS (W91534AN: 87 mS)
Pause time: 3.6 sec.
300 mS off-hook delay in lock mode (DP remains low for 300 mS while off hook)
Flash break time (73 mS, 100 mS, 300 mS, or 600 mS) selectable by keypad; pause time is 1.0 mS
Make/break ratio (2:3 or 1:2) selectable by MODE pin
Key tone output for valid keypad entry recognition
On-chip power-on reset
Uses 3.579545 MHz crystal or ceramic resonator
18 or 20-pin dual-in-line plastic package
The different dialers in the W91530N series are shown in the following table:
TYPE NO.
REPLACEMENT
TYPE NO.
PULSE
(ppS)
FLASH
(mS)
M/B
KEY
TONE
HANDFREE
DIALING
LOCK
PACKAGE
(PINS)
W91530N
W91530
10
600/300/73/100
Pin
Yes
-
-
18
W91531
W91530AN
W91530A
10
600/300/73/100
Pin
Yes
Yes
-
20
W91531A
W91531LN
W91531L
10
600/300/73/100
Pin
-
-
Yes
18
W91531ALN
W91531AL
10
600/300/73/100
Pin
-
Yes
Yes
20
W91532N
W91532
20
600/300/73/100
Pin
Yes
-
-
18
W91532AN
W91532A
20
600/300/73/100
Pin
Yes
Yes
-
20
W91534AN
New type
10
600/300/73/100
Pin
Yes
Yes
-
20
Note: The W91534AN is for use in France only. In this version, the pause time is not be added in pulse-to-tone function
mode.


Similar Part No. - W91530

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
W91500J BOURNS-W91500J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
Winbond
W91510 WINBOND-W91510 Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
W91510 WINBOND-W91510 Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510AN WINBOND-W91510AN Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
More results

Similar Description - W91530

ManufacturerPart #DatasheetDescription
logo
Winbond
W91540N WINBOND-W91540N Datasheet
222Kb / 19P
   10-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE,LOCK AND HANDFREE FUNCTION
W91560N WINBOND-W91560N Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91472N WINBOND-W91472N Datasheet
184Kb / 14P
   6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION
logo
Silan Microelectronics ...
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
   13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
logo
Winbond
W91510N WINBOND-W91510N Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91430N WINBOND-W91430N Datasheet
176Kb / 14P
   13-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
KODENSHI_AUK CORP.
KK91350A KODENSHI-KK91350A Datasheet
636Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W9145 WINBOND-W9145 Datasheet
209Kb / 18P
   15-MEMORY TONE/PULSE DIALER WITH LOCK AND HANDFREE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com