Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3707 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SK3707
Description  General-Purpose Switching Device Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3707 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SK3707 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3707 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3707 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3707 Datasheet HTML 4Page - Sanyo Semicon Device 2SK3707 Datasheet HTML 5Page - Sanyo Semicon Device 2SK3707 Datasheet HTML 6Page - Sanyo Semicon Device 2SK3707 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2SK3707
No.7706-1/7
Features
ON-resistance RDS(on)1=45mΩ (typ.)
Input capacitance Ciss=2150pF (typ.)
4V drive
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
100
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
20
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
80
A
Allowable Power Dissipation
PD
2.0
W
Tc=25°C
25
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Avalanche Energy (Single Pulse) *1
EAS
125
mJ
Avalanche Current *2
IAV
20
A
Note :
*1 VDD=20V, L=500μH, IAV=20A (Fig.1)
*2 L≤500μH, Single pulse
Package Dimensions
unit : mm (typ)
7529-001
53012 TKIM TC-00002765/D1003QA TS IM TA-100958
SANYO Semiconductors
DATA SHEET
2SK3707
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
http://semicon.sanyo.com/en/network
Ordering number : EN7706A
Product & Package Information
• Package
: TO-220F-3SG
• JEITA, JEDEC
: SC-67
• Minimum Packing Quantity : 50 pcs./magazine
Marking
Electrical Connection
K3707
LOT No.
1
3
2
1 : Gate
2 : Drain
3 : Source
SANYO : TO-220F-3SG
10.16
0.8
1.47 MAX
4.7
2.54
2.76
12
3
0.5
2.54
2.54
3.18
(0.84)
DETAIL-A
A
EMC
FRAME
2SK3707-1E


Similar Part No. - 2SK3707

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3707 SANYO-2SK3707 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
2SK3707 ONSEMI-2SK3707 Datasheet
261Kb / 7P
   N-Channel Power MOSFET
July, 2013
logo
Inchange Semiconductor ...
2SK3707 ISC-2SK3707 Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
2SK3707-1E ONSEMI-2SK3707-1E Datasheet
261Kb / 7P
   N-Channel Power MOSFET
July, 2013
More results

Similar Description - 2SK3707

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com