Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA0324A Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ENA0324A
Description  General-Purpose Switching Device Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA0324A Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ENA0324A Datasheet HTML 1Page - Sanyo Semicon Device ENA0324A Datasheet HTML 2Page - Sanyo Semicon Device ENA0324A Datasheet HTML 3Page - Sanyo Semicon Device ENA0324A Datasheet HTML 4Page - Sanyo Semicon Device ENA0324A Datasheet HTML 5Page - Sanyo Semicon Device ENA0324A Datasheet HTML 6Page - Sanyo Semicon Device ENA0324A Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SK4065
No. A0324-3/7
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
IT10698
0.2
0.6
0.4
0.8
1.0
1.2
1.4
2.0
1.6
1.8
0
0
20
40
200
120
100
80
160
140
180
60
IT10699
0.5
1.5
2.5
4.5
3.5
1.0
2.0
3.0
4.0
0
0
20
60
40
200
140
120
100
160
180
80
Tc=25°C
Single pulse
VGS=3V
VDS=10V
Single pulse
RDS(on) -- VGS
RDS(on) -- Tc
IS -- VSD
| yfs | -- I
D
SW Time -- ID
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc -- °C
Drain Current, ID -- A
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
IT10701
--50
--25
150
IT10703
IT10702
0.1
1.0
23
5
7
100
23
5
7
3
1.0
10
1.4
1.0
0.4
0.2
0.6
1.2
0.8
0
0.01
0.1
5
7
3
2
2
1.0
5
7
3
2
10
5
7
3
2
100
5
7
3
2
3
7
5
2
2
3
100
7
5
2
2
10
35
7
0
25
50
75
100
125
ID=50A
Single pulse
Tc=75°C
25°C
--25°C
Tc=
--25
°C
25
°C
75
°C
VDS=10V
Single pulse
VGS=0V
Single pulse
IT10704
0.1
7 1.0
23
5
2
7 10
35
2
100
1000
3
2
3
5
2
5
7
7
td(off)
td(on)
VDD=35V
VGS=10V
tr
IT10700
13
24
5
6
7
10
89
0
0
30
5
15
10
20
25
0
2
14
6
4
10
8
12
tf
I D
=50A,
V GS
=4V
I D
=50A,
V GS
=10V
7 100
35
Single pulse
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
030
10
15
20
25
5
1k
3
3
2
IT10756
10k
2
3
5
7
7
5
Ciss
Crss
f=1MHz
Coss


Similar Part No. - ENA0324A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0324A SANYO-ENA0324A Datasheet
407Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ENA0324A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com