Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91562DNH Datasheet(PDF) 3 Page - Winbond

Part # W91562DNH
Description  3-MEMORY TONE/PULSE DIALER WITH RTC AND LCD DISPALY FUNCTIONS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91562DNH Datasheet(HTML) 3 Page - Winbond

  W91562DNH Datasheet HTML 1Page - Winbond W91562DNH Datasheet HTML 2Page - Winbond W91562DNH Datasheet HTML 3Page - Winbond W91562DNH Datasheet HTML 4Page - Winbond W91562DNH Datasheet HTML 5Page - Winbond W91562DNH Datasheet HTML 6Page - Winbond W91562DNH Datasheet HTML 7Page - Winbond W91562DNH Datasheet HTML 8Page - Winbond W91562DNH Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Preliminary W91560DN SERIES
Publication Release Date: May 1997
- 3 -
Revision A2
PIN DESCRIPTION
SYM.
PIN NO.
I/O
FUNCTION
Row,
Column
Inputs
18
−21,
13
−17
I
The keyboard inputs may be used with either the standard 5
× 6
keyboard, an inexpensive single contact (form A) keyboard or
electronic input.
A valid key entry is defined by a single row being connected to a
single column.
XT1,
XT1
22, 23
I, O
A built-in inverter provides oscillation with an inexpensive
3.579545 MHz crystal or ceramic resonater.
The oscillator ceases when a keypad input is not sensed after the
chip is enabled and dialing is finished. The crystal frequency
deviation is
±0.02%.
T/P
MUTE
8
O
The T/P MUTE is a conventional CMOS N-channel open drain
output.
The output transistor is switched on low level during the dialing
sequence (both pulse and tone mode), one-key redial break and
flash break. Otherwise, it is switched off.
H/P
MUTE
9
(W91560DNF,
W91562DNF,
W91564DNF,
W91565DNF
only)
O
The H/P MUTE is a conventional CMOS inverter output, During
pulse dialing, one-key redial break, flash break and hold functions,
this pin will output an active high.
It remains in a low state at all other times.
LOCK
9
(W91561DLNF,
W91563DLNF
only)
I
The LOCK pin is used to prevent "0" or "9" dialing under PABX
system long distance call control. When the first key input after
reset is "0" or "9", all the key inputs, including the "0" or "9" key,
become invalid, and the chip generates no output.
The telephone is reinitialized by a reset.
The following table describes the functions of the LOCK pin:
LOCK PIN
Floating
VDD
SS
V
FUNCTION
Normal dialing
"0", "9" dialing inhibited
"0" dialing inhibited
HKS
24
I
Hook switch input.
HKS
= VDD or floating: On-hook state. Chip in sleeping mode,
no operation.
HKS
= VSS: Off-hook state. Chip enable for normal operation.
HKS
pin is pulled to VDD by internal resistor.


Similar Part No. - W91562DNH

ManufacturerPart #DatasheetDescription
logo
Winbond
W91560AN WINBOND-W91560AN Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91560BN WINBOND-W91560BN Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91560N WINBOND-W91560N Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91561ALN WINBOND-W91561ALN Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91561LN WINBOND-W91561LN Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
More results

Similar Description - W91562DNH

ManufacturerPart #DatasheetDescription
logo
Winbond
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
W91570DN WINBOND-W91570DN Datasheet
709Kb / 45P
   23-MEMORY TONE/PULSE DIALER WITH AUTOREDIAL REC AND LCD DISPLAY FUNCTIONS
W91560N WINBOND-W91560N Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91820N WINBOND-W91820N Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91580 WINBOND-W91580 Datasheet
216Kb / 19P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND HOLD FUNCTIONS
W91810N WINBOND-W91810N Datasheet
238Kb / 26P
   23-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91550DN WINBOND-W91550DN Datasheet
468Kb / 32P
   13-MEMORY TONE/PULSE DIALER WITH LCD AND LOCK FUNCTION
W91590 WINBOND-W91590 Datasheet
226Kb / 20P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE, HOLD AND LOCK FUNCTIONS
W91F810N WINBOND-W91F810N Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F820N WINBOND-W91F820N Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com