Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91631 Datasheet(PDF) 7 Page - Winbond

Part # W91631
Description  10-MEMORY TONE/PULSE DIALER WITH REDIAL FUNCTION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91631 Datasheet(HTML) 7 Page - Winbond

Back Button W91631 Datasheet HTML 3Page - Winbond W91631 Datasheet HTML 4Page - Winbond W91631 Datasheet HTML 5Page - Winbond W91631 Datasheet HTML 6Page - Winbond W91631 Datasheet HTML 7Page - Winbond W91631 Datasheet HTML 8Page - Winbond W91631 Datasheet HTML 9Page - Winbond W91631 Datasheet HTML 10Page - Winbond W91631 Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
W91630 SERIES
Publication Release Date: June 1996
- 7 -
Revision A3
Pulse-to-tone (P
→T)
1.
OFF HOOK
,
D1
,
D2
, ...,
Dn
,
P
→T , D1' , D2' , ..., Dn'
a. If the mode switch is set to pulse mode, then the output signal will be as follows:
D1, D2, ..., Dn, no pause, D1', D2', ..., Dn'
(Pulse)
(Tone)
In this case, the device can be reset to pulse mode only by going on-hook, because tone mode
remains enabled after the digits have been dialed out.
b. If the mode switch is set to tone mode, then the output signal will be as follows:
D1, D2, ..., Dn, no pause, D1', D2', ..., Dn'
(Tone)
(Tone)
c. The P
→T key may be pressed before the first sequence is dialed out completely.
2.
OFF HOOK
,
R
If the mode switch is set to pulse mode, then the output signal will be as follows:
D1, D2, ..., Dn, no pause, D1', D2', ..., Dn'
(Pulse)
(Tone)
3.
OFF HOOK
,
A
,
Ln
a. The P
→T key can be stored in memory as a digit. The digits after the P→T key are also sent in
repertory dialing.
b. The P
→T key does not stop dialing (no pause).
c. The number stored in memory location Ln will be transferred to the redial register.
d. The P
→T function timing diagram is shown in Figure 4.
Flash
OFF HOOK
,
D1
,
D2
,
D3
,
F
,
D4
,
D5
,
D6
1. The
F
key may be pressed before digits D1, D2, D3 are sent completely. Digits D4, D5, D6
may be pressed during the 100/300 mS. flash period.
2. The flash key cannot be stored as a digit in memory or in the redial register.
3.
OFF HOOK
,
S
,
D1
,
D2
,
D3
,
F
,
D4
,
D5
,
D6
,
A
,
Ln
then
ON HOOK
,
OFF HOOK
,
A
,
Ln
D1, D2, D3, D4, D5, D6 will be dialed out.
4. The flash does not have first priority among the keyboard functions.
5. The flash pause time is 800 mS, so there is a pause of 800 mS between the flash and the next digit
dialed (see Figure 5).
6. The dialer will not return to the initial state after the flash break time has elapsed.


Similar Part No. - W91631

ManufacturerPart #DatasheetDescription
logo
Winbond
W91610 WINBOND-W91610 Datasheet
159Kb / 12P
   TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
W91611 WINBOND-W91611 Datasheet
159Kb / 12P
   TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
W91620 WINBOND-W91620 Datasheet
184Kb / 16P
   10-MEMORY TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
W91621 WINBOND-W91621 Datasheet
184Kb / 16P
   10-MEMORY TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
More results

Similar Description - W91631

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Silan Microelectronics ...
SC91316 SILAN-SC91316 Datasheet
118Kb / 14P
   TONE / PULSE DIALER WITH REDIAL FUNCTION
logo
Winbond
W91620 WINBOND-W91620 Datasheet
184Kb / 16P
   10-MEMORY TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
W91210 WINBOND-W91210 Datasheet
202Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91310 WINBOND-W91310 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312N WINBOND-W91312N Datasheet
109Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Samsung semiconductor
KS58006 SAMSUNG-KS58006 Datasheet
101Kb / 8P
   TONE/PULSE DIALER WITH REDIAL
logo
Winbond
W91610 WINBOND-W91610 Datasheet
159Kb / 12P
   TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
W91440N WINBOND-W91440N Datasheet
163Kb / 14P
   10-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com