Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

030-2488-016 Datasheet(PDF) 7 Page - ITT Industries

Part # 030-2488-016
Description  Combo D
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

030-2488-016 Datasheet(HTML) 7 Page - ITT Industries

Back Button 030-2488-016 Datasheet HTML 3Page - ITT Industries 030-2488-016 Datasheet HTML 4Page - ITT Industries 030-2488-016 Datasheet HTML 5Page - ITT Industries 030-2488-016 Datasheet HTML 6Page - ITT Industries 030-2488-016 Datasheet HTML 7Page - ITT Industries 030-2488-016 Datasheet HTML 8Page - ITT Industries 030-2488-016 Datasheet HTML 9Page - ITT Industries 030-2488-016 Datasheet HTML 10Page - ITT Industries 030-2488-016 Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 103 page
background image
7
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Cannon Combo D
®
Ordering Information Designator Selection
For Crimp, Solder Cup and PCB Type Combo-D’s
Typical Part Number:
DBM C 13C3
S
J A197
Product Family Designator
D*M = Solder Cup Industrial & Space/Non-Magnetic Version
D*MM = Military/Hi-Rel Solder Cupp version (50 micro-inch
gold contact plating)
D*A
= Crimp Version
**Hardware Modifier
= 0.120” (3,05mm) Through Hole
C= 90° Metal Bracket, 4-40 Fastener, & Boardlock
D= 90° Metal Bracket, 4-40 Fastener and 4-40 Screwlock
E= 4-40 Clinchnut
G= 90° Metal Bracket, 4-40 Fastener, 4-40 Screwlock, Boardlock
H= .300” (7.6mm) Standoff, 4-40 Screwlock
J= 90° Metal Bracket, Fastener, M-3 Fastener, Boardlock
K= 0.162” (4,11mm) Through Hole
L= 90° Metal Bracket, M-3 Fastener, Boardlock
N= .300” (7.6mm) Standoff, 4-40 Screwlock, Boardlock
O= 90° Metal Bracket, Fastener, M-3 Screwlock
P= 90° Metal Bracket, 4-40 Fastener
Q= .300” (7.6mm) M-3 Standoff
S= 90° Metal Bracket, M-3 Fastener
T= .300” (7.6mm) M-3 Standoff
U= .300” (7.6mm) Standoff, M-3 Screwlock, Boardlock
V= .300” (7.6mm) 4-40 Standoff
W= .300” (7.6mm) Standoff, M-3 Screwlock
X= M-3 Clinchnut
Y= Dual Float Mount
Z= .300” (7.6mm) 4-40 Standoff, Boardlock
*= Shell Sizes are E, A, B, C, D
**= Hardware Modifier not allowed with Non-Magnetic, Low Outgassing Combo-D
Shell Modifier (Standard)
= Carbon steel, yellow chromate over zinc
A197
= Carbon steel, tin-nickel plating (receptacles only)
(
RoHS)
K87
= Carbon steel, tin-nickel plating (plugs only)
(
RoHS)
F225
= Stainless steel shells
NMBK52 = Space/Non-Magnetic version, gold plated
A101
= Carbon Steel, Cadmium plating
PC Tall Modifier (Standard)
= Solder cup (D*M/D*MM; Crimp, D*A)
J= 90° Std. PCB signal contact (.170” lg by .030”
∅)
N= Straight Std. PCB signal contact (.178 lg by .030
∅)
V= 90° Euro PCB signal contact (.157” lg by .024
∅)
Y= Straight Euro PCB signal contact (.178” lb by .024”
∅)
Gender
P= Male Plug, Pin
S= Female Receptacle, Socket
Layouts Combo-D
E- 5W1, 2W2, 2WK2
A- 3W3, 3WK3, 7W2, 11W1
B- 5W5, 9W4, 13W3, 17W2, 21W1
C- 8W8, 13W6, 17W5, 21WA4, 25W3,
27W2
D- 24W7, 36W4, 43W2, 47W1
Combo-D Size 8 Contact Designators:
W**= w/o Contacts (letters below denote with contacts)
C= 75 Ohm Coax Contacts Installed
X= 50 Ohm Coax Contacts Installed
H= High Power Installed (US Standard)
P= High Power Installed (European)
V= High Voltage Installed (Cable and PCB only)
R= Mini Hi Power 90° installed
** All cable side connectors use the “W” designation (without
contacts) for ordering and have size and contacts ordered sepa-
rately


Similar Part No. - 030-2488-016

ManufacturerPart #DatasheetDescription
logo
ITT Industries
030-2488-016 ITT-030-2488-016 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - 030-2488-016

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DEM-5W1S-A197 ITT-DEM-5W1S-A197 Datasheet
8Mb / 103P
   Combo D
logo
Adam Technologies, Inc.
D5W1-PCD-1 ADAM-TECH-D5W1-PCD-1 Datasheet
112Kb / 1P
   COMBO D-SUB
logo
ITT Industries
053515-1145 ITT-053515-1145 Datasheet
34Kb / 1P
   Combo D Series: D-Subminiature offering mixed Combo D Series: D-Subminiature offering mixed
logo
Glenair, Inc.
280-089P GLENAIR-280-089P Datasheet
328Kb / 2P
   HiPer-D Combo Connectors
280-056P GLENAIR-280-056P Datasheet
185Kb / 2P
   HiPer-D Combo Connectors
280-059S GLENAIR-280-059S Datasheet
223Kb / 2P
   HiPer-D Combo Connectors
280-050P GLENAIR-280-050P Datasheet
245Kb / 2P
   HiPer-D Combo Connectors
280-047S GLENAIR-280-047S Datasheet
212Kb / 2P
   HiPer-D Combo Connectors
280-051S GLENAIR-280-051S Datasheet
210Kb / 2P
   HiPer-D Combo Connectors
280-049S GLENAIR-280-049S Datasheet
226Kb / 2P
   HiPer-D Combo Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com