Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4807 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGA4807
Description  10.7Gb/s Modulator Driver Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4807 Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGA4807 Datasheet HTML 4Page - TriQuint Semiconductor TGA4807 Datasheet HTML 5Page - TriQuint Semiconductor TGA4807 Datasheet HTML 6Page - TriQuint Semiconductor TGA4807 Datasheet HTML 7Page - TriQuint Semiconductor TGA4807 Datasheet HTML 8Page - TriQuint Semiconductor TGA4807 Datasheet HTML 9Page - TriQuint Semiconductor TGA4807 Datasheet HTML 10Page - TriQuint Semiconductor TGA4807 Datasheet HTML 11Page - TriQuint Semiconductor TGA4807 Datasheet HTML 12Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
TGA4807
May 2009 © Rev -
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should
be observed during handling, assembly and test.
Recommended Assembly Diagram
C4
C5
C1
C2
C6
C3
DESIGNATOR
DESCRIPTION
MANUFACTURER
PART NUMBER
C1, C4
1500pF Capacitor SLC
Presidio
SL5050X7R1522H5
C2, C5
0.1uF Capacitor MLC Ceramic
AVX
0603YC104KAT
C3
10uF Capacitor MLC Ceramic
AVX
0603YC102KAT
C6
0.01 uF Capacitor MLC
AVX
0603YC103KAT
Recommended Components:
RF(out)
and
Vd(RFout)
RF(in)
VG
V+
VCTRL


Similar Part No. - TGA4807

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4807 TRIQUINT-TGA4807 Datasheet
635Kb / 12P
   10.7Gb/s Modulator Driver Amplifier
TGA4807 TRIQUINT-TGA4807_15 Datasheet
635Kb / 12P
   10.7Gb/s Modulator Driver Amplifier
More results

Similar Description - TGA4807

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4807 TRIQUINT-TGA4807_15 Datasheet
635Kb / 12P
   10.7Gb/s Modulator Driver Amplifier
TGA4819-SL TRIQUINT-TGA4819-SL Datasheet
385Kb / 11P
   10.7Gb/s Linear Optical Modulator Driver
logo
Vitesse Semiconductor C...
VSC7991 VITESSE-VSC7991 Datasheet
105Kb / 10P
   SONET/SDH 10.7Gb/s Electroabsorption Modulator/Laser Diode Driver
logo
TriQuint Semiconductor
TGA4802-EPU TRIQUINT-TGA4802-EPU Datasheet
168Kb / 10P
   12.5Gb/s Modulator Driver Amplifier
logo
Texas Instruments
TRF3520 TI-TRF3520 Datasheet
284Kb / 17P
[Old version datasheet]   GSM RF MODULATOR/DRIVER AMPLIFIER
logo
TriQuint Semiconductor
TGA4840-SM TRIQUINT-TGA4840-SM Datasheet
287Kb / 1P
   28Gb/s CFP2 Modulator Driver
TGA4942-SL TRIQUINT-TGA4942-SL Datasheet
266Kb / 1P
   43Gb/s DPSK Modulator Driver
TGA4959-SL TRIQUINT-TGA4959-SL Datasheet
329Kb / 1P
   32Gb/s Differential Modulator Driver
logo
Filtronic Compound Semi...
MAX002 FILTRONIC-MAX002 Datasheet
41Kb / 2P
   Optical Communications - Modulator Driver Amplifier
FMA501 FILTRONIC-FMA501 Datasheet
682Kb / 4P
   OC-192 MODULATOR DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com