Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91590CL Datasheet(PDF) 1 Page - Winbond

Part # W91590CL
Description  24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE, HOLD AND LOCK FUNCTIONS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91590CL Datasheet(HTML) 1 Page - Winbond

  W91590CL Datasheet HTML 1Page - Winbond W91590CL Datasheet HTML 2Page - Winbond W91590CL Datasheet HTML 3Page - Winbond W91590CL Datasheet HTML 4Page - Winbond W91590CL Datasheet HTML 5Page - Winbond W91590CL Datasheet HTML 6Page - Winbond W91590CL Datasheet HTML 7Page - Winbond W91590CL Datasheet HTML 8Page - Winbond W91590CL Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
W91590 SERIES
24-MEMORY TONE/PULSE SWITCHABLE DIALER
WITH HANDFREE, HOLD AND LOCK FUNCTIONS
Publication Release Date: July 1995
- 1 -
Revision A3
GENERAL DESCRIPTION
The W91590 series dialers Si-gate CMOS IC tone/pulse switchable dialers with a 24-channel
automatic dialing memory, including a 16-digit
× 3 emergency dialing memory, a 16-digit × 20
channel repertory memory that provides one-touch and three-touch dialing, and a 32-digit mercury
memory. These dialers also provide flash, clear, hold, and one-key redial functions.
FEATURES
DTMF/Pulse switchable dialer
32-digit LNB (last number buffer) memory (both tone and pulse mode)
32-digit mercury memory (tone/pulse mode)
16-digit
× 3 one-touch direct repertory memory (tone/pulse mode)
16-digit
× 20 direct or indirect repertory memory (tone/pulse mode)
Uses 9
× 5 keyboard
Flash time: 98 mS, 305 mS, or 600 mS (selectable by keypad option)
Pause time: 3.6 sec.
Pause P
→T (pulse-to-tone) can be stored as a digit in memory
Minimum tone output duration: 93 mS
Minimum intertone pause: 93 mS
On-chip power-on reset
Uses 3.579545 MHz crystal or ceramic resonator
Packaged in 22, 24 or 28-pin plastic DIP
The different dialers in the W91590 series are shown in the following table:
TYPE NO. PULSE
(ppS)
MEMORY
MERCURY
MEMORY
HOLD HANDFREE
LOCK
FUNCTION
PACKAGE
W91590
10
20
-
-
-
-
22
W91590L
10
20
-
-
-
Yes
22
W91590A
10
20
-
-
Yes
-
24
W91590AL
10
20
-
-
Yes
Yes
24
W91590B
10/20
24
Yes
Yes
Yes
-
28
W91590BL
10/20
24
Yes
Yes
Yes
Yes
28
W91590C
10/20
24
Save Memory
Yes
Yes
-
28
W91590CL
10/20
24
Save Memory
Yes
Yes
Yes
28


Similar Part No. - W91590CL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
W91500J BOURNS-W91500J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
Winbond
W91510 WINBOND-W91510 Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
W91510 WINBOND-W91510 Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510AN WINBOND-W91510AN Datasheet
191Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND SAVE FUNCTION
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
More results

Similar Description - W91590CL

ManufacturerPart #DatasheetDescription
logo
Winbond
W91580 WINBOND-W91580 Datasheet
216Kb / 19P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND HOLD FUNCTIONS
W91820N WINBOND-W91820N Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91810N WINBOND-W91810N Datasheet
238Kb / 26P
   23-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F820N WINBOND-W91F820N Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F810N WINBOND-W91F810N Datasheet
221Kb / 26P
   23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91473 WINBOND-W91473 Datasheet
236Kb / 20P
   14-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND LOCK FUNCTION
W91320N WINBOND-W91320N Datasheet
217Kb / 19P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND HOLD FUNCTION
W91560N WINBOND-W91560N Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com