Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGC4402 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGC4402
Description  17 ??27 GHz Upconverting Mixer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGC4402 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGC4402 Datasheet HTML 1Page - TriQuint Semiconductor TGC4402 Datasheet HTML 2Page - TriQuint Semiconductor TGC4402 Datasheet HTML 3Page - TriQuint Semiconductor TGC4402 Datasheet HTML 4Page - TriQuint Semiconductor TGC4402 Datasheet HTML 5Page - TriQuint Semiconductor TGC4402 Datasheet HTML 6Page - TriQuint Semiconductor TGC4402 Datasheet HTML 7Page - TriQuint Semiconductor TGC4402 Datasheet HTML 8Page - TriQuint Semiconductor TGC4402 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
2
TGC4402
May 2007 © Rev A
Table II
Recommended Operating Conditions
Table I
Absolute Maximum Ratings 1/
Symbol
Parameter
Value
Notes
Vmxr
Gate Supply Voltage Range
-5 - 0 V
Pin
LO Input Continuous Wave Power
25 dBm
Symbol
Parameter
Value
Vmxr
Gate Voltage
-0.9 V
1/
These ratings represent the maximum operable values for this device. Stresses beyond those listed
under “Absolute Maximum Ratings” may cause permanent damage to the device and / or affect
device lifetime. These are stress ratings only, and functional operation of the device at these
conditions is not implied.
Table III
RF Characterization Table
Bias: Vg = -0.9 V, TA= 25 °C + 5°C
SYMBOL
PARAMETER
TEST
CONDITIONS
NOMINAL
UNITS
F
OUT
RF Output Frequency
17 - 26
GHz
F
IF
IF Input Frequency
0.5 - 3
GHz
F
LO
LO Input Frequency
14 - 28
GHz
P
LO
LO Input Power
f = 14 - 28 GHz
17
dBm
Conversion Loss
f = 17 - 26 GHz
9
dB
ITOI
Input TOI
f = 17 - 26 GHz
18
dBm
LO – RF Output Isolation
f = 17 - 26 GHz
35
dB


Similar Part No. - TGC4402

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC4402 TRIQUINT-TGC4402 Datasheet
415Kb / 10P
   17 ??27 GHz Upconverting Mixer
TGC4402-SM TRIQUINT-TGC4402-SM Datasheet
441Kb / 12P
   18 ??6 GHz Packaged Upconverting Mixer
TGC4402-SM TRIQUINT-TGC4402-SM Datasheet
441Kb / 12P
   18 ??6 GHz Packaged Upconverting Mixer
TGC4402-SM TRIQUINT-TGC4402-SM_15 Datasheet
441Kb / 12P
   18 ??6 GHz Packaged Upconverting Mixer
TGC4402 TRIQUINT-TGC4402_15 Datasheet
415Kb / 10P
   17 ??27 GHz Upconverting Mixer
More results

Similar Description - TGC4402

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC4402 TRIQUINT-TGC4402_15 Datasheet
415Kb / 10P
   17 ??27 GHz Upconverting Mixer
TGC4402-SM TRIQUINT-TGC4402-SM_15 Datasheet
441Kb / 12P
   18 ??6 GHz Packaged Upconverting Mixer
TGC4402-SM TRIQUINT-TGC4402-SM Datasheet
441Kb / 12P
   18 ??6 GHz Packaged Upconverting Mixer
TGC4405 TRIQUINT-TGC4405 Datasheet
429Kb / 11P
   17 - 27 GHz Upconverter
TGC4405-SM TRIQUINT-TGC4405-SM Datasheet
443Kb / 15P
   17 - 27 GHz Packaged Upconverter
logo
Custom MMIC Design Serv...
CMD163 MMIC-CMD163 Datasheet
226Kb / 9P
   17-27 GHz Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC-C017 HITTITE-HMC-C017 Datasheet
519Kb / 6P
   WIDEBAND LNA MODULE, 17 - 27 GHz
logo
Custom MMIC Design Serv...
CMD163C4 MMIC-CMD163C4 Datasheet
258Kb / 10P
   17-27 GHz Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4 Datasheet
486Kb / 8P
   Variable Gain Amplifier 17 to 27 GHz
logo
Linear Technology
LT5511 LINER-LT5511_15 Datasheet
289Kb / 16P
   High Signal Level Upconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com