Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGC4702-FC Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TGC4702-FC
Description  77 GHz Down Converting IQ Mixer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGC4702-FC Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TGC4702-FC Datasheet HTML 4Page - TriQuint Semiconductor TGC4702-FC Datasheet HTML 5Page - TriQuint Semiconductor TGC4702-FC Datasheet HTML 6Page - TriQuint Semiconductor TGC4702-FC Datasheet HTML 7Page - TriQuint Semiconductor TGC4702-FC Datasheet HTML 8Page - TriQuint Semiconductor TGC4702-FC Datasheet HTML 9Page - TriQuint Semiconductor TGC4702-FC Datasheet HTML 10Page - TriQuint Semiconductor TGC4702-FC Datasheet HTML 11Page - TriQuint Semiconductor TGC4702-FC Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
TGC4702-FC
November 2009 © Rev B
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
Bias conditions: Vb = 1.1 V
Measured Data on Flipped Die on Carrier Board
LOin = +11 dBm
10
11
12
13
14
15
16
17
18
19
20
75
76
77
78
79
80
81
82
LO Frequency (GHz)
LOin = 7.5 dBm
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
75
76
77
78
79
80
81
82
83
84
85
RF Frequency (GHz)


Similar Part No. - TGC4702-FC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC4702-FC TRIQUINT-TGC4702-FC Datasheet
239Kb / 13P
   77 GHz Down Converting IQ Mixer
TGC4702-FC TRIQUINT-TGC4702-FC_15 Datasheet
239Kb / 13P
   77 GHz Down Converting IQ Mixer
More results

Similar Description - TGC4702-FC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC4702-FC TRIQUINT-TGC4702-FC_15 Datasheet
239Kb / 13P
   77 GHz Down Converting IQ Mixer
TGC1430H TRIQUINT-TGC1430H Datasheet
438Kb / 3P
   20 - 40 GHz IQ Mixer
logo
Mini-Circuits
SMIQ-653H-D++ MINI-SMIQ-653H-D+ Datasheet
1Mb / 17P
   IQ Mixer
REV. OR
SMIQ-6243H++ MINI-SMIQ-6243H+ Datasheet
688Kb / 15P
   IQ Mixer
REV. OR
logo
Teledyne Technologies I...
IQM4221 TELEDYNE-IQM4221 Datasheet
272Kb / 2P
   1.9 TO 4.2 GHz IQ MIXER MODULATOR/DEMODULATOR
IQM11621 TELEDYNE-IQM11621 Datasheet
241Kb / 2P
   6.0 TO 10.8 GHz IQ MIXER MODULATOR/DEMODULATOR
logo
TriQuint Semiconductor
TGS4307 TRIQUINT-TGS4307_15 Datasheet
308Kb / 9P
   77 GHz Transceiver Switch
TGS4307-EPU TRIQUINT-TGS4307-EPU Datasheet
187Kb / 9P
   77 GHz Transceiver Switch
logo
Teledyne Technologies I...
IQM2811 TELEDYNE-IQM2811 Datasheet
268Kb / 2P
   IQ MIXER MODULATOR/DEMODULATOR
logo
TriQuint Semiconductor
TGA4706-FC TRIQUINT-TGA4706-FC_15 Datasheet
372Kb / 10P
   77 GHz Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com