Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W91F810ALN Datasheet(PDF) 4 Page - Winbond

Part # W91F810ALN
Description  23-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91F810ALN Datasheet(HTML) 4 Page - Winbond

  W91F810ALN Datasheet HTML 1Page - Winbond W91F810ALN Datasheet HTML 2Page - Winbond W91F810ALN Datasheet HTML 3Page - Winbond W91F810ALN Datasheet HTML 4Page - Winbond W91F810ALN Datasheet HTML 5Page - Winbond W91F810ALN Datasheet HTML 6Page - Winbond W91F810ALN Datasheet HTML 7Page - Winbond W91F810ALN Datasheet HTML 8Page - Winbond W91F810ALN Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
W91F810N SERIES
- 4 -
Pin Description, continued
SYMBOL
22-PIN
24-PIN
28-PIN
I/O
FUNCTION
LOCK
(W91F810LN/
F810ALN/
F811ALN only)
6
6
7
I
The function of this terminal is to prevent "0"
dialing and "9" dialing under PABX system long
distance call control. When the first key input after
reset is 0 or 9, all key inputs, including the 0 or 9
key, become invalid and the chip generates no
output. The telephone is reinitialized by a reset.
The function of the LOCK pin is shown below:
LOCK PIN
FUNCTION
VDD
VSS
Floating
"0", "9" dialing inhibited
Normal dialing Mode
"0" dialing inhibited
H/P MUTE
7
7
8
I
The H/P MUTE is a conventional inverter output.
During pulse dialing, flash break or hold period, this
output is active high; otherwise, it remains in low
state.
DP
13
15
18
O
N-channel open drain dialing pulse output.
Flash key will cause DP to be active in either tone
mode or pulse mode.
The timing diagram for pulse mode is shown in
Figure 1(a, b).
DTMF
14
16
19
O
During pulse dialing, this pin remains in a low state
regardless of the keypad input. In tone mode, it will
output a dual or single tone.
A detailed timing diagram for tone mode is shown in
Figure 2(a, b).
R1
R2
R3
R4
C1
C2
C3
Specified
697
770
852
941
1209
1336
1477
699
766
848
948
1216
1332
1472
Actual
+0.28
-0.52
-0.47
+0.74
+0.57
-0.30
-0.34
Error %
OUTPUT FREQUENCY


Similar Part No. - W91F810ALN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91F820ALN WINBOND-W91F820ALN Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F820AN WINBOND-W91F820AN Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F820LN WINBOND-W91F820LN Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F820N WINBOND-W91F820N Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F822AN WINBOND-W91F822AN Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
More results

Similar Description - W91F810ALN

ManufacturerPart #DatasheetDescription
logo
Winbond
W91810N WINBOND-W91810N Datasheet
238Kb / 26P
   23-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91F820N WINBOND-W91F820N Datasheet
231Kb / 20P
   13-FLASH MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91820N WINBOND-W91820N Datasheet
260Kb / 22P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE, LOCK AND HOLD FUNCTIONS
W91590 WINBOND-W91590 Datasheet
226Kb / 20P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE, HOLD AND LOCK FUNCTIONS
W91580 WINBOND-W91580 Datasheet
216Kb / 19P
   24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND HOLD FUNCTIONS
W91320N WINBOND-W91320N Datasheet
217Kb / 19P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND HOLD FUNCTION
W91560N WINBOND-W91560N Datasheet
220Kb / 18P
   3-MEMORY TONE/PULSE DIALER WITH SAVE, KEYTONE, LOCK AND HANDFREE FUNCTIONS
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91340N WINBOND-W91340N Datasheet
194Kb / 15P
   10-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com