Electronic Components Datasheet Search |
|
MS27488-12-2 Datasheet(PDF) 10 Page - ITT Industries |
|
MS27488-12-2 Datasheet(HTML) 10 Page - ITT Industries |
10 / 36 page 8 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change Cannon KJL MIL-DTL-38999 Series I Connectors Box Mounting Receptacle (Back Panel) Straight Plug Grounded Shell Size A Max. J Dia. Max. L Max. (Class T) T Thread F Cable Clamp Overall Length With Backshells P Potting Max. NOTE: For backshell dimensions and configurations, see pages 26 and 28. J DIA. POLARIZING KEYWAY T THREAD BLUE BAND (INDICATES REAR RELEASE CONTACT RETENTION SYSTEM) G DIA. MAX. A DIA. L 9 11 13 15 17 19 21 23 25 Performance Specifications-Pages 3 and 4. Contacts, Sealing Plugs, Assembly Tools - Pages 22, 28 and 29. Contact Arrangements - Pages 20 and 21. .585 (14.86) .717 (18.21) .866 (22.00) .990 (25.15) 1.115 (28.32) 1.222 (31.04) 1.347 (34.21) 1.472 (37.39) 1.597 (40.56) .483 (12.27) .611 (15.52) .760 (19.30) .885 (22.48) 1.010 (25.65) 1.115 (28.32) 1.240 (31.50) 1.365 (34.67) 1.490 (37.85) G Dia. Max. .859 (21.82) .984 (24.99) 1.156 (29.36) 1.281 (32.54) 1.406 (35.71) 1.516 (38.51) 1.641 (41.68) 1.766 (44.86) 1.891 (48.03) 7/16-28UNEF-2A 9/16-24UNEF-2A 11/16-24UNEF-2A 13/16-20UNEF-2A 15/16-20UNEF-2A 1-1/16-18UNEF-2A 1-3/16-18UNEF-2A 1-5/16-18UNEF-2A 1-7/16-18UNEF-2A 1.234 (31.34) 1.234 (31.34) 1.234 (31.34) 1.234 (31.34) 1.234 (31.34) 1.234 (31.34) 1.234 (31.34) 1.234 (31.34) 1.234 (31.34) 1.793 (45.54) 1.793 (45.54) 1.793 (45.54) 1.793 (45.54) 1.913 (48.59) 1.943 (49.35) 1.943 (49.35) 1.943 (49.35) 1.943 (49.35) 1.671 (42.44) 1.671 (42.44) 1.671 (42.44) 1.671 (42.44) 1.671 (42.44) 1.671 (42.44) 1.766 (44.86) 1.766 (44.86) 1.766 (44.86) MS27467 (MS service class E, P, T) KJL6 MS27505E (MS service class E) Shell Size A Dia. Max. H Max. L Max. M Max. N T.P. P Dia. Max. J Dia. Max. KJL5E M N J DIA. MAX. POLARIZING KEYWAY P DIA. K MAX. L H A .060 (1.52) MAX. GROMMET E MAX. PANEL THICKNESS (INCLUDING MOUNTING HARDWARE) BLUE BAND (INDICATES REAR RELEASE CONTACT RETENTION SYSTEM) NOTE: This connector does not accommodate backshells. 9 11 13 15 17 19 21 23 25 .573 (14.55) .701 (17.81) .851 (21.62) .976 (24.79) 1.101 (27.97) 1.208 (30.68) 1.333 (33.86) 1.458 (37.03) 1.583 (40.21) .662 (16.81) .810 (20.57) .960 (24.38) 1.085 (27.56) 1.210 (30.73) 1.317 (33.45) 1.442 (36.63) 1.567 (39.80) 1.692 (42.98) .958 (24.33) 1.051 (26.70) 1.145 (29.08) 1.239 (31.47) 1.332 (33.83) 1.458 (37.03) 1.582 (40.18) 1.708 (43.38) 1.832 (46.53) .719 (18.26) .812 (20.62) .906 (23.01) .969 (24.61) 1.062 (26.97) 1.156 (29.36) 1.250 (31.75) 1.375 (34.93) 1.500 (38.10) .100 (2.54) .100 (2.54) .100 (2.54) .100 (2.54) .100 (2.54) .100 (2.54) .130 (3.30) .130 (3.30) .130 (3.30) E Max. .234 (5.94) .234 (5.94) .234 (5.94) .234 (5.94) .234 (5.94) .234 (5.94) .204 (5.18) .204 (5.18) .193 (4.90) .820 (20.83) .820 (20.83) .820 (20.83) .820 (20.83) .820 (20.83) .820 (20.83) .790 (20.07) .790 (20.07) .790 (20.07) K Max. .219 (5.56) .219 (5.56) .219 (5.56) .219 (5.56) .219 (5.56) .219 (5.56) .250 (6.35) .250 (6.35) .250 (6.35) .138 (3.51) 138 (3.51) .138 (3.51) .138 (3.51) .138 (3.51) .138 (3.51) .138 (3.51) .157 (3.99) .157 (3.99) |
Similar Part No. - MS27488-12-2 |
|
Similar Description - MS27488-12-2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |