Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQM879006A-PCB Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TQM879006A-PCB
Description  1.4-2.7GHz W Digital Variable Gain Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM879006A-PCB Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TQM879006A-PCB Datasheet HTML 1Page - TriQuint Semiconductor TQM879006A-PCB Datasheet HTML 2Page - TriQuint Semiconductor TQM879006A-PCB Datasheet HTML 3Page - TriQuint Semiconductor TQM879006A-PCB Datasheet HTML 4Page - TriQuint Semiconductor TQM879006A-PCB Datasheet HTML 5Page - TriQuint Semiconductor TQM879006A-PCB Datasheet HTML 6Page - TriQuint Semiconductor TQM879006A-PCB Datasheet HTML 7Page - TriQuint Semiconductor TQM879006A-PCB Datasheet HTML 8Page - TriQuint Semiconductor TQM879006A-PCB Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TQM879006A
1.4-2.7GHz ¼ W Digital Variable Gain Amplifier
Data Sheet: Rev P 10/19/12
- 5 of 11 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Typical Performance Plots
-30
-25
-20
-15
-10
-5
0
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
Frequency (GHz)
S22 vs. Freq over Attenuation States
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
Temp. = 25oC
-30
-25
-20
-15
-10
-5
0
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
Frequency (GHz)
S22 vs. Freq over Temperature
Maximum Gain State
+85
°C
+25
°C
−40
°C
30
35
40
45
50
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
Frequency (GHz)
OIP3 vs. Frequency
1 MHz Tone Spacing
Pout/Tone = 11dBm
+85
°C
+25
°C
−40
°C
0.0
1.0
2.0
3.0
4.0
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
Frequency (GHz)
Noise Figure vs. Frequency
+85
°C
+25
°C
−40
°C
22
23
24
25
26
27
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
Frequency (GHz)
P1dB vs. Frequency
+85
°C
+25
°C
−40
°C
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
0
5
10
15
20
25
30
Attenuation (dB)
Attenuation Accuracy vs. Attenuation
1.8GHz
1.9GHz
2.0GHz
2.4GHz
2.7 GHz
Vdd = 5 V , Temp. = 25oC


Similar Part No. - TQM879006A-PCB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQM879006A-PCB QORVO-TQM879006A-PCB Datasheet
771Kb / 11P
   1.4 ??2.7 GHz 1/4 W Digital Variable Amplifier
More results

Similar Description - TQM879006A-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM879008 TRIQUINT-TQM879008 Datasheet
1,014Kb / 11P
   1.5-2.7GHz 쩍 W Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQM879008 QORVO-TQM879008 Datasheet
745Kb / 10P
   1.4-2.7 GHz 1/2 W Digital Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM879006A TRIQUINT-TQM879006A_15 Datasheet
1Mb / 11P
   1.4 ??.7 GHz W Digital Variable Amplifier
logo
Qorvo, Inc
TQM879006A QORVO-TQM879006A Datasheet
771Kb / 11P
   1.4 ??2.7 GHz 1/4 W Digital Variable Amplifier
logo
TriQuint Semiconductor
TQM879008 TRIQUINT-TQM879008_15 Datasheet
985Kb / 10P
   1.5-2.7 GHz W Digital Variable Gain Amplifier
TQM879028 TRIQUINT-TQM879028 Datasheet
548Kb / 8P
   0.7.4.0 GHz 쩍 W Digital Variable Gain Amplifier
TQC9312 TRIQUINT-TQC9312_15 Datasheet
397Kb / 9P
   3.3 ??3.8 GHz W Digital Variable Gain Amplifier
TQM829007 TRIQUINT-TQM829007_15 Datasheet
1,011Kb / 10P
   0.6-1.0 GHz W Digital Variable Gain Amplifier
TQM879026 TRIQUINT-TQM879026_15 Datasheet
903Kb / 17P
   0.7-4 GHz W Digital Variable Gain Amplifier
TQM879028 TRIQUINT-TQM879028_15 Datasheet
639Kb / 15P
   0.7-4.0 GHz W Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com