Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQM879006A-PCB Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TQM879006A-PCB
Description  1.4-2.7GHz W Digital Variable Gain Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM879006A-PCB Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TQM879006A-PCB Datasheet HTML 2Page - TriQuint Semiconductor TQM879006A-PCB Datasheet HTML 3Page - TriQuint Semiconductor TQM879006A-PCB Datasheet HTML 4Page - TriQuint Semiconductor TQM879006A-PCB Datasheet HTML 5Page - TriQuint Semiconductor TQM879006A-PCB Datasheet HTML 6Page - TriQuint Semiconductor TQM879006A-PCB Datasheet HTML 7Page - TriQuint Semiconductor TQM879006A-PCB Datasheet HTML 8Page - TriQuint Semiconductor TQM879006A-PCB Datasheet HTML 9Page - TriQuint Semiconductor TQM879006A-PCB Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TQM879006A
1.4-2.7GHz ¼ W Digital Variable Gain Amplifier
Data Sheet: Rev P 10/19/12
- 6 of 11 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Serial Control Interface
Serial Control Timing Characteristics (Test conditions: V
CC
= +5 V, TLEAD=25°C)
Parameter
Condition
Min
Max
Units
Clock Frequency
50% Duty Cycle
10
MHz
LE Setup Time, tLESUP
after last CLK rising edge
10
ns
LE Pulse Width, tLEPW
30
ns
SERIN set-up time, tSDSUP
before CLK rising edge
10
ns
SERIN hold-time, tSDHLD
after CLK rising edge
10
ns
LE Pulse Spacing tLE
LE to LE pulse spacing
630
ns
Propagation Delay tPLO
LE to Parallel output valid
30
ns
Serial Control DC Logic Characteristics (Test conditions: V
CC
= +5 V, TLEAD=25°C)
Parameter
Condition
Min
Max
Units
Input Low Voltage, VIL
0
0.8
V
Input High Voltage, VIH
2.4
Vcc
V
Input Current, IIH / IIL
On SERIN, LE and CLK
-10
+10
µA
SERIN (MSB in First 6-Bit Word) Control Logic Truth Table
MSB
6-Bit Control Word to DSA
LSB
Gain Relative to Maximum Gain
D5
D4
D3
D2
D1
D0
Reference : IL
1
1
1
1
1
1
0 dB
1
1
1
1
1
0
0.5 dB
1
1
1
1
0
1
1 dB
1
1
1
0
1
1
2 dB
1
1
0
1
1
1
4 dB
1
0
1
1
1
1
8 dB
0
1
1
1
1
1
16 dB
0
0
0
0
0
0
31.5 dB
Any combination of the possible 64 states will provide a reduction in gain of approximately the sum of the bits selected.
Serial Control Interface Timing Diagram
CLK is disabled when LE is high
SERIN
CLK
LE
D5-D0
MSB-LSB
D5-D0
MSB-LSB
tSDSUP
tSDHLD
tLESUP
tLEPW
tPLO


Similar Part No. - TQM879006A-PCB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQM879006A-PCB QORVO-TQM879006A-PCB Datasheet
771Kb / 11P
   1.4 ??2.7 GHz 1/4 W Digital Variable Amplifier
More results

Similar Description - TQM879006A-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM879008 TRIQUINT-TQM879008 Datasheet
1,014Kb / 11P
   1.5-2.7GHz 쩍 W Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQM879008 QORVO-TQM879008 Datasheet
745Kb / 10P
   1.4-2.7 GHz 1/2 W Digital Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM879006A TRIQUINT-TQM879006A_15 Datasheet
1Mb / 11P
   1.4 ??.7 GHz W Digital Variable Amplifier
logo
Qorvo, Inc
TQM879006A QORVO-TQM879006A Datasheet
771Kb / 11P
   1.4 ??2.7 GHz 1/4 W Digital Variable Amplifier
logo
TriQuint Semiconductor
TQM879008 TRIQUINT-TQM879008_15 Datasheet
985Kb / 10P
   1.5-2.7 GHz W Digital Variable Gain Amplifier
TQM879028 TRIQUINT-TQM879028 Datasheet
548Kb / 8P
   0.7.4.0 GHz 쩍 W Digital Variable Gain Amplifier
TQC9312 TRIQUINT-TQC9312_15 Datasheet
397Kb / 9P
   3.3 ??3.8 GHz W Digital Variable Gain Amplifier
TQM829007 TRIQUINT-TQM829007_15 Datasheet
1,011Kb / 10P
   0.6-1.0 GHz W Digital Variable Gain Amplifier
TQM879026 TRIQUINT-TQM879026_15 Datasheet
903Kb / 17P
   0.7-4 GHz W Digital Variable Gain Amplifier
TQM879028 TRIQUINT-TQM879028_15 Datasheet
639Kb / 15P
   0.7-4.0 GHz W Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com