Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQM879026-PCB2140 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TQM879026-PCB2140
Description  0.7?? GHz 쩌W Digital Variable Gain Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQM879026-PCB2140 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TQM879026-PCB2140 Datasheet HTML 1Page - TriQuint Semiconductor TQM879026-PCB2140 Datasheet HTML 2Page - TriQuint Semiconductor TQM879026-PCB2140 Datasheet HTML 3Page - TriQuint Semiconductor TQM879026-PCB2140 Datasheet HTML 4Page - TriQuint Semiconductor TQM879026-PCB2140 Datasheet HTML 5Page - TriQuint Semiconductor TQM879026-PCB2140 Datasheet HTML 6Page - TriQuint Semiconductor TQM879026-PCB2140 Datasheet HTML 7Page - TriQuint Semiconductor TQM879026-PCB2140 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TQM879026
0.7
−4 GHz ¼W Digital Variable Gain Amplifier
Data Sheet: Rev B 12/14/2012
- 4 of 8 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Bill of Material - TQM879026-PCB2140
Reference Des.
Value
Description
Manuf.
Part Number
U1
n/a
¼ W DVGA
TriQuint
TQM879026
C1, C2
100 pF
Cap 0402 5% 50V NPO/COG
various
C3
8.2 pF
Cap 0402 ±0.1 pF 50V NPO/COG
AVX
04025U8R2BAT2A
C4
0.01 uF
Cap 0402 ±10% 16V X7R
various
C6
1 uF
Cap 0402 ±10% 10V X5R
various
C7
22 pF
Cap 0402 5% 50V NPO/COG
various
C8
1.2 pF
Cap 0402 ±0.1 pF 25V NPO/COG
AVX
04023U1R2CAT2A
C9
0.8 pF
Cap 0402 ±0.075 pF 25V NPO/COG
AVX
04025U0R8BAT2A
L1
68 nH
Ind 0402
various
L2
18 nH
Ind 0402
various
L3
2.2 nH
Ind 0402
various
R1, R2, R3, R5
0 Ω
Res 0402
various
R4
4.3 Ω
Res 0402
various
TQM879026-PCB2140 Evaluation Board
J5
U1
R4
L1
C1
R3
R2
R1
C6
C7
R5
C3
L3
C2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
24
23
22
21
20
19
DSA
C1
100 pF
C2
100 pF
L1
68 nH
C4
0.01 uF
SOD
J5-14
VDD
J5-1
R4
4.3
C8
1.2 pF
R3
0
R2
0
R1
0
LE
J5-13
DATA
J5-11
CLK
J5-12
C3
8.2 pF
C6
1 uF
C7
22 pF
L2
18 nH
J1
RF
Input
VDD
J5-1
VDD
J5-19
R5
0
C9
0.8 pF
L3
2.2 nH
J2
RF
Output


Similar Part No. - TQM879026-PCB2140

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM879026-PCB2140 TRIQUINT-TQM879026-PCB2140 Datasheet
903Kb / 17P
   0.7-4 GHz W Digital Variable Gain Amplifier
More results

Similar Description - TQM879026-PCB2140

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQC9305 QORVO-TQC9305 Datasheet
706Kb / 9P
   0.7 ??3.6 GHz Digital Variable Gain Amplifier
logo
TriQuint Semiconductor
TQC9305 TRIQUINT-TQC9305_15 Datasheet
880Kb / 9P
   0.7-3.6 GHz Digital Variable Gain Amplifier
TQM879026 TRIQUINT-TQM879026_15 Datasheet
903Kb / 17P
   0.7-4 GHz W Digital Variable Gain Amplifier
TQM879028 TRIQUINT-TQM879028_15 Datasheet
639Kb / 15P
   0.7-4.0 GHz W Digital Variable Gain Amplifier
TQM829007 TRIQUINT-TQM829007 Datasheet
737Kb / 12P
   0.6-1.0GHz 쩌W Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075_15 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9077 TRIQUINT-TQM8M9077 Datasheet
1Mb / 9P
   0.05-4 GHz Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQM8M9075 QORVO-TQM8M9075 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com