Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHW932 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MHW932
Description  32 W 890 to 915 MHz RF POWER AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHW932 Datasheet(HTML) 5 Page - Motorola, Inc

  MHW932 Datasheet HTML 1Page - Motorola, Inc MHW932 Datasheet HTML 2Page - Motorola, Inc MHW932 Datasheet HTML 3Page - Motorola, Inc MHW932 Datasheet HTML 4Page - Motorola, Inc MHW932 Datasheet HTML 5Page - Motorola, Inc MHW932 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
MHW932
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
CASE 301S–02
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION F TO CENTER OF LEADS.
STYLE 1:
PIN 1. RF INPUT
2. DC TERMINAL, Vs1
3. DC TERMINAL, Vs2
4. DC TERMINAL, Vb
5. DC TERMINAL, Vs3
6. DC TERMINAL, Vs4
7. RF OUTPUT
B
G
7 PL
J
K
R
–A–
–Z–
D
2 PL
Q
Z
M
0.25 (0.010)
T
M
A
M
0.13 (0.005)
T
1 2 3
4
5
6
M
L
H
N
U
X
–S–
W
M
S
M
0.13 (0.005)
A M
T
7
7 PL
P
M
0.25 (0.010)
T
E
F
C
SEATING
PLANE
–T–
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
2.640
2.660
67.06
67.56
B
2.040
2.085
51.82
52.95
C
0.335
0.360
8.51
9.14
D
0.018
0.022
0.46
0.56
E
0.100
0.115
2.54
2.92
F
0.147 BSC
3.73 BSC
G
2.405 BSC
61.09 BSC
H
1.900 BSC
48.26 BSC
J
0.400
0.440
10.16
11.18
K
0.177
0.217
4.50
5.51
L
1.800 BSC
45.72 BSC
M
0.800 BSC
20.32 BSC
N
1.600 BSC
40.64 BSC
P
0.008
0.012
0.21
0.30
Q
0.136
0.146
3.45
3.71
R
0.800
0.820
20.32
20.83
S
0.670
0.690
17.02
17.53
U
1.300 BSC
33.02 BSC
W
0.200 BSC
5.08 BSC
X
0.100 BSC
2.54 BSC
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.


Similar Part No. - MHW932

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW930 MOTOROLA-MHW930 Datasheet
52Kb / 3P
   30 W 925.960 MHz RF POWER AMPLIFIER
More results

Similar Description - MHW932

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW903 MOTOROLA-MHW903 Datasheet
154Kb / 8P
   3.5 W 890 to 915 MHz RF POWER AMPLIFIERS
MHW912 MOTOROLA-MHW912 Datasheet
128Kb / 6P
   12.5 W 884 to 915 MHz RF POWER AMPLIFIER
logo
List of Unclassifed Man...
CMM0335 ETC-CMM0335 Datasheet
34Kb / 2P
   890 to 915 MHz 6V, 35 dBm, GSM Power Amplifier
logo
Motorola, Inc
MHW913 MOTOROLA-MHW913 Datasheet
70Kb / 4P
   14 WATT 880-915 MHz RF POWER AMPLIFIER
logo
Tyco Electronics
ESMD-C2HX2 MACOM-ESMD-C2HX2 Datasheet
82Kb / 2P
   E - Series Surface Mount Mixer 890 - 915 MHz
logo
Skyworks Solutions Inc.
SKY65094-360LF SKYWORKS-SKY65094-360LF Datasheet
999Kb / 16P
   698 to 915 MHz Low-Noise Power Amplifier Driver
logo
Motorola, Inc
MHW930 MOTOROLA-MHW930 Datasheet
52Kb / 3P
   30 W 925.960 MHz RF POWER AMPLIFIER
logo
Analog Devices
ADL5604 AD-ADL5604 Datasheet
612Kb / 24P
   700 MHz to 2700 MHz 1 W RF Driver Amplifier
REV. 0
logo
RF Monolithics, Inc
SF2150E RFM-SF2150E Datasheet
369Kb / 6P
   RF Filter, 915 MHz, 10 MHz BW
logo
TAI-SAW TECHNOLOGY CO.,...
TL0023A TAI-SAW-TL0023A Datasheet
604Kb / 7P
   LTCC Filter 902.5(890 ~ 915) MHz SMD 2.0x1.25 mm (25MHz BW)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com