Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W99132P Datasheet(PDF) 1 Page - Winbond

Part # W99132P
Description  VCD CONTROLLER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W99132P Datasheet(HTML) 1 Page - Winbond

  W99132P Datasheet HTML 1Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
W99132EX / W99132E / W99132P
VCD CONTROLLER
Winbond Corporate Headquarters
Taipei Sales Office
Winbond Electronics North America Corp.
Winbond Electronics H.K. Ltd.
Tel : 886-3-5790666
Tel : 886-2-27190505
Tel : 1-408-943666
Tel : 852-27513100
Fax : 886-3-5796139
Fax : 886-2-27197502 Fax : 1-408-9436668
Fax : 852-27552064
Details are subject to change without notice. All trade marks are property of their respective holders.
June 1998
GENERAL DESCRIPTION
The W99132 is a VCD microcontroller with
standard 80C32 core. It contains embedded
12KB SRAM without external memory anymore.
It provides improved peripheral function as to
communicate
with
other
components
conveniently. And a porgrammable Watchdog
Timer is dedicated to supervising the system. It
also support Remote Control Receiver to sense
user command more rapidly and correctly.
Additional direct block move operation with
auto-increment on source or destination address
provide an efficient data move ability.
FEATURES
• 8-Bit CMOS microcontroller
• Up to 50 MHz operation
• Additional instructions of memory to memory
move with two 16-bit Data Pointers
• 256-byte Scratchpad RAM
• 12k-byte data memory embedded
• 64k-byte address space for external Program
Memory
• 64k-byte address space for external Data
Memory
• Three 16-bit timer/counter, the timer0 clock
can be programmed
• Four 8-bit bidirectional ports
• A Seven-source interrupt structure with two
priority levels
• An additional a programmable watchdog timer
• One enhanced programmable full duplex
serial port
• NEC, PHILIPS and SANYO format remote
control receiver
• Power-on reset
• Built-in power-saving modes - Idle mode &
Power-down mode
• An additional system Clock Output
(W99132E, W99132P)
• Operating voltage 4.5V ~ 5.5V
• 40-pin DIP package (W99132EX, W99132E)
44-pin PLCC package (W99132P)
W99132 Functional Block
Following figure shows the function block of
W99132
CPU
OSC
Interupt
12K Bytes
SRAM
256 Bytes
RAM
Serial Port
Timer/
Counter
I/O Port
Bus Expantion
Control
/INT0, IR
/INT1
XTAL2
XTAL1
P0
P1
P2
P3
T0 T1 T2
TXD
RXD
TIMER0~
TIMER2 UART
WATCHDOG
TIMER
CLKOUT
RST
/WR /RD ALE /PSEN
APPLICATIONS
l
VCD player
l
DVD player
l
Multimedia system
The following figure shows a typical VCD player
connection diagram of W99132
EEPROM
W27E010-70
VCD Controller
W99132
DRAM
256kX16-70ns
MPEG Decoder
W9925QF
TV Encoder
W9952QP
Servo
Audio DAC
IR
UI


Similar Part No. - W99132P

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W9908 PULSE-W9908 Datasheet
1Mb / 6P
   C-Clip Connector
W9909 PULSE-W9909 Datasheet
3Mb / 7P
   C-Clip Connector
logo
Winbond
W99200AF WINBOND-W99200AF Datasheet
17Kb / 1P
   MPEG-1 VIDEO ENCODER
W99200F WINBOND-W99200F Datasheet
17Kb / 1P
   MPEG-1 VIDEO ENCODER
W9922 WINBOND-W9922 Datasheet
32Kb / 1P
   DVD A/V Decoder
More results

Similar Description - W99132P

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCC1FIBR VECTRON-VCC1FIBR Datasheet
93Kb / 1P
   5.0 Vcd Option
logo
Silan Microelectronics ...
SC9827 SILAN-SC9827 Datasheet
432Kb / 7P
   VCD SIGNAL-CHIP PROCESSOR
SC9660 SILAN-SC9660 Datasheet
290Kb / 7P
   VCD SIGNALCHIP PROCESSOR
logo
MOSDESIGN SEMICONDUCTOR...
M3010 MOSDESIGN-M3010 Datasheet
145Kb / 1P
   IR TV/VCD TRANSMITTER
2001-10-22
logo
Winbond
W9923QF WINBOND-W9923QF Datasheet
35Kb / 1P
   VCD Decoder with MP3
logo
NXP Semiconductors
SAA2510 PHILIPS-SAA2510 Datasheet
126Kb / 28P
   Video CD VCD decoder
1996 May 21
logo
List of Unclassifed Man...
ES4118 ETC-ES4118 Datasheet
65Kb / 4P
   Super VCD Processor Product Brief
logo
Winbond
W88611P WINBOND-W88611P Datasheet
35Kb / 1P
   VCD 4X RF AMP/DIGITAL SERVO & DSP
logo
MOSDESIGN SEMICONDUCTOR...
M3014 MOSDESIGN-M3014 Datasheet
79Kb / 9P
   IR TV/VCD TRANSMITTER IR CONTROL IC
2004-09-06
logo
List of Unclassifed Man...
AT5668 ETC1-AT5668 Datasheet
565Kb / 11P
   5-Channel Motor Driver for DVD/VCD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com