Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W986408CH Datasheet(PDF) 10 Page - Winbond

Part # W986408CH
Description  2M x 8BIT x 4 BANKS SDRAM
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W986408CH Datasheet(HTML) 10 Page - Winbond

Back Button W986408CH Datasheet HTML 6Page - Winbond W986408CH Datasheet HTML 7Page - Winbond W986408CH Datasheet HTML 8Page - Winbond W986408CH Datasheet HTML 9Page - Winbond W986408CH Datasheet HTML 10Page - Winbond W986408CH Datasheet HTML 11Page - Winbond W986408CH Datasheet HTML 12Page - Winbond W986408CH Datasheet HTML 13Page - Winbond W986408CH Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
W986408CH
2M x 8 bit x 4 Banks SDRAM
Revision 1.0
Publication Release Date: March, 1999
- 10 -
Functional Description
Power Up and Initialization
The default power up state of the mode register is unspecified. The following power up and initialization sequence need to be
followed to guarantee the device being preconditioned to each user specific needs.
During power up, all Vcc and VccQ pins must be ramp up simultaneously to the specified voltage when the input signals are
held in the "NOP" state. The power up voltage must not exceed Vcc+0.3V on any of the input pins or VCC supplies. After power
up, an initial pause of 200us is required followed by a precharge of all banks using the precharge command. To prevent data
contention on the DQ bus during power up, it is required that the DQM and CKE pins be held high during the initial pause
period. Once all banks have been precharged, the Mode Register Set Command must be issued to initialize the Mode Register.
An additional eight Auto Refresh cycles (CBR) are also required before or after programming the Mode Register to ensure
proper subsequent operation.
Programming Mode Register
After initial power up, the Mode Register Set Command must be issued for proper device operation. All banks must be in a
precharged state and CKE must be high at least one cycle before the Mode Register Set Command can be issued. The Mode
Register Set Command is activated by the low signals of RAS, CAS, CS and WE at the positive edge of the clock. The address
input data during this cycle defines the parameters to be set as shown in the Mode Register Operation table. A new command
may be issued following the mode register set command once a delay equal to tRSC has elapsed. Please refer to the next page
for Mode Register Set Cycle and Operation Table.
Bank Activate Command
The Bank Activate command must be applied before any Read or Write operation can be executed. The operation is similar to
RAS# activate in EDO DRAM. The delay from the Bank Activate command is applied to the first read or write operation can
begin must not be less than the RAS to CAS delay time (tRCD). Once a bank has been activated it must be precharged before
another Bank Activate command can be issued to it. The minimum time interval between successive Bank Activate commands
to the same bank is determined by the RAS cycle time of the device (tRC). The minimum time interval between interleaved Bank
Activate commands (Bank A to Bank B and vice versa) is the Bank to Bank delay time (tRRD). The maximum time that a bank can
be held active is specified as tRAS(max).
Read and Write Access Modes
After a bank has been activated , a read or write cycle can follow. This is accomplished by setting RAS high and CAS low at the
clock rising edge after minimum of tRCD delay. WE pin voltage level defines whether the access cycle is a read operation (WE
high), or a write operation (WE low). The address inputs determine the starting column address.
Reading or writing to a different row within an activated bank requires the bank be precharged and a new Bank Activate
command be issued. When more than one bank is activated, interleaved bank Read or Write operations are possible. By using
the programmed burst length and alternating the access and precharge operations between multiple banks, seamless data access
operation among many different pages can be realized. Read or Write Commands can also be issued to the same bank or
between active banks on every clock cycle.


Similar Part No. - W986408CH

ManufacturerPart #DatasheetDescription
logo
Winbond
W986416CH WINBOND-W986416CH Datasheet
2Mb / 42P
   1M x 16 BIT x 4 BANKS SDRAM
W986416DH WINBOND-W986416DH Datasheet
1Mb / 48P
   1M X 4 BANKS X 16 BITS SDRAM
W986432AH WINBOND-W986432AH Datasheet
1Mb / 44P
   512K x 4 BANKS x 32 BITS SDRAM
W986432DH WINBOND-W986432DH Datasheet
66Kb / 10P
   Auto Refresh and Self Refresh
W9864G2GH WINBOND-W9864G2GH Datasheet
1Mb / 46P
   512K X 4 BANKS X 32BITS SDRAM
More results

Similar Description - W986408CH

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S640832E SAMSUNG-K4S640832E Datasheet
126Kb / 10P
   64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S640832F SAMSUNG-K4S640832F Datasheet
118Kb / 11P
   64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S640832C SAMSUNG-K4S640832C Datasheet
130Kb / 11P
   64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S640832D SAMSUNG-K4S640832D Datasheet
128Kb / 10P
   64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
KM48S8030D SAMSUNG-KM48S8030D Datasheet
117Kb / 11P
   64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
logo
Hynix Semiconductor
HY57V64820HG HYNIX-HY57V64820HG Datasheet
134Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
HY57V658020B HYNIX-HY57V658020B Datasheet
146Kb / 12P
   4 Banks x 2M x 8Bit Synchronous DRAM
HY57V64820HGTP HYNIX-HY57V64820HGTP Datasheet
85Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
logo
Samsung semiconductor
KM48S8030C SAMSUNG-KM48S8030C Datasheet
82Kb / 8P
   2M x 8Bit x 4 Banks Synchronous DRAM
logo
Winbond
W981216BH WINBOND-W981216BH Datasheet
1Mb / 41P
   2M x 4 BANKS x 16 BIT SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com