Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4539-SM Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGA4539-SM
Description  Ka-Band 1 Watt Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4539-SM Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGA4539-SM Datasheet HTML 1Page - TriQuint Semiconductor TGA4539-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA4539-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA4539-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA4539-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA4539-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA4539-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA4539-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA4539-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TGA4539-SM
Ka-Band 1 Watt Power Amplifier
Preliminary Data Sheet: Rev F 10/11/12
- 2 of 14 -
Disclaimer: Subject to change without notice e
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Specifications
Absolute Maximum Ratings
Parameter
Rating
Drain Voltage,Vd
+8 V
Gate Voltage,Vg
-5 to 0 V
Drain to Gate Voltage, Vd – Vg
12 V
Drain Current, Id
984 mA
Gate Current, Ig
35 mA
Power Dissipation, Pdiss
6.9 W
RF Input Power, CW, T = 25ºC
22 dBm
Channel Temperature, Tch
200
oC
Mounting Temperature (30
Seconds)
260
oC
Storage Temperature
-40 to 150
oC
Operation of this device outside the parameter ranges
given above may cause permanent damage. These are
stress ratings only, and functional operation of the
device at these conditions is not implied.
Recommended Operating Conditions
Parameter
Min
Typical
Max Units
Vd
6
V
Idq
420
mA
Id_drive (Under RF
Drive, Constant Vg)
800
mA
Vg
-0.59
V
Electrical specifications are measured at specified test
conditions.
Specifications are not guaranteed over all recommended
operating conditions.
Electrical Specifications
Test conditions unless otherwise noted: 25ºC, Vd = 6 V, Idq = 420 mA, Vg = -0.59 V Typical.
Parameter
Min
Typical
Max
Units
Operational Frequency Range
28
30
GHz
Gain
15.5
20
dB
Input Return Loss
15
dB
Output Return Loss
10
dB
Output Power @ Saturation
29.5
30.5
dBm
Output Power @ 1dB Gain Compression
30
dBm
Output TOI @ 26 dBm Pout/tone
33
dBm
Gain Temperature Coefficient
-0.06
dB/°C
Power Temperature Coefficient
-0.02
dB/°C


Similar Part No. - TGA4539-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4539-SM TRIQUINT-TGA4539-SM Datasheet
901Kb / 14P
   Ka Band 1 Watt Power Amplifier
TGA4539-SM TRIQUINT-TGA4539-SM_15 Datasheet
901Kb / 14P
   Ka Band 1 Watt Power Amplifier
More results

Similar Description - TGA4539-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4539-SM TRIQUINT-TGA4539-SM_15 Datasheet
901Kb / 14P
   Ka Band 1 Watt Power Amplifier
TGA1055 TRIQUINT-TGA1055 Datasheet
482Kb / 3P
   Ka Band 2 Watt Power Amplifier
TGA2575-TS TRIQUINT-TGA2575-TS_15 Datasheet
596Kb / 12P
   Ka-Band 3 Watt Power Amplifier
TGA4906-SM TRIQUINT-TGA4906-SM_15 Datasheet
948Kb / 18P
   4 Watt Ka-Band Power Amplifier
logo
Qorvo, Inc
TGA2575 QORVO-TGA2575 Datasheet
551Kb / 11P
   Ka-Band 3 Watt Power Amplifier
logo
TriQuint Semiconductor
TGA2575 TRIQUINT-TGA2575_15 Datasheet
504Kb / 11P
   Ka-Band 3 Watt Power Amplifier
TGA4514 TRIQUINT-TGA4514_15 Datasheet
480Kb / 13P
   2 Watt Ka-Band Power Amplifier
TGA4905-CP TRIQUINT-TGA4905-CP Datasheet
113Kb / 9P
   4 Watt Ka Band Packaged Amplifier
TGA4905-CP TRIQUINT-TGA4905-CP_15 Datasheet
407Kb / 10P
   4 Watt Ka Band Packaged Amplifier
TGA4901-EPU-CP TRIQUINT-TGA4901-EPU-CP Datasheet
245Kb / 10P
   3 Watt Ka Band Packaged Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com