Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4543 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGA4543
Description  40.5 - 43.5 GHz Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4543 Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TGA4543 Datasheet HTML 2Page - TriQuint Semiconductor TGA4543 Datasheet HTML 3Page - TriQuint Semiconductor TGA4543 Datasheet HTML 4Page - TriQuint Semiconductor TGA4543 Datasheet HTML 5Page - TriQuint Semiconductor TGA4543 Datasheet HTML 6Page - TriQuint Semiconductor TGA4543 Datasheet HTML 7Page - TriQuint Semiconductor TGA4543 Datasheet HTML 8Page - TriQuint Semiconductor TGA4543 Datasheet HTML 9Page - TriQuint Semiconductor TGA4543 Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TGA4543
40.5 - 43.5 GHz Power Amplifier
Preliminary Data Sheet: Rev
– 9/15/12
- 6 of 12 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Typical Performance
20
21
22
23
24
25
26
27
28
29
30
40
40.5
41
41.5
42
42.5
43
43.5
44
Frequency (GHz)
P1dB vs. Frequency vs. Id
Vd = 5 - 6 V, Id = 900 - 1100 mA, 25°C
5V900mA
5V1100mA
6V900mA
6V1100mA
15
16
17
18
19
20
21
22
23
24
25
40
40.5
41
41.5
42
42.5
43
43.5
44
Frequency (GHz)
Gain vs. Frequency vs. Id
Vd = 5 - 6 V, Id = 900 - 1100 mA, 25°C
5V900mA
5V1100mA
6V900mA
6V1100mA
30
31
32
33
34
35
36
37
38
39
40
40
40.5
41
41.5
42
42.5
43
43.5
44
Frequency (GHz)
TOI vs. Frequency vs. Id
Vd = 5 - 6 V, Id = 900 - 1100 mA, 25°C
5V@900mA
5V@1100mA
6V@900mA
6V@1100mA
16
17
18
19
20
21
22
23
24
25
26
40
40.5
41
41.5
42
42.5
43
43.5
44
Frequency (GHz)
Gain vs. Frequency vs. Temperature
Vd = +6.0V, Id = 900 mA, Vg = -0.7 Typical
+85°C
+25°C
-40°C
20
21
22
23
24
25
26
27
28
29
30
31
32
40
40.5
41
41.5
42
42.5
43
43.5
44
Frequency (GHz)
P1dB vs. Frequency vs. Temperature
Vd = 6 V, Id = 900 mA, Vg = -0.7 V Typical
-40°C
+25°C
+85°C
30
31
32
33
34
35
36
37
38
39
40
40
40.5
41
41.5
42
42.5
43
43.5
44
Frequency (GHz)
TOI vs. Frequency vs. Temperature
Vd = 6 V, Id = 900 mA, Vg = -0.7 V Typical
-40°C
+25°C
+85°C


Similar Part No. - TGA4543

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4543 TRIQUINT-TGA4543 Datasheet
1Mb / 13P
   40.5 to 43.5 GHz Power Amplifier
TGA4543 TRIQUINT-TGA4543_15 Datasheet
1Mb / 13P
   40.5 to 43.5 GHz Power Amplifier
More results

Similar Description - TGA4543

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4543 TRIQUINT-TGA4543_15 Datasheet
1Mb / 13P
   40.5 to 43.5 GHz Power Amplifier
logo
Broadcom Corporation.
AMGP-6551 BOARDCOM-AMGP-6551 Datasheet
639Kb / 8P
   40.5 ??43.5 GHz SMT Packaged Up-Converter
AMGP-6445 BOARDCOM-AMGP-6445 Datasheet
146Kb / 9P
   40.5 ??43.5 GHz SMT Packaged Linear Power Amplifi er
AMGP-6342 BOARDCOM-AMGP-6342 Datasheet
147Kb / 7P
   40.5 ??43.5 GHz SMT Packaged Variable Gain Amplifi er
logo
Mimix Broadband
XP1016-BD MIMIX-XP1016-BD Datasheet
297Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1015 MIMIX-XP1015 Datasheet
1Mb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1028-BD MIMIX-XP1028-BD Datasheet
345Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
44MPA0478 MIMIX-44MPA0478 Datasheet
436Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1016 MIMIX-XP1016 Datasheet
673Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1015-BD MIMIX-XP1015-BD Datasheet
228Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com