Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGC4610-SM Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGC4610-SM
Description  K-Band Downconverter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGC4610-SM Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGC4610-SM Datasheet HTML 1Page - TriQuint Semiconductor TGC4610-SM Datasheet HTML 2Page - TriQuint Semiconductor TGC4610-SM Datasheet HTML 3Page - TriQuint Semiconductor TGC4610-SM Datasheet HTML 4Page - TriQuint Semiconductor TGC4610-SM Datasheet HTML 5Page - TriQuint Semiconductor TGC4610-SM Datasheet HTML 6Page - TriQuint Semiconductor TGC4610-SM Datasheet HTML 7Page - TriQuint Semiconductor TGC4610-SM Datasheet HTML 8Page - TriQuint Semiconductor TGC4610-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TGC4610-SM
K-Band Downconverter
Preliminary Data Sheet: Rev A 10/11/12
- 1 of 26 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Applications
VSAT
Point-to-Point Radio
Test Equipment & Sensors
28-pin 5x5 mm QFN package
Product Features
Functional Block Diagram
RF Frequency Range: 17 – 27 GHz
IF Frequency: DC – 4 GHz
LO Frequency: 6.5 – 15.5 GHz
LO Input Power: 2 to 9 dBm
Conversion Gain: 15 dB
Noise Figure: ≤ 2.5 dB
Package Dimensions: 5.0 x 5.0 x 1.3 mm
General Description
Pin Configuration
The TriQuint TGC4610-SM is a K-Band Image
Reject Downconverter. The TGC4610-SM operates
over an RF frequency range of 17 to 27 GHz and
LO from 6.5 to 15.5 GHz with IF outputs from DC to
4 GHz. This part is designed using TriQuint’s
pHEMT production process.
The TGC4610-SM integrates an LNA, and image
reject mixer driven by a multiplier.
It typically
provides an Input IP3 of 3 dBm at –25 dBm input
power per tone and has a conversion gain of 15 dB
and noise figure of 2.5 dB or less.
The TGC4610-SM is available in a low-cost,
surface mount 28 lead 5x5 mm QFN package and
is ideally suited for Point-to-Point Radio, and K-
Band VSAT Ground Terminal applications.
Lead-free and RoHS compliant.
Evaluation Boards are available upon request.
Pin #
Function Label
1, 7, 8, 14, 15, 21, 22,
28
GND
2, 4, 5, 6, 12, 16, 18,
20, 25, 26
NC
3
RF IN
9
LO IN
10
VDLO1
11
VGX
13
VDLO23
17
IF1
19
IF2
23
VDRF4V
24
VDRF
27
VGRF
Ordering Information
Part No.
ECCN
Description
TGC4610-SM
EAR99
K-band Downconverter
Standard T/R size = 500 pieces on a 13” reel.
4610
1232
6425
X2


Similar Part No. - TGC4610-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC4610-SM TRIQUINT-TGC4610-SM Datasheet
914Kb / 26P
   K-Band Downconverter
logo
Qorvo, Inc
TGC4610-SM QORVO-TGC4610-SM Datasheet
863Kb / 26P
   K-Band Downconverter
TGC4610-SMEVB-H QORVO-TGC4610-SMEVB-H Datasheet
863Kb / 26P
   K-Band Downconverter
TGC4610-SMEVB-L QORVO-TGC4610-SMEVB-L Datasheet
863Kb / 26P
   K-Band Downconverter
logo
TriQuint Semiconductor
TGC4610-SM TRIQUINT-TGC4610-SM_15 Datasheet
914Kb / 26P
   K-Band Downconverter
More results

Similar Description - TGC4610-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC4610-SM TRIQUINT-TGC4610-SM_15 Datasheet
914Kb / 26P
   K-Band Downconverter
logo
Qorvo, Inc
TGC4610-SM QORVO-TGC4610-SM Datasheet
863Kb / 26P
   K-Band Downconverter
logo
Analog Devices
ADMV4420 AD-ADMV4420 Datasheet
1Mb / 61P
   K Band Downconverter with Integrated Fractional-N PLL and VCO
logo
List of Unclassifed Man...
CV211-2 ETC1-CV211-2 Datasheet
430Kb / 7P
   UMTS-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV110-1A WJCI-CV110-1A Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
logo
NEC
UPC2721GR NEC-UPC2721GR Datasheet
47Kb / 6P
   SILICON MMIC L BAND DOWNCONVERTER
logo
List of Unclassifed Man...
CV110-1 ETC-CV110-1 Datasheet
217Kb / 3P
   Cellular-band Single-Branch Downconverter
CV111-3 ETC-CV111-3 Datasheet
571Kb / 4P
   UMTS-band High Linearity Downconverter
logo
New Japan Radio
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
   800MHz BAND DOWNCONVERTER GaAs MMIC
logo
WJ Communication. Inc.
CV110-1A WJCI-CV110-1A_07 Datasheet
281Kb / 4P
   Cellular-band High Linearity Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com