Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX92241LUA-AAA-007 Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # MLX92241LUA-AAA-007
Description  2-Wire Hall Effect Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92241LUA-AAA-007 Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX92241LUA-AAA-007 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92241LUA-AAA-007 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92241LUA-AAA-007 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92241LUA-AAA-007 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92241LUA-AAA-007 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92241LUA-AAA-007 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92241LUA-AAA-007 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX92241LUA-AAA-007 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX92241LUA-AAA-007 Datasheet HTML 11Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MLX92241LUA-AAA-007
2-Wire Hall Effect Switch
390109224107 Rev. 1
Page 8 of 11
March/12
8 Application Information
8.1 Typical Automotive Application Circuit
C1
10nF
VDD
GND
TEST
RSENSE
VCC
Notes:
1. For proper operation, a 10nF bypass capacitor should be placed
as close as possible to the VDD and ground(GND) pin. For complete
emissions protection a C1 = 68nF is recommended.
2. The TEST pin is to be left open or connected to GND.
MLX92241
ECU
VHSENSE
100
8.2 Automotive and Harsh, Noisy
Environments Application Circuit
8.3 Strobbing VDD application (used for
reduced self-heating)
C1
68nF
VDD
GND
TEST
RSENSE
VCC
MLX92241
ECU
VHSENSE
100
Notes:
1. Given strobe timing is exemplary only. The output response is for sensor type
MLX92221xxx-xLxS.
2. For proper operation, a 10nF to 100nF bypass capacitor should be placed as
close as possible to the VDD and ground pin.
t
t
VDD
IDD
IONtyp
I
OFFtyp
12V
South Pole
weak South or B = null
ON phase
OFF phase
(1ms)
(1s)
Valid IDD
state
tON
tON
Valid IDD
state
C1
68nF
VDD
GND
TEST
RSENSE
VCC
MLX92241
ECU
VHSENSE
100
Notes:
1. For proper operation , a 10nF to 100nF bypass capacitor should be placed as close
as possible to the VDD and ground pin.
2. The device could tolerate negative voltage down to -24V, so if negative transients
over supply line VPEAK< -29V are expected, usage of the diode D1 is recommended.
Otherwise only RSENSEis sufficient .
When selecting the resistor RSENSE, three points are important:
- the resistor has to limit IDD/IDDREV to 50mA maximum
- the resistor has to withstand the power dissipated in both over voltage
conditions (VRSENSE
2/R
SENSE)
- the resulting device supply voltage V DD has to be higher than V DDmin
(VDD = VCC – RSENSE.IDD)
3. The device could tolerate positive supply voltage up to +27V (until the maximum
power dissipation is not exceeded), so if positive transients over supply line with
VPEAK> 32V are expected, usage a zener diode DZ 1 is recommended. The RSENSE-DZ1
network should be sized to limit the voltage over the device below the maximum
allowed.
DZ1
(optional,
see Note3)
D1
(optional,
see Note2)


Similar Part No. - MLX92241LUA-AAA-007

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX92241LUA-AAA-003 MELEXIS-MLX92241LUA-AAA-003 Datasheet
661Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-005 MELEXIS-MLX92241LUA-AAA-005 Datasheet
693Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-006 MELEXIS-MLX92241LUA-AAA-006 Datasheet
656Kb / 11P
   2-Wire Hall Effect Switch
More results

Similar Description - MLX92241LUA-AAA-007

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX92241LUA-AAA-006 MELEXIS-MLX92241LUA-AAA-006 Datasheet
656Kb / 11P
   2-Wire Hall Effect Switch
MLX92241-BAA-XXX MELEXIS-MLX92241-BAA-XXX Datasheet
947Kb / 22P
   2-Wire Hall Effect Switch
MLX92241 MELEXIS-MLX92241 Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-003 MELEXIS-MLX92241LUA-AAA-003 Datasheet
661Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LSE-AAA-008 MELEXIS-MLX92241LSE-AAA-008 Datasheet
735Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-005 MELEXIS-MLX92241LUA-AAA-005 Datasheet
693Kb / 11P
   2-Wire Hall Effect Switch
logo
Allegro MicroSystems
3161 ALLEGRO-3161_02 Datasheet
145Kb / 8P
   HALL-EFFECT SWITCH FOR 2-WIRE APPLICATIONS
A3163 ALLEGRO-A3163 Datasheet
162Kb / 10P
   HALL-EFFECT SWITCH FOR 2-WIRE APPLICATIONS
3161 ALLEGRO-3161 Datasheet
169Kb / 8P
   HALL-EFFECT SWITCH FOR 2-WIRE APPLICATIONS
logo
Texas Instruments
TMAG5124 TI1-TMAG5124 Datasheet
731Kb / 24P
[Old version datasheet]   TMAG5124 Hall Effect Switch With 2-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com