Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS41C16257C Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS41C16257C
Description  4Mb DRAM WITH FAST PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41C16257C Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS41C16257C Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS41C16257C Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS41C16257C Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41C16257C Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41C16257C Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41C16257C Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41C16257C Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41C16257C Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41C16257C Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
IS41C16257C
IS41LV16257C
Integrated Silicon Solution, Inc.
1
Rev. 00A
04/09/2010
Copyright © 2010 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without
notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the lat-
est version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be ex-
pected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications unless Integrated Silicon
Solution, Inc. receives written assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances
FEATURES
• Fastaccessandcycletime
• TTLcompatibleinputsandoutputs
• RefreshInterval:512cycles/8ms
• RefreshMode:RAS-Only, CAS-before-RAS
(CBR),andHidden
• JEDECstandardpinout
• Singlepowersupply:
5V±10%(IS41C16257C)
3.3V±10%(IS41LV16257C)
• ByteWriteandByteReadoperationvia
two CAS
• Lead-freeavailable
• Industrialtemperatureavailable
DESCRIPTION
The
ISSIIS41C16257C/IS41LV16257Cis262,144x16-
bit high-performance CMOS Dynamic Random Access
Memories.FastPageModeallows512randomaccesses
within a single row with access cycle time as short as 12
nsper16-bitword.TheByteWritecontrol,ofupperand
lowerbyte,makesthesedevicesidealforusein16-and
32-bit wide data bus systems.
ThesefeaturesmaketheIS41C16257C/IS41LV16257C
ideally suited for high band-width graphics, digital signal
processing, high-performance computing systems, and
peripheral applications.
TheIS41C16257C/IS41LV16257Carepackagedina40-
pin,400-milSOJandTSOP(TypeII).
ADVANCED INFORMATION
APRIL 2010
KEY TIMING PARAMETERS
Parameter
-35
-60
Unit
Max.RASAccessTime(trac)
35
60
ns
Max.CASAccessTime(tcac)
11
15
ns
Max.ColumnAddressAccessTime(taa)
18
30
ns
Min.FastPageModeCycleTime(tpc)
14
25
ns
Min.Read/WriteCycleTime(trc)
60
110
ns
256Kx16
4Mb DRAM WITH FAST PAGE MODE


Similar Part No. - IS41C16257C

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16257 ISSI-IS41C16257 Datasheet
160Kb / 17P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41C16257-35K ISSI-IS41C16257-35K Datasheet
160Kb / 17P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41C16257-35KI ISSI-IS41C16257-35KI Datasheet
160Kb / 17P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41C16257-35T ISSI-IS41C16257-35T Datasheet
160Kb / 17P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41C16257-35TI ISSI-IS41C16257-35TI Datasheet
160Kb / 17P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - IS41C16257C

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16256C ISSI-IS41C16256C Datasheet
475Kb / 22P
   4Mb DRAM WITH EDO PAGE MODE
IS41C16105C ISSI-IS41C16105C Datasheet
712Kb / 20P
   16Mb DRAM WITH FAST PAGE MODE
IS41C44052C ISSI-IS41C44052C Datasheet
411Kb / 17P
   16Mb DRAM WITH FAST PAGE MODE
logo
Austin Semiconductor
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
   1 MEG x 4 DRAM Fast Page Mode DRAM
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
   1 MEG x 4 DRAM Fast Page Mode DRAM
logo
List of Unclassifed Man...
M10B11664A ETC-M10B11664A Datasheet
1Mb / 15P
   64K X 16 DRAM FAST PAGE MODE
logo
Alliance Semiconductor ...
AS4C4M4F0 ALSC-AS4C4M4F0 Datasheet
274Kb / 18P
   5V 4M횞4 CMOS DRAM (Fast Page mode)
logo
Integrated Silicon Solu...
IS41C16100C ISSI-IS41C16100C Datasheet
615Kb / 22P
   16Mb DRAM WITH EDO PAGE MODE
IS41C44002C ISSI-IS41C44002C Datasheet
367Kb / 19P
   16Mb DRAM WITH EDO PAGE MODE
logo
Austin Semiconductor
AS4LC4M4 AUSTIN-AS4LC4M4 Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com