Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS41C16257C Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS41C16257C
Description  4Mb DRAM WITH FAST PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41C16257C Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS41C16257C Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41C16257C Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41C16257C Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41C16257C Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS41C16257C Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS41C16257C Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS41C16257C Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS41C16257C Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS41C16257C Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
IS41C16257C
IS41LV16257C
10
Integrated Silicon Solution, Inc.
Rev. 00A
04/09/2010
Notes:
1. An initial pause of 200 µs is required after power-up followed by eight RAS refresh cycle (RAS-OnlyorCBR)beforeproperdevice
operationisassured.TheeightRAS cycles wake-up should be repeated any time the tref refresh requirement is exceeded.
2. Vih(MIN)andVil(MAX)arereferencelevelsformeasuringtimingofinputsignals.Transitiontimes,aremeasuredbetweenVih
and Vil (or between Vil and Vih) and assume to be 1 ns for all inputs.
3. In addition to meeting the transition rate specification, all input signals must transit between Vih and Vil (or between Vil and Vih)
in a monotonic manner.
4. If CAS and RAS = Vih,dataoutputisHigh-Z.
5. IfCAS = Vil,dataoutputmaycontaindatafromthelastvalidREADcycle.
6. MeasuredwithaloadequivalenttooneTTLgateand50pF.
7. Assumesthattrcd
< trcd(MAX).Iftrcd is greater than the maximum recommended value shown in this table, trac will increase
by the amount that trcd exceeds the value shown.
8. Assumesthattrcd
trcd(MAX).
9. If CASisLOWatthefallingedgeofRAS,dataoutwillbemaintainedfromthepreviouscycle.Toinitiateanewcycleandclearthe
data output buffer, CAS and RAS must be pulsed for tcp.
10. Operation with the trcd(MAX)limitensuresthattrac(MAX)canbemet.trcd(MAX)isspecifiedasareferencepointonly;iftrcd
is greater than the specified trcd(MAX)limit,accesstimeiscontrolledexclusivelybytcac.
11. Operation within the trad(MAX)limitensuresthattrcd(MAX)canbemet.trad(MAX)isspecifiedasareferencepointonly;iftrad
is greater than the specified trad (MAX)limit,accesstimeiscontrolledexclusivelybytaa.
12.Eithertrch or trrhmustbesatisfiedforaREADcycle.
13. toff(MAX)definesthetimeatwhichtheoutputachievestheopencircuitcondition;itisnotareferencetoVoh or Vol.
14. twcs, trwd, tawd and tcwdarerestrictiveoperatingparametersinLATEWRITEandREAD-MODIFY-WRITEcycleonly.Iftwcs
twcs(MIN),thecycleisanEARLYWRITEcycleandthedataoutputwillremainopencircuitthroughouttheentirecycle.Iftrwd
trwd(MIN),tawd
tawd(MIN)andtcwd tcwd(MIN),thecycleisaREAD-WRITEcycleandthedataoutputwillcontaindataread
from the selected cell. If neither of the above conditions is met, the state of I/O (at access time and until CAS and RAS or OE go
back to Vih) is indeterminate. OEheldHIGHandWEtakenLOWafterCASgoesLOWresultinaLATEWRITE(OE-controlled)
cycle.
15.Outputparameter(I/O)isreferencedtocorrespondingCASinput,I/O0-I/O7byLCASandI/O8-I/O15byUCAS.
16.DuringaREADcycle,ifOEisLOWthentakenHIGHbeforeCASgoesHIGH,I/Ogoesopen.IfOEistiedpermanentlyLOW,a
LATEWRITEorREAD-MODIFY-WRITEisnotpossible.
17.WritecommandisdefinedasWE going low.
18.LATEWRITEandREAD-MODIFY-WRITEcyclesmusthavebothtod and toeh met (OEHIGHduringWRITEcycle)inorderto
ensurethattheoutputbufferswillbeopenduringtheWRITEcycle.TheI/OswillprovidethepreviouslywrittendataifCAS remains
LOWandOEistakenbacktoLOWaftertoeh is met.
19.TheI/OsareinopenduringREADcyclesoncetod or toff occur.
20.ThefirstχCASedgetotransitionLOW.
21.ThelastχCASedgetotransitionHIGH.
22.TheseparametersarereferencedtoCASleadingedgeinEARLYWRITEcyclesandWEleadingedgeinLATEWRITEorREAD-
MODIFY-WRITEcycles.
23.LastfallingχCAS edge to first rising χCAS edge.
24.LastrisingχCAS edge to next cycle’s last rising χCAS edge.
25.LastrisingχCAS edge to first falling χCAS edge.
26.EachχCAS must meet minimum pulse width.
27.LastχCAStogoLOW.
28.I/Oscontrolled,regardlessUCAS and LCAS.
29.The3nsminimumisaparameterguaranteedbydesign.
30.Enableson-chiprefreshandaddresscounters.


Similar Part No. - IS41C16257C

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16257 ISSI-IS41C16257 Datasheet
160Kb / 17P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41C16257-35K ISSI-IS41C16257-35K Datasheet
160Kb / 17P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41C16257-35KI ISSI-IS41C16257-35KI Datasheet
160Kb / 17P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41C16257-35T ISSI-IS41C16257-35T Datasheet
160Kb / 17P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41C16257-35TI ISSI-IS41C16257-35TI Datasheet
160Kb / 17P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - IS41C16257C

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16256C ISSI-IS41C16256C Datasheet
475Kb / 22P
   4Mb DRAM WITH EDO PAGE MODE
IS41C16105C ISSI-IS41C16105C Datasheet
712Kb / 20P
   16Mb DRAM WITH FAST PAGE MODE
IS41C44052C ISSI-IS41C44052C Datasheet
411Kb / 17P
   16Mb DRAM WITH FAST PAGE MODE
logo
Austin Semiconductor
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
   1 MEG x 4 DRAM Fast Page Mode DRAM
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
   1 MEG x 4 DRAM Fast Page Mode DRAM
logo
List of Unclassifed Man...
M10B11664A ETC-M10B11664A Datasheet
1Mb / 15P
   64K X 16 DRAM FAST PAGE MODE
logo
Alliance Semiconductor ...
AS4C4M4F0 ALSC-AS4C4M4F0 Datasheet
274Kb / 18P
   5V 4M횞4 CMOS DRAM (Fast Page mode)
logo
Integrated Silicon Solu...
IS41C16100C ISSI-IS41C16100C Datasheet
615Kb / 22P
   16Mb DRAM WITH EDO PAGE MODE
IS41C44002C ISSI-IS41C44002C Datasheet
367Kb / 19P
   16Mb DRAM WITH EDO PAGE MODE
logo
Austin Semiconductor
AS4LC4M4 AUSTIN-AS4LC4M4 Datasheet
2Mb / 19P
   4M x 4 CMOS DRAM WITH FAST PAGE MODE, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com