Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS43DR16128 Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS43DR16128
Description  2Gb (x16) DDR2 SDRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43DR16128 Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS43DR16128 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43DR16128 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43DR16128 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43DR16128 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43DR16128 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43DR16128 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS43DR16128 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS43DR16128 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS43DR16128 Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
IS43/46DR16128
Integrated Silicon Solution, Inc. – www.issi.com –
8
Rev. B, 09/6/2012
Truth Tables
Operation or timing that is not specified is illegal, and after such an event, in order to guarantee proper operation, the DRAM must
be powered down and then restarted through the specified initialization sequence before normal operation can continue.
Command Truth Table
Previous
Cycle
Current
Cycle
(Extended) Mode Register
H
H
L
L
L
L
BA
1, 2
Refresh (REF)
H
H
L
L
L
H
X
X
X
X
1
Self Refresh Entry
H
L
L
L
L
H
X
X
X
X
1, 8
H
X
X
X
L
H
H
H
Single Bank Precharge
H
H
L
L
H
L
BA
X
L
X
1, 2
Precharge All Banks
H
H
L
L
H
L
X
X
H
X
1
Bank Activate
H
H
L
L
H
H
BA
1, 2
Write
H
H
L
H
L
L
BA
X
L
Column 1, 2, 3, 10
Write with Auto Precharge
H
H
L
H
L
L
BA
X
H
Column 1, 2, 3, 10
Read
H
H
L
H
L
H
BA
X
L
Column 1, 2, 3, 10
Read with Auto Precharge
H
H
L
H
L
H
BA
X
H
Column 1, 2, 3, 10
No Operation (NOP)
H
X
L
H
H
H
X
X
X
X
1
Device Deselect
H
X
H
X
X
X
X
X
X
X
1
H
X
X
X
L
H
H
H
H
X
X
X
L
H
H
H
1,4
Power Down Exit
L
H
X
X
X
X
1, 4
X
1, 7, 8
Row Address
Power Down Entry
H
L
X
X
X
X
Sel Refresh Exit
L
H
X
X
X
BA2-BA0
A13-A11
A10 A9-A0
Notes
Opcode
Function
CKE
CS#
RAS#
CAS#
WE#
Notes:
1.
All DDR2 SDRAM commands are defined by states of CS#, RAS#, CAS#, WE# and CKE at the rising edge of the clock.
2.
Bank addresses BA0, BA1, and BA2 (BA) determine which bank is to be operated upon. For (E)MRS BA selects an (Extended) Mode Register.
3.
Burst reads or writes at BL=4 cannot be terminated or interrupted. See sections "Reads interrupted by a Read" and "Writes interrupted by a Write" for details.
4.
The Power Down Mode does not perform any refresh operations. The duration of Power Down is therefore limited by the refresh requirements
5.
The state of ODT does not affect the states described in this table. The ODT function is not available during Self Refresh.
6.
“X” means “H or L (but a defined logic level)”
7.
Self refresh exit is asynchronous.
8.
VREF must be maintained during Self Refresh operation.


Similar Part No. - IS43DR16128

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR16128-3DBI ISSI-IS43DR16128-3DBI Datasheet
580Kb / 26P
   2Gb (x16) DDR2 SDRAM
IS43DR16128-3DBL ISSI-IS43DR16128-3DBL Datasheet
580Kb / 26P
   2Gb (x16) DDR2 SDRAM
IS43DR16128-3DBLI ISSI-IS43DR16128-3DBLI Datasheet
580Kb / 26P
   2Gb (x16) DDR2 SDRAM
IS43DR16128A ISSI-IS43DR16128A Datasheet
993Kb / 26P
   Clock frequency up to 333MHz
More results

Similar Description - IS43DR16128

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR16128-3DBLI ISSI-IS43DR16128-3DBLI Datasheet
580Kb / 26P
   2Gb (x16) DDR2 SDRAM
logo
Alliance Semiconductor ...
MT47H128M16PK-25E ALSC-MT47H128M16PK-25E Datasheet
2Mb / 133P
   2Gb: x4, x8, x16 DDR2 SDRAM
logo
Micron Technology
MT47H128M16RT-25EIT MICRON-MT47H128M16RT-25EIT Datasheet
1Mb / 134P
   2Gb: x4, x8, x16 DDR2 SDRAM Features
logo
Hynix Semiconductor
H5PS2G43AFR HYNIX-H5PS2G43AFR Datasheet
521Kb / 40P
   2Gb DDR2 SDRAM
HY5PS2G431MP HYNIX-HY5PS2G431MP Datasheet
589Kb / 35P
   2Gb DDR2 SDRAM(DDP)
HY5PS2G431AMP HYNIX-HY5PS2G431AMP Datasheet
607Kb / 35P
   2Gb DDR2 SDRAM(DDP)
logo
List of Unclassifed Man...
SEU02G64B3BF2SA-25R ETC2-SEU02G64B3BF2SA-25R Datasheet
811Kb / 14P
   2GB DDR2 ??SDRAM DIMM
SEU02G64B3BH2MT-25R ETC2-SEU02G64B3BH2MT-25R Datasheet
711Kb / 14P
   2GB DDR2 ??SDRAM DIMM
logo
Elpida Memory
EBE21UE8AFSA ELPIDA-EBE21UE8AFSA Datasheet
259Kb / 29P
   2GB DDR2 SDRAM SO-DIMM
logo
White Electronic Design...
WV3HG2128M64EEU-D6 WEDC-WV3HG2128M64EEU-D6 Datasheet
191Kb / 11P
   2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com