Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0318.150H Datasheet(PDF) 4 Page - Littelfuse

Part # 0318.150H
Description  312/318 Series Lead-Free 3AG, Fast-Acting Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0318.150H Datasheet(HTML) 4 Page - Littelfuse

  0318.150H Datasheet HTML 1Page - Littelfuse 0318.150H Datasheet HTML 2Page - Littelfuse 0318.150H Datasheet HTML 3Page - Littelfuse 0318.150H Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
156
Cartridge and Axial Lead Fuses
©2008 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Revised: July 16, 2008
3AG > Fast Acting > 312/318 Series
312/318 Series
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com/series/312.html or 318.html for current information.
312 Series
318 Series
6.35
(.25")
32.72
(1.288")
31.75
(1.25")
6.985
(.275")
0.813
(.032")
39.68
(1.56")
.
Standard Length
12.70
(0.50”)
Short Lead Option
Axial Lead Material:
Tin Coated Copper
Product Characteristics
Dimensions
Packaging
Packaging Option
Quantity
Quantity &
Packaging Code
312 Series (Cartridge Type)
Bulk
5
VX
Bulk
100
Bulk
1000
MX
Bulk
1000
MXCC
Bulk
100
318 Series (Axial Leaded)
Bulk
5
VX
Bulk
100
Bulk
1000
MX
Bulk
1000
MXSL
Materials
Body: Glass
Cap:
Nickel–plated brass
Leads: Tin–plated Copper
Terminal Strength
Test Condition A
Solderability
2003-01 Annex A
Product Marking
Cap1:
Brand logo, current and voltage
ratings
Cap2:
Series and agency approval
marks
Operating
Temperature
Thermal
Shock
Vibration
Humidity
and Elevated temperature (40°C) for 240 hours
Salt Spray
Test Condition B
Part Numbering System
0312 xxxx M X CC
Quantity Code
Current Rating Code
Series
Refer to Amp Code column of
Electrical Characteristics Table
Option Codes
Packaging Code
X = Loose Pack
M = 1000
H = 100
V = 5
312 = Cartridge
318 = Axial Leaded
Blank = Standard Item
CC = Color Coded
SL = Short Lead Option (12.70 +/- 1.575 mm)
P = RoHS Compliant and Lead Free Indicator *
For additional information or information about
other available options, please contact Littelfuse.
*Note: All 312 / 318 series fuses are now sold
as RoHS compliant and Lead Free by default,
with or without the “P” indicator.
Measurements displayed in millimeters (inches)


Similar Part No. - 0318.150H

ManufacturerPart #DatasheetDescription
logo
Lumberg
0318 LUMBERG-0318 Datasheet
103Kb / 2P
   Rundsteckverbinder mit Schraubverschluss nach IEC 60130-9 und AISG-Spezifikation, IP 68
logo
Heyco.
0318 HEYCO-0318 Datasheet
100Kb / 1P
   HEYClip™ Nylon Arrow Clips
logo
Lumberg
0318 LUMBERG-0318 Datasheet
626Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0318 LUMBERG-0318 Datasheet
520Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0318 LUMBERG-0318 Datasheet
533Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
More results

Similar Description - 0318.150H

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0208.125DRT1P LITTELFUSE-0208.125DRT1P Datasheet
198Kb / 4P
   208 Series Lead-Free 2AG, Fast-Acting Fuse
2206 LITTELFUSE-2206 Datasheet
682Kb / 3P
   2206 Series, Lead-Free 2AG, Fast-Acting Fuse
038801.5MXEP LITTELFUSE-038801.5MXEP Datasheet
143Kb / 3P
   388 Series Lead-Free 3AG, METI B Fuse
0314.125HXP LITTELFUSE-0314.125HXP Datasheet
191Kb / 3P
   314/324 Series Lead-free 3AB, Fast-acting Fuse
322 LITTELFUSE-322 Datasheet
1Mb / 3P
   322/332 Series Lead-free 3AB, Very Fast-acting Fuse
467 LITTELFUSE-467 Datasheet
124Kb / 2P
   SlimLine Lead-Free 0603 Very Fast-Acting Fuse 467 Series
0313.010HXP LITTELFUSE-0313.010HXP Datasheet
211Kb / 4P
   313/315 Series Lead-Free 3AG, Slo-Blo짰 Fuse
03221.25HXP LITTELFUSE-03221.25HXP Datasheet
192Kb / 4P
   322/332 Series Lead-free 3AB, Very Fast-acting Fuse
logo
Bel Fuse Inc.
MRF BEL-MRF Datasheet
102Kb / 2P
   Fast Acting Radial Lead Micro Fuse Series
0ADBC BEL-0ADBC Datasheet
1Mb / 4P
   FAST ACTING FUSE SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com