Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

03152.25HXP Datasheet(PDF) 3 Page - Littelfuse

Part # 03152.25HXP
Description  313/315 Series Lead-Free 3AG, Slo-Blo짰 Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

03152.25HXP Datasheet(HTML) 3 Page - Littelfuse

  03152.25HXP Datasheet HTML 1Page - Littelfuse 03152.25HXP Datasheet HTML 2Page - Littelfuse 03152.25HXP Datasheet HTML 3Page - Littelfuse 03152.25HXP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
319
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
313/315 Series
3AG > Time Lag > 313/315 Series
Please refer to www.littelfuse.com/series/313.html
or /315.html for current information.
Average Time Current Curves
1000
100
10
1
0.1
0.01
0.05 0.1
1
10
100
1000
CURRENT IN AMPERES
Temperature Rerating Curve
A
B
A
B
Soldering Parameters - Wave Soldering
Dwell Time
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Time (Seconds)
Cooling Time
Preheat Time
Wave Parameter
Lead-Free Recommendation
Preheat:
(Depends on Flux Activation Temperature)
(Typical Industry Recommendation)
Temperature Minimum:
100
° C
Temperature Maximum:
150
° C
Preheat Time:
60-180 seconds
Solder PotTemperature:
260
° C Maximum
Solder DwellTime:
2-5 seconds
Recommended Hand-Solder Parameters:
Solder Iron Temperature: 350° C +/- 5°C
Heating Time: 5 seconds max.
Note: These devices are not recommended for IR or
Convection Reflow process.
Recommended Process Parameters:
A - For 313/315 Series, from 10mA to 150mA
B - For all other ampere ratings of 313/315 series


Similar Part No. - 03152.25HXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
03152.25H LITTELFUSE-03152.25H Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
03152.25H-ND LITTELFUSE-03152.25H-ND Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
More results

Similar Description - 03152.25HXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
313 LITTELFUSE-313 Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
02291.25HXP LITTELFUSE-02291.25HXP Datasheet
227Kb / 6P
   229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
2205 LITTELFUSE-2205 Datasheet
905Kb / 3P
   2205 Series, Lead-Free 2AG, Slo-Blo짰 Fuse
0229.375HXSP LITTELFUSE-0229.375HXSP Datasheet
227Kb / 6P
   229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
0325.010HXP LITTELFUSE-0325.010HXP Datasheet
163Kb / 4P
   325/326 Series Lead-Free 3AB, Slo-Blo짰 Fuse
0209.250MXP LITTELFUSE-0209.250MXP Datasheet
454Kb / 4P
   209 Series Lead-Free 2AG, Slo-Blo짰 (Time-Lag) Fuse
0375012.MXP LITTELFUSE-0375012.MXP Datasheet
263Kb / 1P
   3AG SLO-BLO FUSE Pb-FREE 1000 PACK
0375012.HXP LITTELFUSE-0375012.HXP Datasheet
265Kb / 1P
   3AG SLO-BLO FUSE Pb-FREE 100 PACK
038801.5MXEP LITTELFUSE-038801.5MXEP Datasheet
143Kb / 3P
   388 Series Lead-Free 3AG, METI B Fuse
0375012.M LITTELFUSE-0375012.M Datasheet
264Kb / 1P
   3AG SLO-BLO FUSE, M-PACKED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com