Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0318.500H Datasheet(PDF) 1 Page - Littelfuse

Part # 0318.500H
Description  312/318 Series Lead-Free 3AG, Fast-Acting Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0318.500H Datasheet(HTML) 1 Page - Littelfuse

  0318.500H Datasheet HTML 1Page - Littelfuse 0318.500H Datasheet HTML 2Page - Littelfuse 0318.500H Datasheet HTML 3Page - Littelfuse 0318.500H Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
153
Cartridge and Axial Lead Fuses
©2008 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Revised: July 16, 2008
3AG > Fast Acting > 312/318 Series
312/318 Series
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com/series/312.html or 318.html for current information.
312/318 Series Lead-Free 3AG, Fast-Acting Fuse
The 3AG Fast-Acting Fuse solves a broad range
of application requirements while offering reliable
performance and cost-effective circuit protection.
Agency Approvals
Agency
Agency File Number
Ampere Range
®
UL
E10480
AU1410
312 Series 10mA - 10A/
318 Series 31mA - 10A
312 Series 12A - 30A
®
LR 29862
312 Series 10mA - 30A
318 Series 31mA - 10A
PS
E
NBK040205-
E10480B/F
312/318 Series 1A - 10A
E10480
318 Series 12A - 30A
SU05001-
5005/5006/6005/6008
312/318 Series
1A/ 1.25A / 1.6A/
2A - 10A
312 Series 10mA - 10A
318 Series 31mA - 35A
Features
Electrical Characteristics for Series
Applications
®
UL
% of Ampere
Rating
Ampere Rating
OpeningTime
100%
.01 – 35
4 hours, Minimum
135%
.01 – 35
1 hour, Maximum
200%
.01 – 10
5 sec., Maximum
12 – 30
10 sec., Maximum
35
20 sec., Maximum
RoHS
Pb
Standard 248-14
and axial lead format
and with various forming
dimensions
Lead-free (except 10mA
and 31mA rated items)
Used as supplementary protection in appliance or
utilization equipment to provide individual protection for
components or internal circuits.
®
PS
E
Description


Similar Part No. - 0318.500H

ManufacturerPart #DatasheetDescription
logo
Lumberg
0318 LUMBERG-0318 Datasheet
103Kb / 2P
   Rundsteckverbinder mit Schraubverschluss nach IEC 60130-9 und AISG-Spezifikation, IP 68
logo
Heyco.
0318 HEYCO-0318 Datasheet
100Kb / 1P
   HEYClip™ Nylon Arrow Clips
logo
Lumberg
0318 LUMBERG-0318 Datasheet
626Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0318 LUMBERG-0318 Datasheet
520Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0318 LUMBERG-0318 Datasheet
533Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
More results

Similar Description - 0318.500H

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0208.125DRT1P LITTELFUSE-0208.125DRT1P Datasheet
198Kb / 4P
   208 Series Lead-Free 2AG, Fast-Acting Fuse
2206 LITTELFUSE-2206 Datasheet
682Kb / 3P
   2206 Series, Lead-Free 2AG, Fast-Acting Fuse
038801.5MXEP LITTELFUSE-038801.5MXEP Datasheet
143Kb / 3P
   388 Series Lead-Free 3AG, METI B Fuse
0314.125HXP LITTELFUSE-0314.125HXP Datasheet
191Kb / 3P
   314/324 Series Lead-free 3AB, Fast-acting Fuse
322 LITTELFUSE-322 Datasheet
1Mb / 3P
   322/332 Series Lead-free 3AB, Very Fast-acting Fuse
467 LITTELFUSE-467 Datasheet
124Kb / 2P
   SlimLine Lead-Free 0603 Very Fast-Acting Fuse 467 Series
0313.010HXP LITTELFUSE-0313.010HXP Datasheet
211Kb / 4P
   313/315 Series Lead-Free 3AG, Slo-Blo짰 Fuse
03221.25HXP LITTELFUSE-03221.25HXP Datasheet
192Kb / 4P
   322/332 Series Lead-free 3AB, Very Fast-acting Fuse
logo
Bel Fuse Inc.
MRF BEL-MRF Datasheet
102Kb / 2P
   Fast Acting Radial Lead Micro Fuse Series
0ADBC BEL-0ADBC Datasheet
1Mb / 4P
   FAST ACTING FUSE SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com