Selected language     English  ▼


LA7161BV Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LA7161BV
Description  VHF Band RF Modulator (US3, 4ch, JPN1, 2ch, TWN13ch compatible)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 1 page
background image
N2206 / 83105 MS OT B8-5998,B8-5997 NoA0006-1/8
LA7161BM/BV
Overview
The LA7161BM/BV is a VHF band RF module. It supports US3, 4ch, JPN1, 2ch, TWN13ch.
Functions
• RF VCO (AGC).
• RF Mixer.
• RF Buffer.
• Video clamp.
• White clip.
• Audio FM.
• 4V regulator.
• Reference OSC.
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
7.0
V
Allowable power dissipation
Pd max
Ta
≤ 75°C
350*
mW
Operating temperature
Topr
-20 to +75
°C
Storage temperature
Tstg
-55 to +150
°C
* Mounted to the glass epoxy resin made board (114.3mm
×76.1mm×1.6mm)
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended operating
voltage
VCC
5.0
V
Operating voltage range
VCC op
4.5 to 5.5
V
Ordering number : ENA0006
Monolithic Linear IC
VHF Band RF Modulator
(US3, 4ch, JPN1, 2ch,
TWN13ch compatible)
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl