Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA0006 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ENA0006
Description  VHF Band RF Modulator (US3, 4ch, JPN1, 2ch, TWN13ch compatible)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA0006 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ENA0006 Datasheet HTML 1Page - Sanyo Semicon Device ENA0006 Datasheet HTML 2Page - Sanyo Semicon Device ENA0006 Datasheet HTML 3Page - Sanyo Semicon Device ENA0006 Datasheet HTML 4Page - Sanyo Semicon Device ENA0006 Datasheet HTML 5Page - Sanyo Semicon Device ENA0006 Datasheet HTML 6Page - Sanyo Semicon Device ENA0006 Datasheet HTML 7Page - Sanyo Semicon Device ENA0006 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LA7161BM/BV
No.A0006-2/8
Electrical Characteristics/Operating Characteristics at Ta = 25
°C, VCC = 5.0V, Measured with US3ch unless
otherwise specified
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current drain 1
ICC1
No signal, pin 6 high
26
37
48
mA
Current drain 2
ICC2
No signal, pin 6 low
17
25
33
mA
Regulator voltage
Vreg
No signal
3.7
3.9
4.1
V
Antenna driver voltage
Vanton
Pin 6 high, 220
Ω load
3.2
3.5
3.8
V
RF type
Video carrier output US
Pus
No signal (Note 1)
85
87
89
dB
μ
Video carrier output JP
Pjp
No signal (Note 1)
84.5
86.5
88.5
dB
μ
Video carrier output TW
Ptwn
No signal (Note 1)
84
86
88
dB
μ
Audio carrier output ratio
P/S
S: fp+4.5MHz
14.5
16
17.5
dB
Audio 2
nd harmonic distortion
P/S2
S2: fp+2
×4.5MHz
50
65
dB
Audio 3
rd harmonic distortion
P/S3
S3: fp+3
×4.5MHz
45
55
dB
Chroma beat
P/CB
Vin = 3.58MHz , 0.6Vp-p
CB: fp+920kHz
65
72
dB
Video harmonic distortion
P/V2
Vin = 1MHz , 1Vp-p
V2: fp+2MHz
45
65
dB
Video type
Video modulation
Mp
Vin = Stair step, 1Vp-p
75
80
85
%
White clip level
(Max video modulation)
WCL
Vin = Stair step, 1.5Vp-p
88
93
98
%
Differential gain
DG
Vin = 10-Stair step, 1Vp-p
-5
5
%
Differential phase
DP
Vin = 10-Stair step, 1Vp-p
-5
5
Deg
Audio type
Audio modulation
Ms
Ain = 1kHz, 1Vp-p
(Note 2)
90
100
110
%
Maximum audio modulation
Msmx
THD<3%
400
%
Audio distortion
THD
Ain = 1 kHz, 1Vp-p
0.4
2
%
Audio S/N
AS/N
Ain = 1 kHz, 1Vp-p
Vin = Color bar, 1Vp-p
45
52
dB
Note 1:
9.5dB added to the RFOUT value measured with a analyzer of the input impedance of 50
Ω.
Note 2:
100% =
±25kHz modulation.
Cautions for use
• Set the variable L (between pins 9 and 10) of RFVCO so that the RF output frequency becomes 67.25MHz when
2.7 V is applied to V12 (pin 12) in the US4ch mode for the US specifications, 97.25MHz when 2.6V is applied to
V12 (pin 12) in the JPN2ch mode for the JPN specifications, and 211.25MHz when 2.5V is applied to V12 (pin
12) in the TWN13ch mode for the TWN specifications.
Set the C (pins 9-10) value of RF VCO, so that the V12 (pin 12) voltage difference
ΔV12 CH between US 4CH
and US3CH in the US specification and the V12 (pin 12) voltage difference
ΔV12CH between JPN2CH and
JPN1CH in the JPN specification becomes
ΔV12CH≤±0.25V. (This is necessary because the oscillation
frequency during free run (without PLL control) of PF VCO differs due to the floating capacity of pattern.)
• Handle pins 9 and 10 with care to prevent electrostatic breakdown because their high frequency characteristics
are extremely important.


Similar Part No. - ENA0006

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0029A SANYO-ENA0029A Datasheet
41Kb / 2P
   Amorphous Solar Cell Amorton
ENA0058A SANYO-ENA0058A Datasheet
41Kb / 2P
   Amorphous Solar Cell
ENA0076A SANYO-ENA0076A Datasheet
435Kb / 6P
   Varactor Diode for FM Receiver Electronic Tuning Applications
ENA0076A SANYO-ENA0076A Datasheet
435Kb / 6P
   Varactor Diode for FM Receiver Electronic Tuning Applications
ENA0098 SANYO-ENA0098 Datasheet
212Kb / 14P
   Bi-CMOS LSI Buit-in 80mW Headphone amplifier BTL 10W횞2ch Crass-D Audio Power Amplifier
More results

Similar Description - ENA0006

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7161BM SANYO-LA7161BM Datasheet
260Kb / 8P
   VHF Band RF Modulator (US3, 4ch, JPN1, 2ch,TWN13ch compatible)
LA79600GP SANYO-LA79600GP Datasheet
99Kb / 8P
   Monolithic Linear IC AV TRANSMITTER (US3, 4ch, JPN1, 2ch, TWN13ch compatible)
LA77000V SANYO-LA77000V Datasheet
209Kb / 8P
   Monolithic Linear IC VHF Band RF Modulator (US3, 4ch Compatible)
LA7161NV SANYO-LA7161NV_06 Datasheet
79Kb / 2P
   VHF Band RF Modulator (Supports US 3, 4ch, JPN 1, 2ch, TWN 13ch)
LA7160M SANYO-LA7160M Datasheet
39Kb / 3P
   VHF Band RF Modulator
LA7161V SANYO-LA7161V Datasheet
78Kb / 5P
   VHF Band RF Modulator
logo
New Japan Radio
NJM2519A NJRC-NJM2519A Datasheet
135Kb / 8P
   RF Modulator for VHF Band
NJM2536A NJRC-NJM2536A Datasheet
125Kb / 9P
   RF Modulator for VHF Band
logo
Sanyo Semicon Device
LA7172M SANYO-LA7172M Datasheet
68Kb / 3P
   UHF Band RF Modulator
LA7161NV SANYO-LA7161NV Datasheet
466Kb / 2P
   VHF Band RF Modulator(SUPPORTS US 3,4CH, JPN 1,2CH, TWN 13CH)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com