Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0313004.HXP Datasheet(PDF) 4 Page - Littelfuse

Part # 0313004.HXP
Description  313/315 Series Lead-Free 3AG, Slo-Blo짰 Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0313004.HXP Datasheet(HTML) 4 Page - Littelfuse

  0313004.HXP Datasheet HTML 1Page - Littelfuse 0313004.HXP Datasheet HTML 2Page - Littelfuse 0313004.HXP Datasheet HTML 3Page - Littelfuse 0313004.HXP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
320
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
313/315 Series
3AG > Time Lag > 313/315 Series
Please refer to www.littelfuse.com/series/313.html
or /315.html for current information.
Product Characteristics
Dimensions
313 000P Series
315 000P Series
6.35 (.25")
32.385
(1.275")
31.75
(1.25")
6.985 (.275")
38.1
(1.50") TYP.
Axial Lead Material: Tin coated copper.
0.813 (.032") (
- 15A)
1.016 (.040") (20 - 30A)
1
100
/
Packaging
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
Taping Width
313 Series
Bulk
N/A
1000
MX
N/A
Bulk
N/A
100
HX
N/A
315 Series
Bulk
N/A
1000
MX
N/A
Bulk
N/A
100
HX
N/A
Bulk
N/A
1000
MXB
N/A
Materials
Body: Glass
Cap: Nickel–plated brass
Leads: Tin–plated Copper
Terminal Strength
MIL-STD-202G, Method 211A, Test
Condition A
Solderability
Reference IEC 60127 Second Edition
2003-01 Annex A
Product Marking
Cap1: Brand logo, current and voltage
ratings
Cap2: Series and agency approval marks
Operating
Temperature
–55ºC to +125ºC
Thermal Shock
MIL-STD-202G, Method 107G, Test
Condition B: (5 cycles -65°C to +125°C)
Vibration
MIL-STD-202G, Method 201 A
Humidity
MIL-STD-202G, Method 103B, Test
Condition A: High RH (95%) and Elevated
temperature (40°C) for 240 hours
Salt Spray
MIL- STD-202G, Method 101D, Test
Condition B
Part Numbering System
0313
M X P
xxxx
Lead-free
Packaging Code
Quantity Code
Amp Code
Series
X = Filler
M = 1000
Refer to Amp Code column of
Electrical Characteristics Table


Similar Part No. - 0313004.HXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
031301.2H LITTELFUSE-031301.2H Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
031301.2HXP LITTELFUSE-031301.2HXP Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
031301.2MXP LITTELFUSE-031301.2MXP Datasheet
197Kb / 4P
   312/318 Series Lead-Free 3AG, Fast-Acting Fuse
031301.5H LITTELFUSE-031301.5H Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
031301.5HXID LITTELFUSE-031301.5HXID Datasheet
197Kb / 4P
   312/318 Series Lead-Free 3AG, Fast-Acting Fuse
More results

Similar Description - 0313004.HXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
313 LITTELFUSE-313 Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
02291.25HXP LITTELFUSE-02291.25HXP Datasheet
227Kb / 6P
   229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
2205 LITTELFUSE-2205 Datasheet
905Kb / 3P
   2205 Series, Lead-Free 2AG, Slo-Blo짰 Fuse
0229.375HXSP LITTELFUSE-0229.375HXSP Datasheet
227Kb / 6P
   229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
0325.010HXP LITTELFUSE-0325.010HXP Datasheet
163Kb / 4P
   325/326 Series Lead-Free 3AB, Slo-Blo짰 Fuse
0209.250MXP LITTELFUSE-0209.250MXP Datasheet
454Kb / 4P
   209 Series Lead-Free 2AG, Slo-Blo짰 (Time-Lag) Fuse
0375012.MXP LITTELFUSE-0375012.MXP Datasheet
263Kb / 1P
   3AG SLO-BLO FUSE Pb-FREE 1000 PACK
0375012.HXP LITTELFUSE-0375012.HXP Datasheet
265Kb / 1P
   3AG SLO-BLO FUSE Pb-FREE 100 PACK
038801.5MXEP LITTELFUSE-038801.5MXEP Datasheet
143Kb / 3P
   388 Series Lead-Free 3AG, METI B Fuse
0375012.M LITTELFUSE-0375012.M Datasheet
264Kb / 1P
   3AG SLO-BLO FUSE, M-PACKED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com