Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0324.500MXP Datasheet(PDF) 1 Page - Littelfuse

Part # 0324.500MXP
Description  314/324 Series Lead-free 3AB, Fast-acting Fuse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0324.500MXP Datasheet(HTML) 1 Page - Littelfuse

  0324.500MXP Datasheet HTML 1Page - Littelfuse 0324.500MXP Datasheet HTML 2Page - Littelfuse 0324.500MXP Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
321
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
314/324 Series
3AB > Fast Acting > 314/324 Series
Please refer to www.littelfuse.com/series/314.html
or /324.html for current information.
The 3AB Fast-Acting Fuse with ceramic body construction
permits higher interrupting ratings and voltage ratings. Ideal
for applications where high current loads are expected.
Agency Approvals
Agency
Agency File Number
Ampere Range
E10480
125mA - 15A
LR 29862
125mA - 20A
E10480
15A* - 40A
PS
E
NBK 030805 - E10480A-F
NBK 260106 - JP1021A/B
125mA - 30A
SU05001 -
6001/6002/6003/7006
125mA - 30 A
125mA - 30A
Features
Electrical Characteristics for Series
Applications
% of Ampere
Rating
Ampere Rating
OpeningTime
100%
125mA – 30A
4 hours, Minimum
135%
125mA – 30A
1 sec.., Maximum
200%
125mA – 12A
15 sec., Maximum
15A – 30A
30 sec., Maximum
Electrical Characteristic Specification by Item
Amp
Code
Ampere
Rating
(A)
Voltage
Rating
(V)
Interrupting
Rating
Nominal
Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 sec)
Agency Approvals
PS
E
.125
0.125
250
35A@250Vac
10KA@125Vac
10KA@125Vdc
6.20
0.00149
xx
x
.250
0.25
250
1.95
0.0140
xx
x
.375
0.375
250
0.820
0.050
xx
x
.500
0.5
250
0.500
0.115
xx
x
.750
0.75
250
0.250
0.466
xx
x
001.
1
250
100A@250Vac
10KA@125Vac
10KA@125Vdc
0.189
0.690
xx
xx
002.
2
250
0.0700
11.0
xx
xx
003.
3
250
0.0432
14.6
x
x
x
x
x
004.
4
250
750A@250Vac
10KA@125Vac
10KA@125Vdc
0.0470
10.4
x
x
x
x
x
005.
5
250
0.0300
26.0
x
x
x
x
x
006.
6
250
0.0240
45.0
x
x
x
x
x
007.
7
250
0.0187
71.0
x
x
x
x
x
008.
8
250
0.0153
105
x
x
x
x
x
010.
10
250
0.0105
206
x
x
x
x
x
012.
12
250
0.00760
570
xx
xx
015.
15
250
0.00505
292
xx
xx
015.*
15
280
0.00505
292
xx
020.
20
250
1000A@250Vac
200A@300Vac
10KA@125Vac
10KA@125Vdc
0.00355
631
x
x
x
x
020.*
20
280
0.00355
631
x
x
025.
25
250
100A@250Vac
1000@75Vdc
400@125Vac
400A@125Vdc
0.00235
1450
x
x
x
x
025.**
25
280
0.00235
1450
x
x
030.
30
250
0.00182
2490
xxxx
040.
40
250
1000A@250Vac
400A@150Vdc
0.0014
22925
x
x
Standard 248-14
and axial lead format
and with various
forming dimensions
Lead-free
Used as supplementary protection in appliance or
utilization equipment to provide individual protection for
components or internal circuits.
314/324 Series Lead-free 3AB, Fast-acting Fuse
PS
E
* 350A@280Vac interrupting rating available for 15A and 20A. ** 50A@280Vac for 25A. Add suffix ’280’. Example: 0324020.MX280P.
Description
Revised: July 15, 2009


Similar Part No. - 0324.500MXP

ManufacturerPart #DatasheetDescription
logo
Heyco.
0324 HEYCO-0324 Datasheet
100Kb / 1P
   HEYClip™ Nylon Arrow Clips
logo
Weidmuller
0324020000 WEIDMULLER-0324020000 Datasheet
1Mb / 52P
   SAK-series
0324120000 WEIDMULLER-0324120000 Datasheet
62Kb / 3P
   Disconnect and modular disconnect terminal, 10 mm짼, Screw connection, KrG, Medium yellow, TS 32
0324460000 WEIDMULLER-0324460000 Datasheet
1Mb / 52P
   SAK-series
0324460000 WEIDMULLER-0324460000 Datasheet
67Kb / 3P
   Special terminal, special connections, 4 mm짼, Screw connection, Polyamide, beige, TS 15
More results

Similar Description - 0324.500MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0314.125H LITTELFUSE-0314.125H Datasheet
57Kb / 1P
   3AB Fast-Acting Fuse 314/324 Series
322 LITTELFUSE-322 Datasheet
1Mb / 3P
   322/332 Series Lead-free 3AB, Very Fast-acting Fuse
03221.25HXP LITTELFUSE-03221.25HXP Datasheet
192Kb / 4P
   322/332 Series Lead-free 3AB, Very Fast-acting Fuse
508 LITTELFUSE-508 Datasheet
584Kb / 3P
   Lead-Free 3AB Fuse
0208.125DRT1P LITTELFUSE-0208.125DRT1P Datasheet
198Kb / 4P
   208 Series Lead-Free 2AG, Fast-Acting Fuse
2206 LITTELFUSE-2206 Datasheet
682Kb / 3P
   2206 Series, Lead-Free 2AG, Fast-Acting Fuse
0312.010V LITTELFUSE-0312.010V Datasheet
197Kb / 4P
   312/318 Series Lead-Free 3AG, Fast-Acting Fuse
0505015.MXEP LITTELFUSE-0505015.MXEP Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses 3AB > Fast-Acting > 505 Series
0505015.MXP LITTELFUSE-0505015.MXP Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses 3AB > Fast-Acting > 505 Series
0505016.MXP LITTELFUSE-0505016.MXP Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses 3AB > Fast-Acting > 505 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com