Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0324.750MXP Datasheet(PDF) 2 Page - Littelfuse

Part # 0324.750MXP
Description  314/324 Series Lead-free 3AB, Fast-acting Fuse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0324.750MXP Datasheet(HTML) 2 Page - Littelfuse

  0324.750MXP Datasheet HTML 1Page - Littelfuse 0324.750MXP Datasheet HTML 2Page - Littelfuse 0324.750MXP Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
322
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
314/324 Series
3AB > Fast Acting > 314/324 Series
Please refer to www.littelfuse.com/series/314.html
or /324.html for current information.
Average Time Current Curves
1000
100
10
1
0.1
0.01
0.1
1
10
100
1000
CURRENT IN AMPERES
Temperature Rerating Curve
Soldering Parameters - Wave Soldering
Dwell Time
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Time (Seconds)
Cooling Time
Preheat Time
Wave Parameter
Lead-Free Recommendation
Preheat:
(Depends on Flux Activation Temperature)
(Typical Industry Recommendation)
Temperature Minimum:
100
° C
Temperature Maximum:
150
° C
Preheat Time:
60-180 seconds
Solder PotTemperature:
260
° C Maximum
Solder DwellTime:
2-5 seconds
Recommended Hand-Solder Parameters:
Solder Iron Temperature: 350° C +/- 5°C
Note: These devices are not recommended for IR or
Convection Reflow process.
Recommended Process Parameters:


Similar Part No. - 0324.750MXP

ManufacturerPart #DatasheetDescription
logo
Heyco.
0324 HEYCO-0324 Datasheet
100Kb / 1P
   HEYClip™ Nylon Arrow Clips
logo
Weidmuller
0324020000 WEIDMULLER-0324020000 Datasheet
1Mb / 52P
   SAK-series
0324120000 WEIDMULLER-0324120000 Datasheet
62Kb / 3P
   Disconnect and modular disconnect terminal, 10 mm짼, Screw connection, KrG, Medium yellow, TS 32
0324460000 WEIDMULLER-0324460000 Datasheet
1Mb / 52P
   SAK-series
0324460000 WEIDMULLER-0324460000 Datasheet
67Kb / 3P
   Special terminal, special connections, 4 mm짼, Screw connection, Polyamide, beige, TS 15
More results

Similar Description - 0324.750MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0314.125H LITTELFUSE-0314.125H Datasheet
57Kb / 1P
   3AB Fast-Acting Fuse 314/324 Series
322 LITTELFUSE-322 Datasheet
1Mb / 3P
   322/332 Series Lead-free 3AB, Very Fast-acting Fuse
03221.25HXP LITTELFUSE-03221.25HXP Datasheet
192Kb / 4P
   322/332 Series Lead-free 3AB, Very Fast-acting Fuse
508 LITTELFUSE-508 Datasheet
584Kb / 3P
   Lead-Free 3AB Fuse
0208.125DRT1P LITTELFUSE-0208.125DRT1P Datasheet
198Kb / 4P
   208 Series Lead-Free 2AG, Fast-Acting Fuse
2206 LITTELFUSE-2206 Datasheet
682Kb / 3P
   2206 Series, Lead-Free 2AG, Fast-Acting Fuse
0312.010V LITTELFUSE-0312.010V Datasheet
197Kb / 4P
   312/318 Series Lead-Free 3AG, Fast-Acting Fuse
0505015.MXEP LITTELFUSE-0505015.MXEP Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses 3AB > Fast-Acting > 505 Series
0505015.MXP LITTELFUSE-0505015.MXP Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses 3AB > Fast-Acting > 505 Series
0505016.MXP LITTELFUSE-0505016.MXP Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses 3AB > Fast-Acting > 505 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com