Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0314006.MXP Datasheet(PDF) 3 Page - Littelfuse

Part # 0314006.MXP
Description  314/324 Series Lead-free 3AB, Fast-acting Fuse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0314006.MXP Datasheet(HTML) 3 Page - Littelfuse

  0314006.MXP Datasheet HTML 1Page - Littelfuse 0314006.MXP Datasheet HTML 2Page - Littelfuse 0314006.MXP Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
323
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
314/324 Series
3AB > Fast Acting > 314/324 Series
Please refer to www.littelfuse.com/series/314.html
or /324.html for current information.
Product Characteristics
Dimensions
Packaging
314 000P Series
324 000P Series
6.35 (.25")
32.72
(1.288")
31.75
(1.25")
6.985 (.275")
38.1
(1.50")TYP.
Axial Lead Material:Tin coated copper.
0.813 (.032") (
- 15A)
1.016 (.040") (20 - 30A)
1
8
/
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
Reel Size
314 Series
Bulk
N/A
5
VX
N/A
Bulk
N/A
100
N/A
Bulk
N/A
1000
MX
N/A
Bulk
N/A
1000
MX52L
N/A
Bulk
N/A
1000
MXCC
N/A
Bulk
N/A
1000
MX52LE
N/A
324 Series
Bulk
N/A
5
VX
N/A
Bulk
N/A
100
N/A
Bulk
N/A
1000
MX
N/A
Bulk
N/A
1000
MX280
N/A
Bulk
N/A
1000
MX52
N/A
Bulk
N/A
1000
MXF24
N/A
Materials
Body: Ceramic
Cap: Nickel–plated brass
Leads: Tin–plated Copper
Terminal Strength
MIL-STD-202G, Method 211A, Test
Condition A
Solderability
Reference IEC 60127 Second Edition
2003-01 Annex A
Product Marking
Cap1:
Brand logo, current and voltage
ratings
Cap2:
Series and agency approval
marks
Operating
Temperature
–55ºC to +125ºC
Thermal Shock
MIL-STD-202G, Method 107G, Test
Condition B: (5 cycles -65°C to +125°C)
Vibration
MIL-STD-202G, Method 201 A
Humidity
MIL-STD-202G, Method 103B, Test
temperature (40°C) for 240 hours
Salt Spray
MIL- STD-202G, Method 101D, Test
Condition B
Part Numbering System
0314
M X P
xxxx
Lead-free
Packaging Code
Quantity Code
Amp Code
Series
X = Filler
M = 1000
Refer to Amp Code column of
Electrical Characteristics Table


Similar Part No. - 0314006.MXP

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0314022400 MOLEX4-0314022400 Datasheet
720Kb / 6P
   2.54mm (.100") MX64??Sealed Single Row Crimp Housing, GET Terminal, Green, 2Circuits, Mating Part: Keying D, Lock None
0314022410 MOLEX4-0314022410 Datasheet
720Kb / 6P
   2.54mm (.100") MX64??Sealed Single Row Crimp Housing, GET Terminal, Green, 2Circuits, Mating Part: Keying D, Lock CPA
0314026100 MOLEX4-0314026100 Datasheet
857Kb / 7P
   2.54mm (.100") MX64??Sealed Single Row Crimp Housing, GET Terminal, Black, 6Circuits, Mating Part: Keying A, Lock None
0314026110 MOLEX4-0314026110 Datasheet
857Kb / 7P
   2.54mm (.100") MX64??Sealed Single Row Crimp Housing, GET Terminal, Black, 6Circuits, Mating Part: Keying A, Lock CPA
logo
Lumberg
031403 LUMBERG-031403 Datasheet
1Mb / 2P
   Rundsteckverbinder mit Schraubverschluss nach IEC 60130-9 und AISG-Spezifikation, IP 68
More results

Similar Description - 0314006.MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0314.125H LITTELFUSE-0314.125H Datasheet
57Kb / 1P
   3AB Fast-Acting Fuse 314/324 Series
322 LITTELFUSE-322 Datasheet
1Mb / 3P
   322/332 Series Lead-free 3AB, Very Fast-acting Fuse
03221.25HXP LITTELFUSE-03221.25HXP Datasheet
192Kb / 4P
   322/332 Series Lead-free 3AB, Very Fast-acting Fuse
508 LITTELFUSE-508 Datasheet
584Kb / 3P
   Lead-Free 3AB Fuse
0208.125DRT1P LITTELFUSE-0208.125DRT1P Datasheet
198Kb / 4P
   208 Series Lead-Free 2AG, Fast-Acting Fuse
2206 LITTELFUSE-2206 Datasheet
682Kb / 3P
   2206 Series, Lead-Free 2AG, Fast-Acting Fuse
0312.010V LITTELFUSE-0312.010V Datasheet
197Kb / 4P
   312/318 Series Lead-Free 3AG, Fast-Acting Fuse
0505015.MXEP LITTELFUSE-0505015.MXEP Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses 3AB > Fast-Acting > 505 Series
0505015.MXP LITTELFUSE-0505015.MXP Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses 3AB > Fast-Acting > 505 Series
0505016.MXP LITTELFUSE-0505016.MXP Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses 3AB > Fast-Acting > 505 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com