Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2535 Datasheet(PDF) 2 Page - ams AG

Part # AS2535
Description  Multi-Standard CMOS Single Chip Telephone IC with Dual Soft Clipping
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2535 Datasheet(HTML) 2 Page - ams AG

  AS2535 Datasheet HTML 1Page - ams AG AS2535 Datasheet HTML 2Page - ams AG AS2535 Datasheet HTML 3Page - ams AG AS2535 Datasheet HTML 4Page - ams AG AS2535 Datasheet HTML 5Page - ams AG AS2535 Datasheet HTML 6Page - ams AG AS2535 Datasheet HTML 7Page - ams AG AS2535 Datasheet HTML 8Page - ams AG AS2535 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
Rev. 7
July 1998
Data Sheet
AS2533...6
Pin Description
Pin #
Symbol
Function
23
M1
Microphone Inputs
24
M2
Differential inputs for the microphone (electret).
3RO
Receive Output
This is the output for driving a dynamic earpiece with an impedance of 140 to 300
Ω.
5A
GND
Analogue Ground
This is the analogue ground for the amplifiers.
28
RI
Receive Input
This is the input for the receive signal.
6
STB
Side Tone Balance Input
This is the input for side tone cancellation.
1LS
Line Current Sense Input
This is the input for sensing the line current.
27
LI
Line Input
This input is used for power extraction and line current sensing.
25
CS
Current Shunt Control Output
This N-channel open drain output controls the external high power shunt transistor for the
modulation of the line voltage and for shorting the line during make period of pulse dialling.
4V
DD
Positive Voltage Supply
This is the supply pin for the circuit.
26
V
SS
Negative Power Supply
8MO
Melody Output
PDM output of the melody generator for tone ringing. Hi-Z when not active.
21
FCI
Frequency Comparator Input
This is a Schmitt trigger input for ring frequency discrimination. Disabled during off-hook.
10
HS/DP
Hook Switch Input and Dial Pulse Output
This is an I/O that is pulled high by the hook switch when off-hook and an open drain pulls
it low during break periods of pulse dialling and flash.
11
OSC
Oscillator Input
Pin for ceramic resonator (3.58 MHz). Recommended: Murata CSA 3.58MG312AM.
9
LLC
Line Loss Compensation
Select pin for line loss compensation (see also figure 4 to 7).
LLC = A
GND: 20 - 50 mA
LLC = V
DD: 45 - 75 mA
LLC = V
SS: none.
22
LED
LED Output Driver
Output for driving an LED that will be flashing when in Programme/Mute state.
Continues…


Similar Part No. - AS2535

ManufacturerPart #DatasheetDescription
logo
ams AG
AS2535F AMSCO-AS2535F Datasheet
508Kb / 25P
   Multi-Standard CMOS Telephone IC for Basic Telephones
AS2535F AMSCO-AS2535F Datasheet
1Mb / 26P
   Multi-Standard CMOS Telephone IC for Basic Telephones
AS2535F AMSCO-AS2535F Datasheet
1Mb / 26P
   Rx and Tx soft clipping to avoid harsh distortion
logo
ARTSCHIP ELECTRONICS CO...
AS2535P ARTSCHIP-AS2535P Datasheet
861Kb / 25P
   Multi-Standard CMOS Single Chip Telephone IC
logo
ams AG
AS2535T AMSCO-AS2535T Datasheet
508Kb / 25P
   Multi-Standard CMOS Telephone IC for Basic Telephones
More results

Similar Description - AS2535

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
AS2533 ARTSCHIP-AS2533 Datasheet
861Kb / 25P
   Multi-Standard CMOS Single Chip Telephone IC
logo
ams AG
AS2533 AMSCO-AS2533_1 Datasheet
508Kb / 25P
   Multi-Standard CMOS Telephone IC for Basic Telephones
AS2533 AMSCO-AS2533_11 Datasheet
1Mb / 26P
   Multi-Standard CMOS Telephone IC for Basic Telephones
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
logo
Integral Corp.
IL2533 INTEGRAL-IL2533 Datasheet
969Kb / 27P
   MULTISTANDARD CMOS IC OF SINGLE CHIP PHONE WITH DOUBLE SOFT LIMITATION
logo
IC MICROSYSTEMS
ICM7102B ICMIC-ICM7102B Datasheet
364Kb / 12P
   LOW COST SINGLE CHIP TELEPHONE IC
logo
List of Unclassifed Man...
ICM7101D ETC-ICM7101D Datasheet
212Kb / 11P
   LOW COST SINGLE CHIP TELEPHONE IC
logo
IC MICROSYSTEMS
ICM7115 ICMIC-ICM7115 Datasheet
344Kb / 12P
   LOW COST SINGLE CHIP TELEPHONE IC WITH VOLUME CONTROL
logo
Sames
SA2532 SAMES-SA2532 Datasheet
583Kb / 22P
   VERSATILE SINGLE CHIP TELEPHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com