Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0312001.HXP Datasheet(PDF) 2 Page - Littelfuse

Part # 0312001.HXP
Description  312/318 Series Lead-Free 3AG, Fast-Acting Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0312001.HXP Datasheet(HTML) 2 Page - Littelfuse

  0312001.HXP Datasheet HTML 1Page - Littelfuse 0312001.HXP Datasheet HTML 2Page - Littelfuse 0312001.HXP Datasheet HTML 3Page - Littelfuse 0312001.HXP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
154
Cartridge and Axial Lead Fuses
©2008 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Revised: July 16, 2008
3AG > Fast Acting > 312/318 Series
312/318 Series
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com/series/312.html or 318.html for current information.
Amp
Code
Ampere
Rating (A)
Max
Voltage
Rating
(V)
Interrupting
Rating
Nominal
Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 sec)
Agency Approvals
®
UL
PS
E
®
.10*
0.01
250
10mA ~ 1A
35A@250Vac
10KA@125Vac
177.4000
NA
x**
x**
x**
.031*
0.031
250
23.6500
0.0000300
x
x
x
.062
0.062
250
24.7000
0.000249
x
x
x
.100
0.1
250
11.2800
0.00102
x
x
x
.125
0.125
250
7.1450
0.00289
x
x
x
.150
0.15
250
5.1300
0.00550
x
x
x
.175
0.175
250
3.8750
0.00960
x
x
x
.187
0.187
250
3.4200
0.0128
x
x
x
.200
0.2
250
3.0200
0.0165
x
x
x
.250
0.25
250
2.0100
0.0355
x
x
x
.300
0.3
250
1.4050
0.0689
x
x
x
.375
0.375
250
0.8250
0.185
x
x
x
.500
0.5
250
0.4980
0.483
x
x
x
.600
.6
250
0.3620
0.880
x
x
x
.750
0.75
250
0.2445
1.84
x
x
x
001
1
250
0.1900
0.760
x
x
x
x
x
1.25
1.25
250
1.25A ~ 3A
100A@250Vac
10KA@125Vac
0.1385
1.45
x
x
x
x
x
01.5
1.5
250
0.1036
2.35
x
x
x
x
01.6
1.6
250
0.0934
2.80
x
x
x
x
x
1.75
1.75
250
0.0856
3.60
x
x
x
x
01.8
1.8
250
0.0825
3.85
x
x
x
x
002
2
250
0.0704
5.20
x
x
x
x
x
2.25
2.25
250
0.0594
7.20
x
x
x
x
x
02.5
2.5
250
0.0513
9.54
x
x
x
x
x
003
3
250
0.0427
14.0
x
x
x
x
x
004
4
250
4A ~ 10A
200A@250Vac
10KA@125Vac
0.0293
28.5
x
x
x
x
x
005
5
250
0.0224
50.0
x
x
x
x
x
006
6
250
0.0178
118.0
x
x
x
x
x
007
7
250
0.0146
118.0
x
x
x
x
x
008
8
250
0.0122
166.0
x
x
x
x
x
010
10
250
0.0093
298.0
x
x
x
x
x
012
12
32
12A ~ 35A
300A@32 Vac
0.0072
234.6
x**
x***
x**
015
15
32
0.0052
490.5
x**
x***
x**
020
20
32
0.0035
1029
x**
x***
x**
025
25
32
0.0024
2041
x**
x***
x**
030
30
32
0.0019
3717
x**
x***
x**
035
35
32
0.0013
7531
NOTES:
** 312 Series only. Refer to Agency Approvals section of this document.
*** 318 Series only. Refer to Agency Approvals section of this document.
Electrical Characteristic Specifications by Item


Similar Part No. - 0312001.HXP

ManufacturerPart #DatasheetDescription
logo
Heyco.
0312 HEYCO-0312 Datasheet
73Kb / 1P
   Nylon Push-In and Thick Panel Push-In Fasteners
logo
Christian Bürkert GmbH ...
0312 BURKERT-0312 Datasheet
470Kb / 2P
   Operating Instructions
22.09.2017
logo
Mill-Max Mfg. Corp.
0312-0-15-01-34-01-10-0 MILL-MAX-0312-0-15-01-34-01-10-0 Datasheet
99Kb / 1P
   PIN RECEPTACLES for .032??- .046??diameter pins
0312-0-15-01-34-27-10-0 MILL-MAX-0312-0-15-01-34-27-10-0 Datasheet
99Kb / 1P
   PIN RECEPTACLES for .032??- .046??diameter pins
0312-0-15-15-34-27-10-0 MILL-MAX-0312-0-15-15-34-27-10-0 Datasheet
99Kb / 1P
   PIN RECEPTACLES for .032??- .046??diameter pins
More results

Similar Description - 0312001.HXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0208.125DRT1P LITTELFUSE-0208.125DRT1P Datasheet
198Kb / 4P
   208 Series Lead-Free 2AG, Fast-Acting Fuse
2206 LITTELFUSE-2206 Datasheet
682Kb / 3P
   2206 Series, Lead-Free 2AG, Fast-Acting Fuse
038801.5MXEP LITTELFUSE-038801.5MXEP Datasheet
143Kb / 3P
   388 Series Lead-Free 3AG, METI B Fuse
0314.125HXP LITTELFUSE-0314.125HXP Datasheet
191Kb / 3P
   314/324 Series Lead-free 3AB, Fast-acting Fuse
322 LITTELFUSE-322 Datasheet
1Mb / 3P
   322/332 Series Lead-free 3AB, Very Fast-acting Fuse
467 LITTELFUSE-467 Datasheet
124Kb / 2P
   SlimLine Lead-Free 0603 Very Fast-Acting Fuse 467 Series
0313.010HXP LITTELFUSE-0313.010HXP Datasheet
211Kb / 4P
   313/315 Series Lead-Free 3AG, Slo-Blo짰 Fuse
03221.25HXP LITTELFUSE-03221.25HXP Datasheet
192Kb / 4P
   322/332 Series Lead-free 3AB, Very Fast-acting Fuse
logo
Bel Fuse Inc.
MRF BEL-MRF Datasheet
102Kb / 2P
   Fast Acting Radial Lead Micro Fuse Series
0ADBC BEL-0ADBC Datasheet
1Mb / 4P
   FAST ACTING FUSE SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com