Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8410 Datasheet(PDF) 6 Page - ams AG

Part # AS8410
Description  PWM DC Motor Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8410 Datasheet(HTML) 6 Page - ams AG

Back Button AS8410 Datasheet HTML 2Page - ams AG AS8410 Datasheet HTML 3Page - ams AG AS8410 Datasheet HTML 4Page - ams AG AS8410 Datasheet HTML 5Page - ams AG AS8410 Datasheet HTML 6Page - ams AG AS8410 Datasheet HTML 7Page - ams AG AS8410 Datasheet HTML 8Page - ams AG AS8410 Datasheet HTML 9Page - ams AG AS8410 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
PWM DC Motor Regulator – Data Sheet
AS8410
Rev. 1.0, December 2000
page 6 of 19
Pinout and Package Description
Pin
Name
Typ
Description
1
Vpump
Output
Pumped supply voltage: Vpump = Vbat + 10 V
2
Pump_ctrl
Output
Connection of the capacitor Cp1 of the charge pump
3
Vbat
Power
positive supply voltage
4
VDD
Output
5V regulator output
5
MODE
Input
Selection of the operating mode
6
IN
Input
Set value input
7
OSC
Input
Connection of the reference current resistor (1 V output)
8
Cint2
Input
RC filter of the set value
9
Cint1
Input
Connection of the capacitor of the regulation loop
10
TP
Input
Temperature measurement input
11
CMp
Input
Motor current measurement input (positive side)
12
CMn
Input
Motor current measurement input (negative side)
13
SRC1
Input
Slew rate regulation input (rising edge)
14
SRC2
Input
Slew rate regulation input (falling edge)
15
GND
Power
Ground
16
OUT
Output
Power FET control output (Gate drive)
Fig 2.2 Pinning of the SOIC16 package


Similar Part No. - AS8410

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
AS8411 SUMIDA-AS8411 Datasheet
213Kb / 2P
   LF Transmitter Antenna
AS8411-125A SUMIDA-AS8411-125A Datasheet
213Kb / 2P
   LF Transmitter Antenna
AS8411-134A SUMIDA-AS8411-134A Datasheet
213Kb / 2P
   LF Transmitter Antenna
logo
ams AG
AS8412 AMSCO-AS8412 Datasheet
116Kb / 14P
   HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
AS8413 AMSCO-AS8413 Datasheet
125Kb / 15P
   HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
More results

Similar Description - AS8410

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62870 INTERSIL-ISL62870 Datasheet
483Kb / 16P
   PWM DC/DC Voltage Regulator Controller
logo
Renesas Technology Corp
ISL62870 RENESAS-ISL62870 Datasheet
884Kb / 17P
   PWM DC/DC Voltage Regulator Controller
logo
ams AG
AS8444 AMSCO-AS8444 Datasheet
45Kb / 1P
   Programmable PWM DC Motor Driver / Controller
AS8846 AMSCO-AS8846 Datasheet
1Mb / 35P
   Programmable PWM DC Motor Driver / Controller
logo
Shenzhen Huazhimei Semi...
HM3410C HMSEMI-HM3410C Datasheet
848Kb / 7P
   PWM/PFM control DC-DC buck regulator
logo
New Japan Radio
NJW4303 NJRC-NJW4303 Datasheet
345Kb / 28P
   PWM 3-PHASE DC BRUSHLESS MOTOR CONTROLLER
logo
Toshiba Semiconductor
TB67H450FNG TOSHIBA-TB67H450FNG Datasheet
495Kb / 22P
   PWM Chopper Type DC Brushed Motor Driver
3.0
logo
New Japan Radio
NJW4305 NJRC-NJW4305 Datasheet
157Kb / 1P
   PWM 3-PHASE DC BRUSHLESS MOTOR CONTROLLER
logo
Eutech Microelectronics...
EUM6867 EUTECH-EUM6867 Datasheet
81Kb / 1P
   PWM Pre Driver for DC Fan Motor
logo
Toshiba Semiconductor
TB67H410FTG TOSHIBA-TB67H410FTG Datasheet
1Mb / 26P
   PWM Chopper-Type Brushed DC Motor driver
2015-1-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com