Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8413 Datasheet(PDF) 8 Page - ams AG

Part # AS8413
Description  HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8413 Datasheet(HTML) 8 Page - ams AG

Back Button AS8413 Datasheet HTML 4Page - ams AG AS8413 Datasheet HTML 5Page - ams AG AS8413 Datasheet HTML 6Page - ams AG AS8413 Datasheet HTML 7Page - ams AG AS8413 Datasheet HTML 8Page - ams AG AS8413 Datasheet HTML 9Page - ams AG AS8413 Datasheet HTML 10Page - ams AG AS8413 Datasheet HTML 11Page - ams AG AS8413 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
High Performance Automotive Sonar Intrusion – Data Sheet
AS8413
March 2001
Page 8 of 15
Analog Conditioning
The analog front-end, composed of a preamplifier and a filter centered at 40 kHz, increases the
signal level and removes noise outside the bandpass. It is followed by a digitally-controlled AGC
amplifier, that keeps signal level at the VCAP output within prescribed levels. Finally, an envelope
detector extracts the information embedded in the amplified echo signal.
The front-end needs proper bias during power-up. That can be provided by an RC series circuit
to VDD, as shown at Fig. 2, or alternatively, by the pre-amplifier of Fig. 4.
VDD
100n
100k
To RX-Pin
Fig. 2 - Series-RC circuit at RX
The AS8413 has a wide dynamic range, to follow the signal fluctuations that occur in a large
variety of vehicles, sensors and environmental conditions. Only under extreme conditions, like in
a larger vehicle, an external pre-amplifier at RX may help to improve performance.
A practical way to verify if a pre-amplifier might be useful, is by monitoring the echo waveform at
VCAP. For measuring that voltage a FET-input buffer (input impedance at least 10
9 ohm) should
be used, as the output impedance at VCAP is very high.
A pre-amplifier that satisfies the bias requirements is shown at the Fig. 4. Its gain is around 8 dB.
0
10
20
30
40
T(ms)
Period = 44,4 ms
VCAP(V)
3,0V-4,2V
1,3V-1,8V
Fig. 3 - Waveform at VCAP


Similar Part No. - AS8413

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8410 AMSCO-AS8410 Datasheet
601Kb / 19P
   PWM DC Motor Regulator
logo
Sumida Corporation
AS8411 SUMIDA-AS8411 Datasheet
213Kb / 2P
   LF Transmitter Antenna
AS8411-125A SUMIDA-AS8411-125A Datasheet
213Kb / 2P
   LF Transmitter Antenna
AS8411-134A SUMIDA-AS8411-134A Datasheet
213Kb / 2P
   LF Transmitter Antenna
logo
ams AG
AS8412 AMSCO-AS8412 Datasheet
116Kb / 14P
   HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
More results

Similar Description - AS8413

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8412 AMSCO-AS8412 Datasheet
116Kb / 14P
   HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
logo
List of Unclassifed Man...
MB1000 ETC1-MB1000 Datasheet
1Mb / 12P
   High Performance Sonar Range Finder
logo
Murata Manufacturing Co...
MA58MF14-7N MURATA-MA58MF14-7N Datasheet
186Kb / 3P
   Back sonar for automotive
logo
C&K Components
KDS CK-COMPONENTS-KDS_V01 Datasheet
209Kb / 2P
   Intrusion Switches
2022
logo
ITT Industries
KDS ITT-KDS Datasheet
152Kb / 1P
   Intrusion Switches
logo
C&K Components
KDS CK-COMPONENTS-KDS Datasheet
130Kb / 1P
   Intrusion Switches
logo
Texas Instruments
TL851CDR TI1-TL851CDR Datasheet
585Kb / 13P
[Old version datasheet]   SONAR RANGING CONTROL
logo
List of Unclassifed Man...
SRM400 ETC2-SRM400 Datasheet
108Kb / 2P
   Sonar Ranging Module
logo
Texas Instruments
TL851CDR TI-TL851CDR Datasheet
585Kb / 13P
[Old version datasheet]   SONAR RANGING CONTROL
TL851 TI-TL851 Datasheet
82Kb / 6P
[Old version datasheet]   SONAR RANGING CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com