Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS521G Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # SCS521G
Description  100mA Surface Mount Schottky Barrier Rectifiers-30V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

SCS521G Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  SCS521G Datasheet HTML 1Page - WILLAS ELECTRONIC CORP SCS521G Datasheet HTML 2Page - WILLAS ELECTRONIC CORP SCS521G Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Application
Rectifying small power
Features
1) Ultra small mold type.
2)
Low VF
3) High reliability
Construction
Silicon epitaxial planer
Absolute maximum ratings (Ta=25°C)
Symbol
Unit
VR
V
Io
mA
IFSM
mA
Tj
Tstg
Parameter
Reverse voltage (DC)
verage rectified forward current
-40 to +125
Limits
30
100
ward current surge peak (60Hz・1cyc)
500
ion temperature
torage temperature
125
A
For
Junct
S
Electrical characteristics (Ta=25°C)
Symbol
M
in.
Typ.
Max.
Unit
VF
-
-
0.35
V
IF=10mA
IR
--
10
µA
VR=10V
Reverse current
Parameter
ward voltage
Conditions
For
SOD - 723
2
ANODE
1
CATHODE
Device
Marking
SCS521G
F
O
We declare that the material of product
compliance with RoHS requirements.
D evice M ark ing
2012-11
WILLAS ELECTRONIC CORP.
100mA Surface Mount Schottky Barrier Rectifiers-30V
SOD-723 Package
SCS521G
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, SOD-123H
Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.011 gram
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"


Similar Part No. - SCS521G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS521G SECOS-SCS521G Datasheet
220Kb / 2P
   Small Signal Schottky Barrier Diode
logo
CHENG-YI ELECTRONIC CO....
SCS521G CHENG-YI-SCS521G Datasheet
111Kb / 2P
   Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SCS521G SECOS-SCS521G_15 Datasheet
220Kb / 2P
   Small Signal Schottky Barrier Diode
More results

Similar Description - SCS521G

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SCS521CS-30T5G WILLAS-SCS521CS-30T5G Datasheet
405Kb / 3P
   100mA Surface Mount Schottky Barrier Rectifiers - 30V
SCS520G WILLAS-SCS520G Datasheet
444Kb / 3P
   100mA Surface Mount Schottky Barrier Rectifiers-30V
SCS520CS-30T5G WILLAS-SCS520CS-30T5G Datasheet
361Kb / 3P
   100mA Surface Mount Schottky Barrier Rectifiers - 30V
WB0130QRL WILLAS-WB0130QRL Datasheet
824Kb / 4P
   100mA Surface Mount Schottky Barrier Rectifiers - 30V
WB0130KRM WILLAS-WB0130KRM Datasheet
749Kb / 3P
   100mA Surface Mount Schottky Barrier Rectifiers - 30V
logo
SeCoS Halbleitertechnol...
SCS751LV-40 SECOS-SCS751LV-40 Datasheet
208Kb / 2P
   30V , 30mA Surface Mount Schottky Barrier Rectifiers
SCS521DZ SECOS-SCS521DZ Datasheet
230Kb / 2P
   0.1A , 30V Surface Mount Schottky Barrier Rectifiers
SCS230D SECOS-SCS230D Datasheet
103Kb / 2P
   0.2A , 30V Surface Mount Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
LL41 SUNMATE-LL41 Datasheet
240Kb / 2P
   100mA Surface Mount Schottky Barrier Diode
RB531S-30 SUNMATE-RB531S-30 Datasheet
248Kb / 3P
   100mA Surface Mount Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com